Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IW1689 Datasheet(PDF) 11 Page - Dialog Semiconductor

Part # IW1689
Description  Low-Power Off-line Digital PWM Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW1689 Datasheet(HTML) 11 Page - Dialog Semiconductor

Back Button IW1689 Datasheet HTML 7Page - Dialog Semiconductor IW1689 Datasheet HTML 8Page - Dialog Semiconductor IW1689 Datasheet HTML 9Page - Dialog Semiconductor IW1689 Datasheet HTML 10Page - Dialog Semiconductor IW1689 Datasheet HTML 11Page - Dialog Semiconductor IW1689 Datasheet HTML 12Page - Dialog Semiconductor IW1689 Datasheet HTML 13Page - Dialog Semiconductor IW1689 Datasheet HTML 14Page - Dialog Semiconductor IW1689 Datasheet HTML 15Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
iW1689
Low-Power Off-line Digital PWM Controller
Rev 2.0
iW1689
Page 11
NovembeR 7, 2012
()
900
900
82
10.9
ON
BULK MIN
ON
ON
Vs
T
V
Vs
T
V
Ts
m
m
m
=
=
=
From 10.8:
85% 25
10.9
10.35
RESET
RESET
T
ss
Ts
mm
m
=
×
=
Allowing a maximum forward voltage drop at the Schottky
diode of 0.7 V, substitute T
ON and
T
RESET
into equation
(10.10):
900
15.2
5.7 10.35
N =
=
×
Secondary and axuiliary turn:
PR
SEC
N
N
N
=
(10.11)
PR
AUX
AUX
OUT
NV
N
V
×
=
(10.12)
With NPR = 167, and N = 15, from equation 10.10:
167 11
15
SEC
N
turns
=
=
From equation 10.11:
13
11
5.7
25
AUX
AUX
V
N
V
N
turns
=
=
Primary RMS current: Primary current is a triangle of peak
amplitude I
PRPK at maximum duration TON.
It’s RMS on a
period T
P is:
3
PRPK
ON
PRRMS
P
I
T
I
T

= 

(10.13)
Substitute I
PRPK = 304 mA into equation (10.13)
304
10.9 115
25
3
PRRMS
I
mA
=
×
=
Selecting a switching MOSFET:
For a flyback converter, the MOSFET will be selected so that
V
DS is higher than the switching voltage plus the reflecting
secondary and spike voltage.
()
DS
BULK MAX
OUT
SPIKE
V
V
NV
V
>
++
(10.14)
If V
SPIKE = 100V, then from equation (10.14):
372 15 5.7 100 557
DS
VV
>
+
=
And I
DS > IPRPK = 304mA
Therefore, select a MOSFET = 600 V/0.4 A
The secondary current is a triangle of peak amplitude
I
SECPK = IPRPK x N at a maximum duration of TRESET. It’s RMS
value during a period T
P is:
3
RESET
SECRMS
PRPK
P
NT
I
I
T
=
×
×
(10.15)
Substituting I
PRPK = 304 mA into equation (10.15) yields:
0.304 15
10.35 1.694
25
3
SECRMS
IA
×
=
×=
The working voltage of the rectifier diode includes the output
voltage plus margin reverse voltage during the T
ON period. A
20% marginal voltage is suitable for safety:
()
120%
BULK MAX
DIODE
OUT
V
VV
N

=
+


372
1.2
5 35
15
DIODE
V
V

=
+=


Typically, we select the rated current of a Schottky diode
rectifier that is twice the output current value. With a known
value for I
SECRMS and VDIODE the rectifier diode will be selected
with ratings of 40 V and 3 A :
3 / 40
Diode
A
V
=
This maximum RMS current occurs at 130% of the
rated output load. Therefore, the wire size will based on
I
SECRMS/1.3.


Similar Part No. - IW1689

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW1680 DIALOG-IW1680 Datasheet
290Kb / 6P
   MediaTek Pump Express
More results

Similar Description - IW1689

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW1690 DIALOG-IW1690 Datasheet
879Kb / 13P
   Low-Power Off-line Digital PWM Controller
IW1692 DIALOG-IW1692 Datasheet
1Mb / 18P
   Low-Power Off-line Digital PWM Controller
logo
Renesas Technology Corp
IW1690 RENESAS-IW1690 Datasheet
847Kb / 13P
   Low-Power Off-line Digital PWM Controller
JANUARY 22, 2022
IW1692 RENESAS-IW1692 Datasheet
1Mb / 17P
   Low-Power Off-line Digital PWM Controller Rev.
Mar 2020
logo
Dialog Semiconductor
IW1707 DIALOG-IW1707 Datasheet
1Mb / 13P
   Low-Power Off-Line Digital Green-Mode PWM Controller
logo
Renesas Technology Corp
IW1676 RENESAS-IW1676 Datasheet
991Kb / 16P
   Low Power Off-Line Digital Green-Mode PWM Controller
18-Jan-2022
logo
Dialog Semiconductor
IW1706 DIALOG-IW1706 Datasheet
1Mb / 11P
   Low-Power Off-Line Digital Green-Mode PWM Controller
IW1696 DIALOG-IW1696 Datasheet
979Kb / 11P
   Low-Power Off-line Digital Green-Mode PWM Controller
logo
Renesas Technology Corp
IW1697 RENESAS-IW1697 Datasheet
958Kb / 12P
   Low-Power Off-Line Digital Green-Mode PWM Controller
January 18, 2022
IW1706 RENESAS-IW1706 Datasheet
972Kb / 15P
   Low-Power Off-Line Digital Green-Mode PWM Controller
22-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com