Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AR0141CSSM21SUEA0-TPBR Datasheet(PDF) 4 Page - ON Semiconductor

Part # AR0141CSSM21SUEA0-TPBR
Description  1/4-Inch Digital Image Sensor
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0141CSSM21SUEA0-TPBR Datasheet(HTML) 4 Page - ON Semiconductor

  AR0141CSSM21SUEA0-TPBR Datasheet HTML 1Page - ON Semiconductor AR0141CSSM21SUEA0-TPBR Datasheet HTML 2Page - ON Semiconductor AR0141CSSM21SUEA0-TPBR Datasheet HTML 3Page - ON Semiconductor AR0141CSSM21SUEA0-TPBR Datasheet HTML 4Page - ON Semiconductor AR0141CSSM21SUEA0-TPBR Datasheet HTML 5Page - ON Semiconductor AR0141CSSM21SUEA0-TPBR Datasheet HTML 6Page - ON Semiconductor AR0141CSSM21SUEA0-TPBR Datasheet HTML 7Page - ON Semiconductor AR0141CSSM21SUEA0-TPBR Datasheet HTML 8Page - ON Semiconductor AR0141CSSM21SUEA0-TPBR Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
AR0141CS/D Rev. 6, 4/16 EN
4
©Semiconductor Components Industries, LLC, 2016.
AR0141CS: 1/4-Inch Digital Image Sensor
General Description
General Description
The ON Semiconductor AR0141CS can be operated in its default mode or programmed
for frame size, exposure, gain, and other parameters. The default mode output is a 720p-
resolution image at 60 frames per second (fps). In linear mode, it outputs 12-bit raw
data, using either the parallel or serial (HiSPi) output ports. The device may be operated
in video (master) mode or in single frame trigger mode.
FRAME_VALID and LINE_VALID signals are output on dedicated pins, along with a
synchronized pixel clock in parallel mode.
The AR0141CS includes additional features to allow application-specific tuning:
windowing and offset, auto black level correction, and on-board temperature sensor.
Optional register information and histogram statistic information can be embedded in
the first and last 2 lines of the image frame.
.Functional Overview
The AR0141CS is a progressive-scan sensor that generates a stream of pixel data at a
constant frame rate. It uses an on-chip, phase-locked loop (PLL) that can be optionally
enabled to generate all internal clocks from a single master input clock running between
6 and 50 MHz. The maximum output pixel rate is 148.5 Mp/s, corresponding to a clock
rate of 74.25 MHz. Figure 1 shows a block diagram of the sensor.
Figure 1:
Block Diagram
User interaction with the sensor is through the two-wire serial bus, which communi-
cates with the array control, analog signal chain, and digital signal chain. The core of the
sensor is a 1.1 Mp Active- Pixel Sensor array. The timing and control circuitry sequences
through the rows of the array, resetting and then reading each row in turn. In the time
interval between resetting a row and reading that row, the pixels in the row integrate
Digital gain and
pedestal
12 bits
Parallel
HiSPi
12 or 10 b its
Row noise correction
Black level correction
Pixel defect correction
Test pattern generator
ADC data
Adaptive CD filter


Similar Part No. - AR0141CSSM21SUEA0-TPBR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR0141CSSM21SUEA0-TPBR ONSEMI-AR0141CSSM21SUEA0-TPBR Datasheet
733Kb / 48P
   1/4?릋nch Digital Image Sensor
October, 2017 ??Rev. 7
More results

Similar Description - AR0141CSSM21SUEA0-TPBR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR0543 ONSEMI-AR0543 Datasheet
1Mb / 74P
   1/4-Inch 5 Mp CMOS Digital Image Sensor
Rev. F Pub. 5/15 EN
logo
Micron Technology
MT9E001 MICRON-MT9E001 Datasheet
1Mb / 97P
   1/2.5-Inch CMOS Digital Image Sensor
logo
ON Semiconductor
AR0132AT ONSEMI-AR0132AT Datasheet
1Mb / 56P
   1/3-Inch CMOS Digital Image Sensor
Rev. 9, 2/16 EN
MT9M034 ONSEMI-MT9M034_16 Datasheet
1Mb / 53P
   1/3-Inch CMOS Digital Image Sensor
Rev. 8, 2/16 EN
AR0130CS ONSEMI-AR0130CS_16 Datasheet
1Mb / 49P
   1/3-Inch CMOS Digital Image Sensor
Rev. 12, 1/16 EN
MT9M034 ONSEMI-MT9M034_17 Datasheet
358Kb / 39P
   1/3-Inch CMOS Digital Image Sensor
May, 2017 ??Rev. 9
MT9M021-31 ONSEMI-MT9M021-31 Datasheet
873Kb / 34P
   1/3-Inch CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
AR0141 ONSEMI-AR0141 Datasheet
1Mb / 63P
   Inch Digital Image Sensor
Rev. D Pub. 6/15 EN
AR0141CS ONSEMI-AR0141CS_17 Datasheet
733Kb / 48P
   1/4?릋nch Digital Image Sensor
October, 2017 ??Rev. 7
logo
Micron Technology
MT9V011 MICRON-MT9V011 Datasheet
537Kb / 33P
   1/4-INCH VGA CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com