Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AR0230CSSC12SUEA0-DR Datasheet(PDF) 11 Page - ON Semiconductor

Part # AR0230CSSC12SUEA0-DR
Description  1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0230CSSC12SUEA0-DR Datasheet(HTML) 11 Page - ON Semiconductor

Back Button AR0230CSSC12SUEA0-DR Datasheet HTML 7Page - ON Semiconductor AR0230CSSC12SUEA0-DR Datasheet HTML 8Page - ON Semiconductor AR0230CSSC12SUEA0-DR Datasheet HTML 9Page - ON Semiconductor AR0230CSSC12SUEA0-DR Datasheet HTML 10Page - ON Semiconductor AR0230CSSC12SUEA0-DR Datasheet HTML 11Page - ON Semiconductor AR0230CSSC12SUEA0-DR Datasheet HTML 12Page - ON Semiconductor AR0230CSSC12SUEA0-DR Datasheet HTML 13Page - ON Semiconductor AR0230CSSC12SUEA0-DR Datasheet HTML 14Page - ON Semiconductor AR0230CSSC12SUEA0-DR Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
AR0230CS/D Rev. 9, 6/16 EN
11
©Semiconductor Components Industries, LLC,2016.
AR0230CS: 1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Pixel Data Format
Pixel Data Format
Pixel Array Structure
While the sensor's format is 1928 x1088, additional active columns and active rows are
included for use when horizontal or vertical mirrored readout is enabled, to allow
readout to start on the same pixel. The pixel adjustment is always performed for mono-
chrome or color versions. The active area is surrounded with optically transparent
dummy pixels to improve image uniformity within the active area. Not all dummy pixels
or barrier pixels can be read out.
Figure 5:
Pixel Array Description
10 barrier + 4 border pixels
Light dummy
pixel
Active pixel
10 barrier + 4 border pixels
1944
2 barrier + 6 border pixels
2 barrier + 6 border pixels
1116
19281 x 1088
5.78 mm x 3.26 mm


Similar Part No. - AR0230CSSC12SUEA0-DR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR0230CSSC12SUEA0-DR ONSEMI-AR0230CSSC12SUEA0-DR Datasheet
959Kb / 36P
   Full HD Digital Image Sensor
Rev. 8, Pub. 11/15 EN
AR0230CSSC12SUEA0-DR ONSEMI-AR0230CSSC12SUEA0-DR Datasheet
181Kb / 24P
   1/2.7?릋nch 2.1 Mp/Full HD Digital Image Sensor
August, 2017 ??Rev.11
More results

Similar Description - AR0230CSSC12SUEA0-DR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR0237 ONSEMI-AR0237 Datasheet
803Kb / 34P
   1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Rev. 3, 3/16 EN
AR0237CS ONSEMI-AR0237CS Datasheet
921Kb / 38P
   1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Rev. 4, 6/16 EN
AR023ZM ONSEMI-AR023ZM Datasheet
810Kb / 35P
   1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Rev. 1 Pub. 8/15 EN
AR0230CS ONSEMI-AR0230CS_17 Datasheet
181Kb / 24P
   1/2.7?릋nch 2.1 Mp/Full HD Digital Image Sensor
August, 2017 ??Rev.11
AR0238 ONSEMI-AR0238 Datasheet
288Kb / 26P
   2.1 Mp/Full HD Digital Image Sensor
October, 2017 ??Rev. 5
AR023Z ONSEMI-AR023Z Datasheet
948Kb / 35P
   Mp/Full HD Digital Image Sensor
Rev. 0, Pub. 9/15 EN
AR0331 ONSEMI-AR0331_17 Datasheet
496Kb / 52P
   AR0331 1/3?륤nch 3.1 Mp/Full HD Digital Image Sensor
March, 2017 ??Rev. 14
AR0230 ONSEMI-AR0230 Datasheet
959Kb / 36P
   Full HD Digital Image Sensor
Rev. 8, Pub. 11/15 EN
KAF-4320 ONSEMI-KAF-4320 Datasheet
791Kb / 25P
   Full HD Digital Image Sensor
April, 2015 ??Rev. 2
AR0331 ONSEMI-AR0331 Datasheet
2Mb / 72P
   Full HD Digital Image Sensor
Rev. L Pub. 5/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com