Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS82672SIPT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS82672SIPT
Description  600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS82672SIPT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS82672SIPT Datasheet HTML 4Page - Texas Instruments TPS82672SIPT Datasheet HTML 5Page - Texas Instruments TPS82672SIPT Datasheet HTML 6Page - Texas Instruments TPS82672SIPT Datasheet HTML 7Page - Texas Instruments TPS82672SIPT Datasheet HTML 8Page - Texas Instruments TPS82672SIPT Datasheet HTML 9Page - Texas Instruments TPS82672SIPT Datasheet HTML 10Page - Texas Instruments TPS82672SIPT Datasheet HTML 11Page - Texas Instruments TPS82672SIPT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
0
40
300 m
250 m
200 m
150 m
100 m
50 m
5 n
f - Frequency - MHz
Span = 4 MHz
350 m
400 m
450 m
500 m
V = 2.7 V
I
V = 4.2 V
I
V = 3.6 V
I
10
1
0.1
0.01
0.001
0.1
1
10
100
1000
f - Frequency - kHz
I
= 10 mA (PFM Mode)
OUT
I
= 150 mA (PWM Mode)
OUT
0
10
3.5 m
3 m
2.5 m
2 m
1.5 m
1 m
500 m
50 n
f - Frequency - MHz
Span = 1 MHz
5 m
4.5 m
5 m
V = 3.6 V
I
V = 2.7 V
I
V = 4.2 V
I
0.01
0.1
1
10
100
1000
f - Frequency - kHz
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
I
= 10 mA
PFM Operation
O
I
= 400 mA
PWM Operation
O
I
= 150 mA
PWM Operation
O
V -InputVoltage-V
I
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
2.7
3
3.3
3.6
3.9
4.2
4.5
4.8
T =85°C
A
T =25°C
A
T =-40°C
A
6
5.5
5
4.5
4
3.5
3
2.5
2.5
2.7
2.9
3.1 3.3
3.5
3.7
3.9
4.1
4.3 4.5
V - Input Voltage - V
I
I = 150 mA
O
I = 500 mA
O
I = 400 mA
O
I = 300 mA
O
8
TPS82670, TPS82671, TPS82672, TPS82673, TPS82674, TPS82675, TPS82676
TPS82677, TPS826711, TPS826716, TPS826721, TPS826745, TPS826765, TPS8267195
SLVSAI0J – OCTOBER 2010 – REVISED MAY 2016
www.ti.com
Product Folder Links: TPS82670 TPS82671 TPS82672 TPS82673 TPS82674 TPS82675 TPS82676 TPS82677
TPS826711 TPS826716 TPS826721 TPS826745 TPS826765 TPS8267195
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
8.6 Typical Characteristics
Figure 1. Quiescent Current vs. Input Voltage
VO = 1.8 V
Figure 2. PWM Switching Frequency vs. Input Voltage
VI = 3.6 V
VO = 1.8 V
(TPS82671)
Figure 3. Power Supply Rejection Ratio vs. Frequency
VO = 1.8 V
RL = 150 Ω
(TPS82671)
Figure 4. Spurious Output Noise (PFM Mode) vs. Frequency
VO = 1.8 V
RL = 12 Ω
(TPS82671)
Figure 5. Spurious Output Noise (PWM Mode) vs. Frequency
VI = 3.6 V
VO = 1.8 V
(TPS82671)
Figure 6. Output Spectral Noise Density vs. Frequency


Similar Part No. - TPS82672SIPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82672SIPT TI1-TPS82672SIPT Datasheet
876Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82672SIPT TI-TPS82672SIPT Datasheet
1,019Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82672SIPT TI1-TPS82672SIPT Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82672SIPT TI1-TPS82672SIPT Datasheet
824Kb / 26P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
More results

Similar Description - TPS82672SIPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82671 TI1-TPS82671 Datasheet
1Mb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI-TPS82670_12 Datasheet
1,019Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI1-TPS82670_17 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82671 TI1-TPS82671_11 Datasheet
949Kb / 28P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
APRIL2011
TPS82671_1111 TI1-TPS82671_1111 Datasheet
824Kb / 26P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI1-TPS82670 Datasheet
876Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82690 TI-TPS82690_15 Datasheet
1Mb / 26P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82690 TI1-TPS82690 Datasheet
886Kb / 23P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
TPS82692 TI1-TPS82692_16 Datasheet
2Mb / 32P
[Old version datasheet]   High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com