Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMIS-492X0 Datasheet(PDF) 3 Page - ON Semiconductor

Part # AMIS-492X0
Description  Fieldbus MAU
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AMIS-492X0 Datasheet(HTML) 3 Page - ON Semiconductor

  AMIS-492X0 Datasheet HTML 1Page - ON Semiconductor AMIS-492X0 Datasheet HTML 2Page - ON Semiconductor AMIS-492X0 Datasheet HTML 3Page - ON Semiconductor AMIS-492X0 Datasheet HTML 4Page - ON Semiconductor AMIS-492X0 Datasheet HTML 5Page - ON Semiconductor AMIS-492X0 Datasheet HTML 6Page - ON Semiconductor AMIS-492X0 Datasheet HTML 7Page - ON Semiconductor AMIS-492X0 Datasheet HTML 8Page - ON Semiconductor AMIS-492X0 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AMIS−492x0
www.onsemi.com
3
Table 1. PIN NUMBERS AND SIGNAL DESCRIPTION (continued)
Signal
Name
Description
I/O
(Note 1)
Pin
No.
SHUNT
8
AI
Control pin of the shunt regulator. Its sink current (25 mA max) is controlled so that the voltage at
SHSETIN is equal to VREF (1.18 V).
VSS/SGND
9
Ground
The Current absorbed by SHUNT pin (25 mA max) is fed to this pin, which must be connected to
the ground level.
VSS
10
Ground
Ground
VSS
11
Ground
Ground
SRSETIN
12
AI
Feedback (inverting) input for the series regulator. The series regulator controls its output (SRAO)
to make this input voltage is equal to VREF (1.18 V).
SRSET
13
AO
Divided voltage of VO output. Feeding this voltage into SRSETIN pin results in 3 V at VO pin.
SRAO
14
AO
Output pin of an operational amplifier for the series regulator.
SRTR
15
AI
Gate of a PMOS transistor for the series regulator.
VO
16
AO
Output pin of the series regulator (20 mA max).
VDD
17
Digital Supply
Supply voltage input for digital block.
VCC
18
Analog Supply
Analog supply voltage.
CRT
19
AI/O
Current integration to limit output slew rate.
VSS
20
Ground
Ground
VDRV
21
AO
Output of an operational amplifier for slew rate control. This signal can be fed to current driver.
VSS
22
Ground
Ground
CCINP
23
AI
Non-inverting input of an operational amplifier for transmission current driver.
CCINM
24
AI
Inverting input of an operational amplifier for transmission current driver.
CCOUT
25
AO
Output of an operational amplifier for transmission current driver.
MDS_CTRL
26
AI
For POL = VDD MDS_CTRL should = VSS
For POL = VSS MDS_CTRL can be tied to VDD or used as a not reset to control when transmit
communications will be enabled.
SIGIN
27
AI
Input pin of the band-pass filter. This pin si connected to VMID bias level with 270 k
W resistor.
HPF
28
AI
Feedback signal of high-pass filter. This pin si connected to the output of an op-amp for high pass
filter with 75 k
W resistor.
LPF
29
AI
Non-inverting input of an operational amplifier for the low-pass filter.
FLT
30
AI
Input pin of low-pass filter for feedback. This pin is connected to the output of the high-pass filter
through 20 k
W and the non-inverting input of the low-pass filter through 54 kW resisters.
FLTOUT
31
AO
Output of the operational amplifier for the low-pass filter. This signal is internally connected to
non-inverting input to form a voltage-follower.
CCD
32
AO
Current integration (for carrier detect circuit).
VSS
33
Ground
Ground
RXA
34
DO
MDS−MAU interface signal for received signal activity. This pin is a push-pull output.
RXS
35
DO
MDS−MAU interface signal for received signal. This pin is a push-pull output.
TXE
36
DIS
MDS−MAU interface signal for enable signal transmission (Schmitt Trigger input).
TXS
37
DIS
MDS−MAU interface signal for signal to be transmitted (Schmitt Trigger input).
POL
38
DIS
Selects polarity of TxE input. When this pin is connected to GND, TxE is active high. When this pin
is connected to VDD, TxE is active low.
VSS
39
Ground
Ground
VSS
40
Ground
Ground
VSS
41
Ground
Connect to ground.
VSS
42
Ground
Connect to ground.
VSS
43
Ground
Connect to ground.
VCC
44
Analog Supply
Analog supply voltage.
1. AI = Analog Input, AO = Analog Output, AI/O = Analog Input/Output, DIS = CMOS Digital Input (Schmitt Trigger), DO = CMOS Digital
Output.


Similar Part No. - AMIS-492X0

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS-492X0 ONSEMI-AMIS-492X0 Datasheet
533Kb / 22P
   Fieldbus MAU
June 2008 ??Rev. 6
More results

Similar Description - AMIS-492X0

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS-492X0 ONSEMI-AMIS-492X0 Datasheet
533Kb / 22P
   Fieldbus MAU
June 2008 ??Rev. 6
AMIS-49200 ONSEMI-AMIS-49200 Datasheet
248Kb / 19P
   Fieldbus MAU
July, 2013 ??Rev. 6
logo
AMI SEMICONDUCTOR
AMIS-49200 AMI-AMIS-49200 Datasheet
894Kb / 22P
   Fieldbus MAU Chip
logo
Pepperl+Fuchs Inc.
ICE1-16DI-G60L-V1D PF-ICE1-16DI-G60L-V1D Datasheet
871Kb / 4P
   Fieldbus module
ICE1-16DIO-G60L-V1D PF-ICE1-16DIO-G60L-V1D Datasheet
880Kb / 4P
   Fieldbus module
ICE1-8DI8DO-G60L-C1-V1D PF-ICE1-8DI8DO-G60L-C1-V1D Datasheet
873Kb / 4P
   Fieldbus module
ICE1-8DI8DO-G60L-V1D PF-ICE1-8DI8DO-G60L-V1D Datasheet
873Kb / 4P
   Fieldbus module
ICE1-16DIO-G60L-C1-V1D PF-ICE1-16DIO-G60L-C1-V1D Datasheet
878Kb / 4P
   Fieldbus module
KLD2-PR-EX1.IEC1 PF-KLD2-PR-EX1.IEC1 Datasheet
1Mb / 6P
   Fieldbus Power Repeater
2021-01-12
KLD2-FBPS-1.25.360 PF-KLD2-FBPS-1.25.360 Datasheet
944Kb / 5P
   Fieldbus Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com