Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISP1582 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # ISP1582
Description  Hi-Speed Universal Serial Bus peripheral controller
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1582 Datasheet(HTML) 4 Page - NXP Semiconductors

  ISP1582 Datasheet HTML 1Page - NXP Semiconductors ISP1582 Datasheet HTML 2Page - NXP Semiconductors ISP1582 Datasheet HTML 3Page - NXP Semiconductors ISP1582 Datasheet HTML 4Page - NXP Semiconductors ISP1582 Datasheet HTML 5Page - NXP Semiconductors ISP1582 Datasheet HTML 6Page - NXP Semiconductors ISP1582 Datasheet HTML 7Page - NXP Semiconductors ISP1582 Datasheet HTML 8Page - NXP Semiconductors ISP1582 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 66 page
background image
xxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx x xxxxxxxxxxxxxx xxxxxxxxxx xxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxx
xxxxx xxxxxx xx xxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxx xxxxxxx xxxxxxxxxxxxxxxxxxx
xxxxxxxxxxxxxxxx xxxxxxxxxxxxxx xxxxxx xx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxx xxxxx x x
Fig 1.
Block diagram.
1.5
k
12.0
k
VCC
004aaa199
ISP1582
MEMORY
MANAGEMENT
UNIT
INTEGRATED
RAM
(8 KBYTES)
SYSTEM
CONTROLLER
VOLTAGE
REGULATORS
POWER-ON
RESET
HI-SPEED USB
TRANSCEIVER
internal
reset
SoftConnect
analog supply
digital
supply
I/O pad
supply
MICRO-
CONTROLLER
HANDLER
MICRO-
CONTROLLER
INTERFACE
OTG SRP
MODULE
DMA
REGISTERS
DMA
HANDLER
DMA
INTERFACE
PHILIPS
SIE/PIE
INT
DATA[15:0]
A[7:0]
8
DACK
3.3 V
VCC(1V8)
SUSPEND
WAKEUP
AGND
DGND
3.3 V
RD_N
EOT
VCC(I/O)
16
1, 5
2
7
8
DREQ
DIOR
DIOW
910
11
12
13, 26,
29, 41
14
CS_N
WR_N
15
16
17
18 to 20,
22 to 25,
27
21, 34, 48
28, 50
30 to 33,
35 to 40,
42 to 47
12 MHz
XTAL2
XTAL1
to/from USB
DM
DP
VBUS
4
349
52
51
53, 54
55
56
6
RPU
RREF
RESET_N


Similar Part No. - ISP1582

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1582 NXP-ISP1582 Datasheet
364Kb / 69P
   Hi-Speed USB peripheral controller
Rev. 07-22 September 2008
ISP1582BS NXP-ISP1582BS Datasheet
364Kb / 69P
   Hi-Speed USB peripheral controller
Rev. 07-22 September 2008
More results

Similar Description - ISP1582

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1583 PHILIPS-ISP1583 Datasheet
420Kb / 87P
   Hi-Speed Universal Serial Bus peripheral controller
Rev. 03-12 July 2004
ISP1181B PHILIPS-ISP1181B Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 02-07 December 2004
ISP1181A PHILIPS-ISP1181A Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 05-08 December 2004
ISP1520BDGA NXP-ISP1520BDGA Datasheet
261Kb / 54P
   Hi-Speed Universal Serial Bus hub controller
Rev. 04-28 April 2006
ISP1520 PHILIPS-ISP1520 Datasheet
259Kb / 51P
   Hi-Speed Universal Serial Bus hub controller
Rev. 02-04 May 2004
ISP1521 PHILIPS-ISP1521 Datasheet
270Kb / 53P
   Hi-Speed Universal Serial Bus hub controller
Rev. 03-24 November 2004
ISP1507DBS NXP-ISP1507DBS Datasheet
378Kb / 74P
   ULPI Hi-Speed Universal Serial Bus host and peripheral transceiver
Rev. 01-28 May 2008
ISP1507C_ISP1507D NXP-ISP1507C_ISP1507D Datasheet
378Kb / 74P
   ULPI Hi-Speed Universal Serial Bus host and peripheral transceiver
Rev. 01-28 May 2008
ISP1563 PHILIPS-ISP1563 Datasheet
481Kb / 107P
   Hi-Speed Universal Serial Bus PCI Host Controller
Rev. 01-14 July 2005
SAF1562 NXP-SAF1562 Datasheet
454Kb / 97P
   Hi-Speed Universal Serial Bus PCI Host Controller
Rev. 01-7 February 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com