Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS82697 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS82697
Description  High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS82697 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS82697 Datasheet HTML 2Page - Texas Instruments TPS82697 Datasheet HTML 3Page - Texas Instruments TPS82697 Datasheet HTML 4Page - Texas Instruments TPS82697 Datasheet HTML 5Page - Texas Instruments TPS82697 Datasheet HTML 6Page - Texas Instruments TPS82697 Datasheet HTML 7Page - Texas Instruments TPS82697 Datasheet HTML 8Page - Texas Instruments TPS82697 Datasheet HTML 9Page - Texas Instruments TPS82697 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
TPS82692, TPS82693, TPS826951
TPS82697, TPS82698
SLVSBF8C – MARCH 2013 – REVISED MAY 2015
www.ti.com
7.4 Thermal Information
TPS82693/4/51/7/8/9
THERMAL METRIC(1)
UNIT
SIP (8-TERMINALS)
θJA
Junction-to-ambient thermal resistance
83
θJCtop
Junction-to-case (top) thermal resistance
53
θJB
Junction-to-board thermal resistance
-
°C/W
ψJT
Junction-to-top characterization parameter
-
ψJB
Junction-to-board characterization parameter
-
θJCbot
Junction-to-case (bottom) thermal resistance
-
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
7.5
Electrical Characteristics
Minimum and maximum values are at VIN = 2.3V to 5.5V, VOUT = 2.85V, EN = 1.8V, AUTO mode and TA = –40°C to 85°C;
Circuit of Parameter Measurement Information section (unless otherwise noted). Typical values are at VIN = 3.6V, VOUT =
2.85V, EN = 1.8V, AUTO mode and TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
TPS8269x
IO = 0mA. Device not switching
23
50
μA
Operating quiescent
IQ
current
TPS8269x
IO = 0mA, PWM mode
3.5
mA
I(SD)
Shutdown current
TPS8269x
EN = GND
0.2
7
μA
Undervoltage lockout
UVLO
TPS8269x
2.05
2.1
V
threshold
Protection
Thermal Shutdown
TPS8269x
140
°C
Thermal Shutdown
TPS8269x
10
°C
hysteresis
Peak Output Current
ILIM
TPS8269x
1000
mA
Limit
Short Circuit Output
ISC
TPS8269x
15
mA
Current Limit
ENABLE, MODE
VIH
High-level input voltage
1
V
VIL
Low-level input voltage
TPS8269x
0.4
V
Ilkg
Input leakage current
Input connected to GND or VIN
0.01
1.5
μA
OSCILLATOR
fSW
Oscillator frequency
TPS8269x
IO = 0mA, PWM mode. TA = 25°C
2.7
3
3.3
MHz
6
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TPS82692 TPS82693 TPS826951 TPS82697 TPS82698


Similar Part No. - TPS82697

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82697 TI1-TPS82697 Datasheet
886Kb / 23P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82697 TI-TPS82697 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
TPS826970SIPR TI-TPS826970SIPR Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
TPS826970SIPT TI-TPS826970SIPT Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
TPS82697SIP TI1-TPS82697SIP Datasheet
886Kb / 23P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
More results

Similar Description - TPS82697

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82692 TI-TPS82692_15 Datasheet
2Mb / 32P
[Old version datasheet]   TPS8269x High-Efficiency MicroSIP??Step-Down Converter (Profile <1mm)
TPS82690 TI-TPS82690_15 Datasheet
1Mb / 26P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82690 TI1-TPS82690 Datasheet
886Kb / 23P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
TPS82670 TI1-TPS82670_16 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82671 TI1-TPS82671 Datasheet
1Mb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI-TPS82670_12 Datasheet
1,019Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82671 TI1-TPS82671_11 Datasheet
949Kb / 28P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
APRIL2011
TPS82670 TI1-TPS82670_17 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82671_1111 TI1-TPS82671_1111 Datasheet
824Kb / 26P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com