Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJ7805-TO220-3L Datasheet(PDF) 2 Page - ZP Semiconductor

Part # CJ7805-TO220-3L
Description  TO-220-3L Plastic-Encapsulate Voltage Regulators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

CJ7805-TO220-3L Datasheet(HTML) 2 Page - ZP Semiconductor

  CJ7805-TO220-3L Datasheet HTML 1Page - ZP Semiconductor CJ7805-TO220-3L Datasheet HTML 2Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
1
2
3
4
5
6
0
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
0
5
10
15
20
25
30
35
0
1
2
3
4
5.8
6.0
6.2
6.4
6.6
6.8
7.0
7.2
7.4
7.6
3.2
3.6
4.0
4.4
4.8
5.2
5.6
-25
0
25
50
75
100
125
0
1
2
3
4
5
6
7
0.0
0.3
0.6
0.9
1.2
1.5
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
0
5
10
15
20
25
30
35
0
1
2
3
4
5
6
7
V
IN
=10V
T
J
=25℃
Pulsed
Current Cut-off Grid Voltage
OUTPUT CURRENT
I
O
(A)
JUNCTION TEMPERATURE
T
J
(
)
Power Derating Curve
I
O
=0mA
T
J
=25℃
Pulsed
Quiescent Current
INPUT VOLTAGE
V
IN
(V)
Output
Characteristics
I
O
=1
.5A
I
O
=1
A
I
O
=0
.5A
I
O
=0
A
Dropout Characteristics
INPUT VOLTAGE
V
IN
(V)
T
J
=25℃
Pulsed
V
IN
=10V
I
O
=500mA
Pulsed
Output Voltage vs Ambient Temperature
AMBIENT TEMPERATURE
T
a
(
)
V
IN
=10V
T
J
=25℃
Pulsed
OUTPUT CURRENT
I
O
(A)
Quiescent Current vs Output Current
I
O
=0mA
T
J
=25℃
Pulsed
INPUT VOLTAGE
V
IN
(V)
2 of 2
sales@zpsemi.com
www.zpsemi.com
CJ7805


Similar Part No. - CJ7805-TO220-3L

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJ7805-TO2513L ZPSEMI-CJ7805-TO2513L Datasheet
1Mb / 2P
   TO-251-3L/TO-252-2L Plastic-Encapsulate Voltage Regulators
CJ7805-TO263-2L ZPSEMI-CJ7805-TO263-2L Datasheet
684Kb / 1P
   TO-263-2L Plastic-Encapsulate Voltage Regulators
More results

Similar Description - CJ7805-TO220-3L

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJ7808 ZPSEMI-CJ7808 Datasheet
1Mb / 2P
   TO-220-3L Plastic-Encapsulate Voltage Regulators
CJ7812-TO220-3L ZPSEMI-CJ7812-TO220-3L Datasheet
1,001Kb / 2P
   TO-220-3L Plastic-Encapsulate Voltage Regulators
CJ7905-TO220-3L ZPSEMI-CJ7905-TO220-3L Datasheet
493Kb / 1P
   TO-220-3L Plastic-Encapsulate Voltage Regulators
CJ7906 ZPSEMI-CJ7906 Datasheet
659Kb / 1P
   TO-220-3L Plastic-Encapsulate Voltage Regulators
CJ7806-TO220-3L ZPSEMI-CJ7806-TO220-3L Datasheet
936Kb / 2P
   TO-220-3L Plastic-Encapsulate Voltage Regulators
CJ7805H ZPSEMI-CJ7805H Datasheet
604Kb / 1P
   TO-220-3L Plastic-Encapsulate Voltage Regulators
CJ7908-TO220-3L ZPSEMI-CJ7908-TO220-3L Datasheet
661Kb / 1P
   TO-220-3L Plastic-Encapsulate Voltage Regulators
CJ7806H ZPSEMI-CJ7806H Datasheet
535Kb / 1P
   TO-220-3L Plastic-Encapsulate Voltage Regulators
CJ78M05-TO220-3L ZPSEMI-CJ78M05-TO220-3L Datasheet
356Kb / 1P
   TO-220-3L Plastic-Encapsulate Regulators
CJ78M09-TO220-3L ZPSEMI-CJ78M09-TO220-3L Datasheet
647Kb / 1P
   TO-220-3L Plastic-Encapsulate Regulators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com