Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS79325DBVREP Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS79325DBVREP
Description  ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS79325DBVREP Datasheet(HTML) 2 Page - Texas Instruments

  TPS79325DBVREP Datasheet HTML 1Page - Texas Instruments TPS79325DBVREP Datasheet HTML 2Page - Texas Instruments TPS79325DBVREP Datasheet HTML 3Page - Texas Instruments TPS79325DBVREP Datasheet HTML 4Page - Texas Instruments TPS79325DBVREP Datasheet HTML 5Page - Texas Instruments TPS79325DBVREP Datasheet HTML 6Page - Texas Instruments TPS79325DBVREP Datasheet HTML 7Page - Texas Instruments TPS79325DBVREP Datasheet HTML 8Page - Texas Instruments TPS79325DBVREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
www.ti.com
10
100
1 k
10 k
10
40
80
100 k
1 M
10 M
f − Frequency − Hz
TPS79328
RIPPLE REJECTION
vs
FREQUENCY
IO = 10 mA
50
0
VI = 3.8 V
Co = 10 µF
C(byp) = 0.01 µF
IO = 200 mA
20
30
60
70
90
100
0
0.05
0.1
0.15
0.2
0.25
0.3
100
1 k
10 k
100 k
f − Frequency − Hz
IO = 1 mA
VI = 3.8 V
Co = 2.2 µF
C(byp) = 0.1 µF
IO = 200 mA
TPS79328
OUTPUT SPECTRAL NOISE DENSITY
vs
FREQUENCY
TPS79301-EP,, TPS79318-EP,, TPS79325-EP,, TPS79328-EP
TPS793285-EP, TPS79330-EP, TPS79333-EP, TPS793475-EP
SGLS163B – APRIL 2003 – REVISED NOVEMBER 2006
AVAILABLE OPTIONS
TJ
VOLTAGE
PACKAGE
PART NUMBER
SYMBOL
1.2 to 5.5 V
TPS79301DBVREP(1)
PGVE
1.8 V
TPS79318DBVREP(1)
PHHE
2.5 V
TPS79325DBVREP(1)
PGWE
2.8 V
TPS79328DBVREP(1)(2)
PGXE
–40
°C to 125°C
SOT23
2.85 V
TPS793285DBVREP(1)(2)
PHIE
(DBV)
3 V
TPS79330DBVREP(1)(2)
PGYE
3.3 V
TPS793333DBVREP(1)
PHUE
4.75 V
TPS793475DBVREP(1)
PHJE
–55
°C to 125°C
1.2 to 5.5 V
TPS79301MDBVREP(1)
PMBM
(1)
The DBVR indicates tape and reel of 3000 parts.
(2)
Product preview
2
Submit Documentation Feedback


Similar Part No. - TPS79325DBVREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79325DBVREP TI1-TPS79325DBVREP Datasheet
786Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS79325DBVREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS793-Q1 TI1-TPS793-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast RF 200-mA Low-Dropout Linear Regulators
TPS79301DBVRG4Q1 TI-TPS79301DBVRG4Q1 Datasheet
879Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP Datasheet
786Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79501 TI-TPS79501 Datasheet
432Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS795XX TI-TPS795XX Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS79133-EP TI-TPS79133-EP Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79147-EP TI-TPS79147-EP_15 Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101-EP TI1-TPS79101-EP_16 Datasheet
1,015Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com