Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61SF6432 Datasheet(PDF) 10 Page - Integrated Circuit Solution Inc

Part # IS61SF6432
Description  64K x 32 SYNCHRONOUS FLOW-THROUGH STATIC RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IS61SF6432 Datasheet(HTML) 10 Page - Integrated Circuit Solution Inc

Back Button IS61SF6432 Datasheet HTML 6Page - Integrated Circuit Solution Inc IS61SF6432 Datasheet HTML 7Page - Integrated Circuit Solution Inc IS61SF6432 Datasheet HTML 8Page - Integrated Circuit Solution Inc IS61SF6432 Datasheet HTML 9Page - Integrated Circuit Solution Inc IS61SF6432 Datasheet HTML 10Page - Integrated Circuit Solution Inc IS61SF6432 Datasheet HTML 11Page - Integrated Circuit Solution Inc IS61SF6432 Datasheet HTML 12Page - Integrated Circuit Solution Inc IS61SF6432 Datasheet HTML 13Page - Integrated Circuit Solution Inc IS61SF6432 Datasheet HTML 14Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
IS61SF6432
10
Integrated Circuit Solution Inc.
SSR004-0B
WRITE CYCLE SWITCHING CHARACTERISTICS
(Over Operating Range)
-9
-10
Symbol
Parameter
Min. Max.
Min.
Max.
Unit
tKC
Cycle Time
13
15
ns
tKH
Clock High Time
6
6
ns
tKL
Clock Low Time
6
6
ns
tAS
Address Setup Time
2.5
2.5
ns
tSS
Address Status Setup Time
2.5
2.5
ns
tWS
Write Setup Time
2.5
2.5
ns
tDS
Data In Setup Time
2.5
2.5
ns
tCES
Chip Enable Setup Time
2.5
2.5
ns
tAVS
Address Advance Setup Time
2.5
2.5
ns
tAH
Address Hold Time
1
1
ns
tSH
Address Status Hold Time
0.5
0.5
ns
tDH
Data In Hold Time
0.5
0.5
ns
tWH
Write Hold Time
0.5
0.5
ns
tCEH
Chip Enable Hold Time
0.5
0.5
ns
tAVH
Address Advance Hold Time
0.5
0.5
ns
tCFG
Configuration Setup
(1)
52
60
ns
Notes:
1. Configuration signal MODE is static and must not change during normal operation.


Similar Part No. - IS61SF6432

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61SF12832 ISSI-IS61SF12832 Datasheet
112Kb / 16P
   128K x 32, 128K x 36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61SF12832-10B ISSI-IS61SF12832-10B Datasheet
112Kb / 16P
   128K x 32, 128K x 36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61SF12832-10TQ ISSI-IS61SF12832-10TQ Datasheet
112Kb / 16P
   128K x 32, 128K x 36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61SF12832-10TQI ISSI-IS61SF12832-10TQI Datasheet
112Kb / 16P
   128K x 32, 128K x 36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61SF12832-12B ISSI-IS61SF12832-12B Datasheet
112Kb / 16P
   128K x 32, 128K x 36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
More results

Similar Description - IS61SF6432

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LF6432A ISSI-IS61LF6432A Datasheet
91Kb / 16P
   64K x 32, 64Kx36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
61S6432 ISSI-61S6432 Datasheet
140Kb / 19P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Circuit Solu...
IS61S6432 ICSI-IS61S6432 Datasheet
511Kb / 20P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
IS61LV6432 ICSI-IS61LV6432 Datasheet
487Kb / 16P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
IC61S6432 ICSI-IC61S6432 Datasheet
169Kb / 21P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Silicon Solu...
IS61LP6432A ISSI-IS61LP6432A Datasheet
110Kb / 17P
   64K x 32, 64K x 36 SYNCHRONOUS PIPELINED STATIC RAM
logo
Motorola, Inc
MCM69F618C MOTOROLA-MCM69F618C Datasheet
203Kb / 12P
   64K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
logo
Integrated Silicon Solu...
IS61SF12832 ISSI-IS61SF12832 Datasheet
112Kb / 16P
   128K x 32, 128K x 36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Motorola, Inc
MCM63F733A MOTOROLA-MCM63F733A Datasheet
234Kb / 16P
   128K x 32 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
logo
Cypress Semiconductor
CYM1831 CYPRESS-CYM1831 Datasheet
246Kb / 8P
   64K x 32 Static RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com