Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS80032A2ABYFFR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS80032A2ABYFFR
Description  Fully Integrated Power Management With Power Path and Battery Charger
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS80032A2ABYFFR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS80032A2ABYFFR Datasheet HTML 3Page - Texas Instruments TPS80032A2ABYFFR Datasheet HTML 4Page - Texas Instruments TPS80032A2ABYFFR Datasheet HTML 5Page - Texas Instruments TPS80032A2ABYFFR Datasheet HTML 6Page - Texas Instruments TPS80032A2ABYFFR Datasheet HTML 7Page - Texas Instruments TPS80032A2ABYFFR Datasheet HTML 8Page - Texas Instruments TPS80032A2ABYFFR Datasheet HTML 9Page - Texas Instruments TPS80032A2ABYFFR Datasheet HTML 10Page - Texas Instruments TPS80032A2ABYFFR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 127 page
background image
TPS80032
www.ti.com
SWCS059I – MARCH 2011 – REVISED NOVEMBER 2014
3.2
Pin Attributes
Pin Attributes
PULLUP /
CONNECTION IF
NAME
BALL
TYPE
I/O
DESCRIPTION
PULLDOW
NOT USED
N
System Supply Regulator/Battery Charger
Switched-mode regulator boot-strapped
CHRG_BOOT
E2
Analog
O
Floating
capacitor for the high-side MOSFET gate driver
Switched-mode regulator current-sense input
CHRG_CSIN
D4
Analog
I
Ground
(without power path)
Switched regulator auxiliary power supply,
connected to the system supply/battery to
CHRG_CSOUT
D5
Analog
I
provide power in high-impedance mode,
System supply
switched regulator system/battery voltage/current
sense input
USB charging port detection signal from USB
CHRG_DET_N
A4
Analog
I
Ground
PHY
CHRG_EXTCHRG_EN
Output control signal to an external VAC charger
F4
Digital
O
Floating
Z
(default high)
PU
CHRG_EXTCHRG_ST
F3
Digital
I
External VAC charger status input pin
Floating
70 to 190
ATZ
k
Ω
CHRG_LED_IN
A6
Power
I
Input supply for LED indicator
Ground
CHRG_LED_TEST
B6
Analog
I/O
External LED driver output
Ground
A5,
CHRG_PGND
B5,
Ground
I
Switched regulator power ground
Ground
C5
A2,
Switched regulator connection point between
CHRG_PMID
B2,
Analog
O
reverse blocking MOSFET and high-side
Floating
C2
switching MOSFET
A3,
B3,
CHRG_SW
C3,
Power
O
Switched regulator output for inductor connection
Floating
B4,
C4
CHRG_VREF
D2
Analog
O
Switched regulator internal bias regulator voltage
Floating
VAC
C6
Power
I
VAC charger input sense line
Ground
Ground (must be
connected to
B1,
VBUS if VBUS
VBUS input, USB system supply/battery charger
VBUS
C1,
Power
I/O
detection from
power supply
D1
PMIC is needed;
for example, USB
boot up)
CHRG_VSYS
C12
Power
I
System supply
System supply
CHRG_VBAT
B13
Power
I/O
Battery voltage for battery charging
System supply
VBUS_DET
F7
Digital
O
VBUS detection signal (VSYS level)
Floating
Control signal for gate of external PMOS (battery
CHRG_GATE_CTRL
C13
Analog
O
Floating
switch)
Control signal for gate of external PMOS to
CHRG_PROT_GATE
G1
Analog
O
Floating
protect against negative input voltage (optional)
Power Supplies
C7,
GND_ANA
E1,
Ground
I
Analog power ground
Ground
H8, L9
GND_DIG_VIO
L7
Ground
I
VIO digital ground
Ground
GND_DIG_VRTC
G3
Ground
I
VRTC digital ground
Ground
Copyright © 2011–2014, Texas Instruments Incorporated
Terminal Configuration and Functions
7
Submit Documentation Feedback
Product Folder Links: TPS80032


Similar Part No. - TPS80032A2ABYFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS80010 TI-TPS80010 Datasheet
5Mb / 22P
[Old version datasheet]   PMU for Alkaline Battery-Powered Applications
TPS80010ARSMR TI-TPS80010ARSMR Datasheet
5Mb / 22P
[Old version datasheet]   PMU for Alkaline Battery-Powered Applications
More results

Similar Description - TPS80032A2ABYFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TWL6032 TI1-TWL6032 Datasheet
533Kb / 11P
[Old version datasheet]   Fully Integrated Power Management with Power Path and Battery Charger
TWL6032 TI1-TWL6032_16 Datasheet
725Kb / 11P
[Old version datasheet]   TWL6032 Fully Integrated Power Management with Power Path and Battery Charger
logo
Eutech Microelectronics...
EUP8075 EUTECH-EUP8075 Datasheet
110Kb / 1P
   . USB-Compliant Li-Ion Battery Charger Integrated with System Power-Path Management
logo
Richtek Technology Corp...
RT9503A RICHTEK-RT9503A Datasheet
347Kb / 15P
   Fully Integrated Linear Single Cell Li-Ion Battery Charger with Power Path
RT9503 RICHTEK-RT9503 Datasheet
340Kb / 15P
   Fully Integrated Linear Single Cell Li-Ion Battery Charger with Power Path
logo
Texas Instruments
TWL6030 TI-TWL6030 Datasheet
630Kb / 9P
[Old version datasheet]   Fully Integrated Power Management with Switch Mode Charger
TWL6030 TI1-TWL6030 Datasheet
943Kb / 97P
[Old version datasheet]   Fully Integrated Power Management with Switch Mode Charger
TWL6030 TI1-TWL6030_13 Datasheet
630Kb / 9P
[Old version datasheet]   Fully Integrated Power Management with Switch Mode Charger
BQ24230 TI-BQ24230 Datasheet
1Mb / 33P
[Old version datasheet]   USB-FRIENDLY LITHIUM-ION BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24232H TI1-BQ24232H Datasheet
1Mb / 37P
[Old version datasheet]   USB-Friendly Lithium-Ion Battery Charger and Power-Path Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com