Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS799195YZUT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS799195YZUT
Description  200-mA, Low-Quiescent Current, Ultralow Noise, High-PSRR Low-Dropout Linear Regulator
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS799195YZUT Datasheet(HTML) 5 Page - Texas Instruments

  TPS799195YZUT Datasheet HTML 1Page - Texas Instruments TPS799195YZUT Datasheet HTML 2Page - Texas Instruments TPS799195YZUT Datasheet HTML 3Page - Texas Instruments TPS799195YZUT Datasheet HTML 4Page - Texas Instruments TPS799195YZUT Datasheet HTML 5Page - Texas Instruments TPS799195YZUT Datasheet HTML 6Page - Texas Instruments TPS799195YZUT Datasheet HTML 7Page - Texas Instruments TPS799195YZUT Datasheet HTML 8Page - Texas Instruments TPS799195YZUT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
TPS799
www.ti.com
SBVS056K – JANUARY 2005 – REVISED JANUARY 2015
6 Specifications
6.1 Absolute Maximum Ratings
over operating junction temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
IN
–0.3
7.0
V
Voltage(2)
EN
–0.3
VIN + 0.3
V
OUT
–0.3
VIN + 0.3
V
Current
OUT
Internally limited
mA
Operating virtual junction, TJ
–55
150
°C
Temperature
Storage temperature range, Tstg
–55
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to network ground terminal.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±2000
Electrostatic
V(ESD)
V
Charged device model (CDM), per JEDEC specification JESD22-C101,
discharge
±500
all pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating junction temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input voltage
2.7
6.5
V
IOUT
Output current
0.5
200
mA
TJ
Operating junction temperature
–40
125
°C
6.4 Thermal Information
TPS799
THERMAL METRIC(1)
DDC (SOT)
DRV (SON)
YZU (DSBGA)
UNIT
5 PINS
6 PINS
5 PINS
RθJA
Junction-to-ambient thermal resistance
225.3
74.2
143.3
RθJC(top)
Junction-to-case (top) thermal resistance
39.3
58.8
1.1
RθJB
Junction-to-board thermal resistance
47.3
145.9
84.7
°C/W
ψJT
Junction-to-top characterization parameter
0.5
0.2
3.8
ψJB
Junction-to-board characterization parameter
46.7
54.4
84.4
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
7.2
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS799


Similar Part No. - TPS799195YZUT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS799195DRVR TI-TPS799195DRVR Datasheet
455Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799195DRVR TI-TPS799195DRVR Datasheet
819Kb / 28P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799195DRVR TI-TPS799195DRVR Datasheet
622Kb / 27P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799195DRVR TI-TPS799195DRVR Datasheet
865Kb / 30P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799195DRVRG4 TI-TPS799195DRVRG4 Datasheet
455Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
More results

Similar Description - TPS799195YZUT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS799-Q1 TI1-TPS799-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   200 mA, Low Quiescent Current, Ultralow Noise, High PSRR, Low Dropout, Linear Regulators
TPS79901-EP TI1-TPS79901-EP_18 Datasheet
1Mb / 29P
[Old version datasheet]   200-mA, Low-Quiescent Current, Ultra-Low-Noise, High-PSRR Low-Dropout Linear Regulator
TPS79901-EP TI1-TPS79901-EP Datasheet
1Mb / 27P
[Old version datasheet]   200-mA, Low-Quiescent Current, Ultra-Low-Noise, High-PSRR Low-Dropout Linear Regulator
TPS799 TI-TPS799 Datasheet
1Mb / 39P
[Old version datasheet]   TPS799 200-mA, Low-Quiescent Current, Ultralow Noise, High-PSRR Low-Dropout LinearRegulator
TPS79901-Q1 TI1-TPS79901-Q1 Datasheet
759Kb / 19P
[Old version datasheet]   200 mA, LOW QUIESCENT CURRENT, ULTRA-LOW NOISE HIGH PSRR, LOW DROPOUT, LINEAR REGULATORS
logo
Analog Devices
ADP7185 AD-ADP7185 Datasheet
841Kb / 19P
   ??00 mA, Ultralow Noise, High PSRR, Low Dropout Linear Regulator
Rev. 0
logo
Texas Instruments
TPS735 TI-TPS735_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS735 500-mA, Low Quiescent Current, Ultra-Low Noise, High PSRR,Low-Dropout Linear Regulator
TPS735-Q1 TI-TPS735-Q1_15 Datasheet
878Kb / 26P
[Old version datasheet]   TPS735-Q1 500-mA, Low Quiescent Current, Low-Noise, High PSRR,Low-Dropout Linear Regulator
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com