Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61LV6416 Datasheet(PDF) 6 Page - Integrated Circuit Solution Inc

Part # IS61LV6416
Description  64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IS61LV6416 Datasheet(HTML) 6 Page - Integrated Circuit Solution Inc

  IS61LV6416 Datasheet HTML 1Page - Integrated Circuit Solution Inc IS61LV6416 Datasheet HTML 2Page - Integrated Circuit Solution Inc IS61LV6416 Datasheet HTML 3Page - Integrated Circuit Solution Inc IS61LV6416 Datasheet HTML 4Page - Integrated Circuit Solution Inc IS61LV6416 Datasheet HTML 5Page - Integrated Circuit Solution Inc IS61LV6416 Datasheet HTML 6Page - Integrated Circuit Solution Inc IS61LV6416 Datasheet HTML 7Page - Integrated Circuit Solution Inc IS61LV6416 Datasheet HTML 8Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IS61LV6416
6
Integrated Circuit Solution Inc.
SR013-0C
WRITE CYCLE SWITCHING CHARACTERISTICS(1,3) (Over Operating Range)
-8
-10
-12
-15
Symbol Parameter
Min. Max.
Min. Max.
Min. Max.
Min. Max.
Unit
tWC
Write Cycle Time
8
—
10
—
12
—
15
—
ns
tSCE
CE to Write End
7
—
8
—
9
—
10
—
ns
tAW
Address Setup Time
7
—
8
—
9
—
10
—
ns
to Write End
tHA
Address Hold from Write End
0
—
0
—
0
—
0
—
ns
tSA
Address Setup Time
0
—
0
—
0
—
0
—
ns
tPWB
LB, UB Valid to End of Write
7
—
8
—
9
—
10
—
ns
tPWE
WE Pulse Width
7
—
8
—
9
—
10
—
ns
tSD
Data Setup to Write End
4.5
—
5
—
6
—
7
—
ns
tHD
Data Hold from Write End
0
—
0
—
0
—
0
—
ns
tHZWE  WE LOW to High-Z Output
—
4
—
5
—
6
—
7
ns
tLZWE  WE HIGH to Low-Z Output
3
—
3
—
3
—
3
—
ns
Notes:
1. Test conditions assume signal transition times of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V
and output loading specified in Figure 1a.
2. Tested with the load in Figure 1b. Transition is measured ±500 mV from steady-state voltage. Not 100% tested.
3. The internal write time is defined by the overlap of CE LOW and UB or LB, and WE LOW. All signals must be in valid states to
initiate a Write, but any one can go inactive to terminate the Write. The Data Input Setup and Hold timing are referenced to the
rising or falling edge of the signal that terminates the write.


Similar Part No. - IS61LV6416

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV6416 ISSI-IS61LV6416 Datasheet
146Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV6416-10BI ISSI-IS61LV6416-10BI Datasheet
146Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV6416-10BLI ISSI-IS61LV6416-10BLI Datasheet
146Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV6416-10K ISSI-IS61LV6416-10K Datasheet
146Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV6416-10KI ISSI-IS61LV6416-10KI Datasheet
146Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
More results

Similar Description - IS61LV6416

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV6416 ISSI-IS61LV6416 Datasheet
146Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IS64LV6416L ISSI-IS64LV6416L Datasheet
89Kb / 14P
   64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Circuit Solu...
IC61C6416 ICSI-IC61C6416 Datasheet
135Kb / 10P
   64K X 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV6416BLL ISSI-IS61WV6416BLL Datasheet
101Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W26L010A WINBOND-W26L010A Datasheet
131Kb / 10P
   64K X 16 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61C6416AL ISSI-IS61C6416AL Datasheet
92Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C6416 ISSI-IS61C6416 Datasheet
487Kb / 9P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
IS64C6416AL-15TLA3 ETC2-IS64C6416AL-15TLA3 Datasheet
97Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV6416DALL ISSI-IS61WV6416DALL Datasheet
783Kb / 21P
   64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS61LV6424-10 ICSI-IS61LV6424-10 Datasheet
138Kb / 10P
   64K x 24 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com