Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS799195DRVRG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS799195DRVRG4
Description  200-mA, Low-Quiescent Current, Ultralow Noise, High-PSRR Low-Dropout Linear Regulator
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS799195DRVRG4 Datasheet(HTML) 1 Page - Texas Instruments

  TPS799195DRVRG4 Datasheet HTML 1Page - Texas Instruments TPS799195DRVRG4 Datasheet HTML 2Page - Texas Instruments TPS799195DRVRG4 Datasheet HTML 3Page - Texas Instruments TPS799195DRVRG4 Datasheet HTML 4Page - Texas Instruments TPS799195DRVRG4 Datasheet HTML 5Page - Texas Instruments TPS799195DRVRG4 Datasheet HTML 6Page - Texas Instruments TPS799195DRVRG4 Datasheet HTML 7Page - Texas Instruments TPS799195DRVRG4 Datasheet HTML 8Page - Texas Instruments TPS799195DRVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
TPS799xx
GND
EN
NR
IN
OUT
V
IN
V
OUT
Optional input capacitor.
May improve source
impedance, noise, or PSRR.
Optional bypass capacitor
to reduce output noise
and increase PSRR.
2.2mF
Ceramic
V
EN
TPS79901
GND
EN
FB
IN
OUT
V
IN
V
OUT
R
1
C
FB
R
2
Optionalinputcapacitor.
Mayimprovesource
impedance,noise,orPSRR.
V
=
OUT
´
1.193
(R
1
2
+R )
R
2
V
EN
2.2 F
m
Ceramic
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS799
SBVS056K – JANUARY 2005 – REVISED JANUARY 2015
TPS799 200-mA, Low-Quiescent Current, Ultralow Noise, High-PSRR Low-Dropout Linear
Regulator
1 Features
3 Description
The TPS799 family of low-dropout (LDO), low-power
1
200-mA Low-Dropout Regulator With EN
linear regulators offers excellent ac performance with
Multiple Output Voltage Versions Available:
very low ground current. High power-supply rejection
Fixed Outputs of 1.2 V to 4.5 V Using
ratio (PSRR), low noise, fast start-up, and excellent
Innovative Factory EEPROM Programming
line and load transient response are provided while
consuming a very low 40-
μA (typical) ground current.
Adjustable Outputs from 1.20 V to 6.5 V
The TPS799 is stable with ceramic capacitors and
Inrush Current Protection with EN Toggle
uses an advanced BiCMOS fabrication process to
Low IQ: 40 μA
yield a dropout voltage of typically 100 mV at a
High PSRR: 66 dB at 1 kHz
200-mA output. The TPS799 uses a precision voltage
Stable with a Low-ESR, 2-
μF Typical Output
reference and feedback loop to achieve an overall
Capacitance
accuracy of 2% over all load, line, process, and
temperature variations. The TPS799 features inrush
Excellent Load and Line Transient Response
current protection when the EN toggle is used to start
2% Overall Accuracy (Load, Line, and
the device, immediately clamping the current.
Temperature)
All devices are fully specified over the temperature
Very Low Dropout: 100 mV
range of TJ = –40°C to 125°C, and offered in a low-
Package: 5-Bump, Thin, 1-mm × 1.37-mm
profile, die-sized ball grid array (DSBGA) package,
DSBGA
ideal for wireless handsets and WLAN cards.
2 Applications
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Cellular Phones
SOT (5)
2.90 mm x 1.60 mm
Wireless LAN, Bluetooth®
TPS799
SON (6)
2.00 x 2.00 mm
VCOs, RF
DSBGA (5)
1.57 mm x 1.20 mm
Handheld Organizers, PDAs
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Circuit
Typical Application Circuit
Fixed Voltage Versions
Adjustable Voltage Version
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS799195DRVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS799195DRVRG4 TI-TPS799195DRVRG4 Datasheet
455Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799195DRVRG4 TI-TPS799195DRVRG4 Datasheet
819Kb / 28P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799195DRVRG4 TI-TPS799195DRVRG4 Datasheet
622Kb / 27P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799195DRVRG4 TI-TPS799195DRVRG4 Datasheet
865Kb / 30P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
More results

Similar Description - TPS799195DRVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS799-Q1 TI1-TPS799-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   200 mA, Low Quiescent Current, Ultralow Noise, High PSRR, Low Dropout, Linear Regulators
TPS79901-EP TI1-TPS79901-EP_18 Datasheet
1Mb / 29P
[Old version datasheet]   200-mA, Low-Quiescent Current, Ultra-Low-Noise, High-PSRR Low-Dropout Linear Regulator
TPS79901-EP TI1-TPS79901-EP Datasheet
1Mb / 27P
[Old version datasheet]   200-mA, Low-Quiescent Current, Ultra-Low-Noise, High-PSRR Low-Dropout Linear Regulator
TPS799 TI-TPS799 Datasheet
1Mb / 39P
[Old version datasheet]   TPS799 200-mA, Low-Quiescent Current, Ultralow Noise, High-PSRR Low-Dropout LinearRegulator
TPS79901-Q1 TI1-TPS79901-Q1 Datasheet
759Kb / 19P
[Old version datasheet]   200 mA, LOW QUIESCENT CURRENT, ULTRA-LOW NOISE HIGH PSRR, LOW DROPOUT, LINEAR REGULATORS
logo
Analog Devices
ADP7185 AD-ADP7185 Datasheet
841Kb / 19P
   ??00 mA, Ultralow Noise, High PSRR, Low Dropout Linear Regulator
Rev. 0
logo
Texas Instruments
TPS735 TI-TPS735_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS735 500-mA, Low Quiescent Current, Ultra-Low Noise, High PSRR,Low-Dropout Linear Regulator
TPS735-Q1 TI-TPS735-Q1_15 Datasheet
878Kb / 26P
[Old version datasheet]   TPS735-Q1 500-mA, Low Quiescent Current, Low-Noise, High PSRR,Low-Dropout Linear Regulator
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com