Electronic Components Datasheet Search |
|
TPS79101DBVREP Datasheet(PDF) 1 Page - Texas Instruments |
|
|
TPS79101DBVREP Datasheet(HTML) 1 Page - Texas Instruments |
1 / 23 page (3,00 mm x 3,00 mm) Actual Size (3,00 mm x 3,00 mm) Actual Size 1 FEATURES DESCRIPTION APPLICATIONS SUPPORTS DEFENSE, AEROSPACE, TPS79101-EP, TPS79118-EP TPS79133-EP, TPS79147-EP www.ti.com ............................................................................................................................................................ SGLS161A – APRIL 2003 – REVISED JUNE 2008 ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS 2 • 100-mA Low-Dropout Regulator With EN • Available in 1.8-V, 3.3-V, 4.7-V, and Adjustable The TPS791xx family of low-dropout (LDO) low-power linear voltage regulators features high Versions power supply rejection ratio (PSRR), ultralow noise, • High PSRR (70 dB at 10 kHz) fast start-up, and excellent line and load transient • Ultralow Noise (15 µV RMS) responses in a small outline, SOT23, package. Each • Fast Start-Up Time (63 µs) device in the family is stable, with a small 1- µF ceramic capacitor on the output. The family uses an • Stable With Any 1-µF Ceramic Capacitor advanced, proprietary BiCMOS fabrication process to • Excellent Load/Line Transient yield extremely low dropout voltages (e.g., 38 mV at • Very Low Dropout Voltage 100 mA, TPS79147). Each device achieves fast start-up times (approximately 63 µs with a 0.001-µF (38 mV at Full Load, TPS79147) bypass capacitor) while consuming very low • 5-Pin SOT23 (DBV) Package quiescent current (170 µA typical). Moreover, when • TPS792xx Provides EN Options the device is placed in standby mode, the supply current is reduced to less than 1 µA. The TPS79118 exhibits approximately 15 µV RMS of output voltage noise with a 0.1- µF bypass capacitor. Applications • VCOs with analog components that are noise sensitive, • RF such as portable RF electronics, benefit from the • Bluetooth™, Wireless LAN high-PSRR and low-noise features as well as the fast response time. AND MEDICAL APPLICATIONS • Controlled Baseline • One Assembly/Test Site • One Fabrication Site • Available in Military (–55°C/125°C) Temperature Range(1) • Extended Product Life Cycle • Extended Product-Change Notification • Product Traceability (1) Custom temperature ranges available ORDERING INFORMATION(1) OUTPUT TJ PACKAGE(2) ORDERABLE PART NUMBER TOP-SIDE MARKING VOLTAGE 1.2 to 5.5 V TPS79101DBVREP PEUE 1.8 V TPS79118DBVREP PERE –40°C to 125°C SOT23 (DBV) Reel of 3000 3.3 V TPS79133DBVREP PESE 4.7 V TPS79147DBVREP PETE –55°C to 125°C 3.3 V SOT23 (DBV) Reel of 250 TPS79133MDBVTEP PIDM (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com. (2) Package drawings, thermal data, and symbolization are available at www.ti.com/packaging. 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. 2 Bluetooth is a trademark of Bluetooth SIG, Inc.. PRODUCTION DATA information is current as of publication date. Copyright © 2003–2008, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas On products compliant to MIL-PRF-38535, all parameters are Instruments standard warranty. Production processing does not tested unless otherwise noted. On all other products, production necessarily include testing of all parameters. processing does not necessarily include testing of all parameters. |
Similar Part No. - TPS79101DBVREP |
|
Similar Description - TPS79101DBVREP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |