Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LGA-HTSK-KIT-050 Datasheet(PDF) 3 Page - Artesyn Technologies

Part # LGA-HTSK-KIT-050
Description  15 - 100 Watts POWER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LGA-HTSK-KIT-050 Datasheet(HTML) 3 Page - Artesyn Technologies

  LGA-HTSK-KIT-050 Datasheet HTML 1Page - Artesyn Technologies LGA-HTSK-KIT-050 Datasheet HTML 2Page - Artesyn Technologies LGA-HTSK-KIT-050 Datasheet HTML 3Page - Artesyn Technologies LGA-HTSK-KIT-050 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LGA C Series Data Sheet
Application Equations
5-8
9-10
21
1-4
14
LGA C Series
Enable On/Off
Vin
GND
Rtrim
Cin
R
L
O
A
D
Vout
Cout
24
15
12
13
Rmargin
+Sense
-Sense
Ruvlo
Margin Control
23
Rofs-
Rofs+
22
Power Good
GND
Setting Margin Control
Setting Output Voltage
Setting Under Voltage Lock Out
– 20 A Models
Setting Under Voltage Lock Out
– 3, 6, 10 A Models
To margin the output up, pull the margin control pin high. To
margin down, pull the margin control pin low. If the pin is left
floating, the feature is disabled. The maximum margining range is
±33% of the oputput default voltage setting, with maximum
output at 5.5 V
Vmargin_up = 0.1182 *
Rmargin
*
Rtrim + 2k
Rofs+
Rtrim
Vmargin_down = 0.1182 *
Rmargin
*
Rtrim + 2k
Rofs-
Rtrim
Default output voltage: 0.591 V
The outut voltage may be adjusted with a resistor placed
between the "Trim" and "-Sense" pin.
The formula for calcuating the value of this resistor is:
Rtrim (kΩ) =
1.182
Vout - 0.591
See Technical Reference Note for other trimming methods.
Default Turn-on voltage: 4.3 V (300 mV Hysteresis)
The Turn-on voltage may be adjusted with a resistor placed
between the “Enable” and “Ground” pins.
The formula for calculating the value of this resistor is:
Ruvlo (kΩ) =
30.1 * 4.22
(8.577 * VTurn_on) - 34.32
*ONLY USE WITH OPEN COLLECTOR DEVICE
*DO NOT DRIVE PIN WITH A VOLTAGE
Default Turn-on voltage: 2.9 V (300 mV Hysteresis)
The Turn-on voltage may be adjusted with a resistor placed
between the “Enable” and “Ground” pins.
The formula for calculating the value of this resistor is:
Ruvlo (kΩ) =
14.81 * 6.81
(6.81 * VTurn_on) - 18.16
*ONLY USE WITH OPEN COLLECTOR DEVICE
*DO NOT DRIVE PIN WITH A VOLTAGE
Notes:
1. Measured as per recommended minimum system capacitance.
2. di/dt = 10 A/ µs,12 Vin = Norm, Tc = 25 °C, load change = 50% lo 100% Imax.
3. Internal input capacitance is rated 16 Vdc maximum.
External input fusing is recommended.


Similar Part No. - LGA-HTSK-KIT-050

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
LGA-4B01 TOREX-LGA-4B01 Datasheet
309Kb / 4P
   Packaging Information / Reference Pattern Layout Dimensions
LGA-6A01 TOREX-LGA-6A01 Datasheet
192Kb / 3P
   Packaging Information / Reference Pattern Layout Dimensions
LGA-8B01 TOREX-LGA-8B01 Datasheet
147Kb / 2P
   Reference Pattern Layout Dimensions
logo
Emerson Network Power
LGA-THSK-KIT-045 EMERSON-NETWORKPOWER-LGA-THSK-KIT-045 Datasheet
1Mb / 28P
   Embedded Power Device
LGA-THSK-KIT-048 EMERSON-NETWORKPOWER-LGA-THSK-KIT-048 Datasheet
1Mb / 28P
   Embedded Power Device
More results

Similar Description - LGA-HTSK-KIT-050

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
LDO03C-005W05-VJ ARTESYN-LDO03C-005W05-VJ_14 Datasheet
786Kb / 4P
   POWER 15 Watts
AEE04F18-LS ARTESYN-AEE04F18-LS Datasheet
659Kb / 3P
   POWER 15 Watts
logo
Power Mate Technology C...
FEC15-12S33 P-DUKE-FEC15-12S33 Datasheet
281Kb / 3P
   15 WATTS OUTPUT POWER
FDC15-24S05 P-DUKE-FDC15-24S05 Datasheet
241Kb / 3P
   15 WATTS OUTPUT POWER
logo
Astec America, Inc
AUG05K48 ASTEC-AUG05K48 Datasheet
90Kb / 2P
   15 Watts Embedded Power
logo
ON Semiconductor
MJE243 ONSEMI-MJE243_06 Datasheet
90Kb / 6P
   Complementary Silicon Power Plastic Transistors 100 VOLTS, 15 WATTS
February, 2006 ??Rev. 11
logo
Power Mate Technology C...
FEC15-24S3P3W P-DUKE-FEC15-24S3P3W Datasheet
254Kb / 3P
   15 WATTS OUTPUT POWER
logo
Motorola, Inc
MJE270 MOTOROLA-MJE270 Datasheet
109Kb / 4P
   2.0 AMPERE COMPLEMENTARY POWER DARLINGTON TRANSISTORS 100 VOLTS 15 WATTS
MJE243 MOTOROLA-MJE243 Datasheet
235Kb / 6P
   4 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 100 VOLTS 15 WATTS
logo
ON Semiconductor
MJE270 ONSEMI-MJE270 Datasheet
58Kb / 3P
   2.0 AMPERE COMPLEMENTARY POWER DARLINGTON TRANSISTORS 100 VOLTS, 15 WATTS
January, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com