Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDS25-36-H03U Datasheet(PDF) 3 Page - Artesyn Technologies

Part # LDS25-36-H03U
Description  LED Lighting Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LDS25-36-H03U Datasheet(HTML) 3 Page - Artesyn Technologies

  LDS25-36-H03U Datasheet HTML 1Page - Artesyn Technologies LDS25-36-H03U Datasheet HTML 2Page - Artesyn Technologies LDS25-36-H03U Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
WORLDWIDE OFFICES
americas
2900 S.Diablo Way
Tempe, AZ 85282
USA
+1 888 412 7832
europe (uK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
+44 (0) 1384 842 211
asia (HK)
14/F, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong
+852 2176 3333
For more information: www.artesyn.com/power
For support: productsupport.ep@artesyn.com
While every precaution has been taken to ensure accuracy and completeness in this literature, Artesyn
Embedded Technologies assumes no responsibility, and disclaims all liability for damages resulting from use of
this information or for any errors or omissions. Artesyn Embedded Technologies, Artesyn and the Artesyn
Embedded Technologies logo are trademarks and service marks of Artesyn Embedded Technologies, Inc. All other
names and logos referred to are trade names, trademarks, or registered trademarks of their respective owners.
© 2014 Artesyn Embedded Technologies, Inc.
www.artesyn.com
LDS25 Series Data Sheet
LDS25 DS Rev. 08.27.14
Ordering Information
Model Number
Rated Output Voltage
Rated Output Current
Dimming Interface
IP Rating
LDS25-36-H03U
36 Vdc
700 mA dc
0 - 10 V
IP20
LDS25-36-H03F
36 Vdc
700 mA dc
0 - 10 V
Open-frame
Input Connections: 2-Wire
LDS25-36-H03F
LDS25-36-H03U
Function
Name
Pin#
Wire Color
Wire Gauge
AC input Line
L
CN1-Black
Black or Brown
18AWG
AC input Neutral
N
CN1-Red
White or Blue
18AWG
Output Connections: 6-Wire
LDS25-36-H03F
LDS25-36-H03U
Function
Name
Pin#
Wire Color
Wire Gauge
DC Output - Positive
OUT+
CN2-1
Red or Orange
22AWG
DC Output - Return
OUT-
CN2-2
Green
22AWG
Reserved
CN2-3
Brown
Reserved
CN2-4
Blue
Dimming
DIMMING
CN2-5
Black
22AWG
Signal Ground
SGND
CN2-6
White or Yellow
22AWG
Current Adjust and Dimming Description
0 - 10 V Interface
Programmed Current
Resistor Value
300 mA
16.9 kOhm
350 mA
22.6 kOhm
500 mA
52.3 kOhm
525 mA
61.9 kOhm
700 mA
511 kOhm
Control Voltage between “Dimming” and “SGND”
Output
Current
0 – 10 V
Signal
700 mA
010
11
Dimming Resistor between “Dimming” and “SGND”


Similar Part No. - LDS25-36-H03U

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
LDS25-36-H03U ARTESYN-LDS25-36-H03U Datasheet
1Mb / 3P
   Hot-wiring protection
More results

Similar Description - LDS25-36-H03U

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM3760 MITSUMI-MM3760 Datasheet
52Kb / 3P
   LED Lighting power supply IC
logo
Artesyn Technologies
LDS100-24-U00 ARTESYN-LDS100-24-U00 Datasheet
998Kb / 3P
   LED Lighting Power Supply - Class 2
LDS70-12-U00 ARTESYN-LDS70-12-U00 Datasheet
973Kb / 3P
   LED Lighting Power Supply - Class 2
logo
Power Integrations, Inc...
DI-130 POWERINT-DI-130 Datasheet
945Kb / 2P
   Passive PFC LED Lighting Supply
logo
Renesas Technology Corp
R2A20134SP RENESAS-R2A20134SP Datasheet
112Kb / 11P
   LED Lighting Power Controller
R2A20134SP RENESAS-R2A20134SP_15 Datasheet
112Kb / 11P
   LED Lighting Power Controller
R2A20134ASP RENESAS-R2A20134ASP_16 Datasheet
735Kb / 14P
   LED Lighting Power Controller
logo
Texas Instruments
UCC28810 TI1-UCC28810_15 Datasheet
1Mb / 34P
[Old version datasheet]   LED LIGHTING POWER CONTROLLER
logo
Renesas Technology Corp
R2A20135SP RENESAS-R2A20135SP_16 Datasheet
290Kb / 12P
   LED Lighting Power Controller
R2A20134ASP RENESAS-R2A20134ASP Datasheet
734Kb / 14P
   LED Lighting Power Controller
Jan 08, 2016
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com