Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQS100A48-1V5J Datasheet(PDF) 3 Page - Artesyn Technologies

Part # LQS100A48-1V5J
Description  Embedded Power for Business-Critical Continuity
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LQS100A48-1V5J Datasheet(HTML) 3 Page - Artesyn Technologies

  LQS100A48-1V5J Datasheet HTML 1Page - Artesyn Technologies LQS100A48-1V5J Datasheet HTML 2Page - Artesyn Technologies LQS100A48-1V5J Datasheet HTML 3Page - Artesyn Technologies LQS100A48-1V5J Datasheet HTML 4Page - Artesyn Technologies LQS100A48-1V5J Datasheet HTML 5Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Rev. 09.29.10
LQS Series
3 of 5
OrderingInformation
Output
Voltage
Input
Current
Max. 4
Input Ripple
Current 5
Output
Current
Max.
Efficiency
typ.
Regulation
Ripple & noise
(pk-pk)
Model Number 6,8, 9,10
Set point
accuracy Max.
Line
Load
48VinVALUEMODELS
1.2V
1.92A
150mA
50A
88.5%
±1.5%
± 0.1%
±0.2%
60mV
LQS50A48-1V2J
1.5V
2.36A
150mA
50A
89.5%
±1.5%
± 0.1%
±0.2%
60mV
LQS50A48-1V5J
1.8V
2.82A
150mA
50A
90.4%
±1.5%
± 0.1%
±0.2%
60mV
LQS50A48-1V8J
48VinPERFORMANCEMODELS
1.2V
4.05A
250mA
100A
86.0%
±1.5%
± 0.1%
±0.2%
60mV
LQS100A48-1V2J
1.5V
3.8A
200mA
80A
88.8%
±1.5%
± 0.1%
±0.2%
60mV
LQS80A48-1V5J
1.8V
4.6A
200mA
80A
90.0%
±1.5%
± 0.1%
±0.2%
60mV
LQS80A48-1V8J
2.5V
4.1A
200mA
50A
90.0%
±1.5%
± 0.1%
±0.2%
60mV
LQS50A48-2V5J
3.3V
5.2A
200mA
50A
91.0%
±1.5%
± 0.1%
±0.2%
60mV
LQS50A48-3V3J
48VinULTRAMODELS
1.5V
4.8A
200mA
100A
88.5%
±1.5%
± 0.1%
±0.2%
60mV
LQS100A48-1V5J
1.8V
5.7A
200mA
100A
89.5%
±1.5%
± 0.1%
±0.2%
60mV
LQS100A48-1V8J
2.5V
6.2A
200mA
80A
91.0%
±1.5%
± 0.1%
±0.2%
60mV
LQS80A48-2V5J
3.3V
6.2A
200mA
60A
91.0%
±1.5%
± 0.1%
±0.2%
60mV
LQS60A48-3V3J
5V
6.2A
200mA
40A
92.0%
±1.5%
± 0.1%
±0.2%
60mV
LQS40A48-5V0J(7)
5V
6.2A
200mA
40A
91.8%
±1.5%
± 0.1%
±0.2%
60mV
LQS40A48-5V0GJ(11)
24VinMODELS
1.8V
3.4A
200mA
30A
91.0%
±1.5%
± 0.1%
±0.2%
60mV
LQS30A24-1V8J
3.3V
6.5A
300mA
30A
89.5%
±1.5%
± 0.1%
±0.2%
60mV
LQS30A24-3V3J
LQS60A48-3V3RANJ
L = LowProfile
Type of Output
S=Single
Pin Length Options
Blank=0.188”(4.78mm)
N=0.145”(3.68mm)
K=0.110”(2.79mm)
Q = 1/4Brick
Remote ON/OFF Logic (8)
Blank = Positive
R=Negative
Body Height, Package Type, and Pin Length
A=0.300”(7.62mm),Throughhole,
0.188”(4.78mm)Pins
E=0.340”(8.64mm),Throughhole,
0.188”(4.78mm)Pins
S=0.28”(7.11mm),SurfaceMount(6)
Rated Output Current
40A=40Amps,60A=60Ampsetc.
Nominal Rated Input Voltage
24=24Volts(18Vdcto36Vdcrange)
48=48Volts(36Vdcto75Vdcrange)
Output Voltage
1V5=1.5Volts,1V8=1.8Voltsetc.
RoHS Compliance (9)
J=Pb-free(RoHS6/6compliant)
Notes:
1.di/dt=1A/us,Vin=48Vdc,Tc=25˚C,loadchange=50%to75%Iomax.
and75%to50%Iomax.Deviationvariesbymodel.Forfurtherdetailssee
longformdatasheet
2.Start-upintoresistiveload.
3.Thisproductisonlyforinclusionbyprofessionalinstallerswithinother
equipmentandmustnotbeoperatedasastandaloneproduct.
4.Recommendedinputfusingisupto10AHRC200Vratedfuse.
5.Peaktopeakmeasuredwithoutexternalπfilter.Significantreduction
possiblewithexternalfilter.SeeApplicationNote141forfurtherdetails.
6.‘S’optionappliestothe24Vmodelsonly.
7.ExceptLQS40A48-5V0Jwhichhasthedoubleoutputpins.
8.ActivelowRemoteON/OFFisavailable.StandardproductisActiveHigh.When
orderingactivelowparts,designatewiththesuffix‘R’e.g.LQS100A48-1V8RAJ
9.TSERoHS5/6(nonPb-free)compliantversionsmaybeavailableonspecial
request,pleasecontactyourlocalsalesrepresentativefordetails.
10.NOTICE:Somemodelsdonotsupportalloiptons.Pleasecontactyourlocal
salesrepresentativeorusetheon-linemodelnumbersearchtoolatwww.
PowerConversion.comtofindasuitablealternative.
11.LQS40A48-5V0GJhassingleoutputpins/0.188”pinlength/0.340”body
height


Similar Part No. - LQS100A48-1V5J

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LQS100A48-1V5J EMERSON-NETWORKPOWER-LQS100A48-1V5J Datasheet
145Kb / 4P
   High Current, High Efficiency, Low Profile
LQS100A48-1V5J EMERSON-NETWORKPOWER-LQS100A48-1V5J Datasheet
145Kb / 4P
   Quarter-Brick Series
More results

Similar Description - LQS100A48-1V5J

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPQ142-CF EMERSON-NETWORKPOWER-LPQ142-CF Datasheet
694Kb / 3P
   Embedded Power for Business-Critical Continuity
logo
List of Unclassifed Man...
NPS24-M ETC2-NPS24-M Datasheet
393Kb / 3P
   Embedded Power for Business-Critical Continuity
logo
Artesyn Technologies
VRM10-80-12-PY ARTESYN-VRM10-80-12-PY_10 Datasheet
927Kb / 10P
   Embedded Power for Business-Critical Continuity
PTH12010 ARTESYN-PTH12010_09 Datasheet
1Mb / 6P
   Embedded Power for Business-Critical Continuity
PTH05050 ARTESYN-PTH05050_08 Datasheet
417Kb / 5P
   Embedded Power for Business-Critical Continuity
PTH05060 ARTESYN-PTH05060_09 Datasheet
582Kb / 5P
   Embedded Power for Business-Critical Continuity
BXA10-12S05J ARTESYN-BXA10-12S05J Datasheet
244Kb / 4P
   Embedded Power for Business-Critical Continuity
BXA30-12S05J ARTESYN-BXA30-12S05J Datasheet
348Kb / 5P
   Embedded Power for Business-Critical Continuity
PTH05010 ARTESYN-PTH05010_09 Datasheet
593Kb / 5P
   Embedded Power for Business-Critical Continuity
logo
Emerson Network Power
NPS42-M EMERSON-NETWORKPOWER-NPS42-M Datasheet
430Kb / 3P
   Embedded Power for Business-Critical Continuity
logo
Artesyn Technologies
DS1200HE ARTESYN-DS1200HE Datasheet
211Kb / 9P
   Embedded Power for Business-Critical Continuity
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com