Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS79333DBVRG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS79333DBVRG4
Description  Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar Wafer Chip Scale and SOT-23
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS79333DBVRG4 Datasheet(HTML) 1 Page - Texas Instruments

  TPS79333DBVRG4 Datasheet HTML 1Page - Texas Instruments TPS79333DBVRG4 Datasheet HTML 2Page - Texas Instruments TPS79333DBVRG4 Datasheet HTML 3Page - Texas Instruments TPS79333DBVRG4 Datasheet HTML 4Page - Texas Instruments TPS79333DBVRG4 Datasheet HTML 5Page - Texas Instruments TPS79333DBVRG4 Datasheet HTML 6Page - Texas Instruments TPS79333DBVRG4 Datasheet HTML 7Page - Texas Instruments TPS79333DBVRG4 Datasheet HTML 8Page - Texas Instruments TPS79333DBVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
10
100
1 k
10 k
20
60
100
100 k
1 M
10 M
Frequency (Hz)
VIN = 3.8 V
COUT = 2.2 F
m
CNR = 0.1 F
m
IOUT = 10 mA
IOUT = 200 mA
40
70
90
30
50
80
10
0
V
IN
V
IN
V
OUT
V
OUT
IN
EN
GND
NR
OUT
TPS79328
0.1
F
m
10
F
m
0.01
F
m
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS793
SLVS348L – JULY 2001 – REVISED MAY 2015
TPS793 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in
NanoStar™ Wafer Chip Scale and SOT-23
1
1 Features
1
200-mA RF Low-Dropout Regulator
With Enable
Available in Fixed-Voltage Versions from 1.8 V to
4.75 V and Adjustable (1.22 V to 5.5 V)
High PSRR (70 dB at 10 kHz)
Low Noise (32 μVRMS, TPS79328)
Fast Start-Up Time (50 μs)
Stable With a 2.2-μF Ceramic Capacitor
Excellent Load and Line Transient Response
Very Low Dropout Voltage (112 mV at 200 mA,
TPS79330)
5- and 6-Pin SOT23 (DBV) and NanoStar Wafer
Chip Scale (YZQ) Packages
2 Applications
RF: VCOs, Receivers, ADCs
Audio
Cellular and Cordless Telephones
Bluetooth®, Wireless LAN
Handheld Organizers, PDAs
3 Description
The TPS793 family of low-dropout (LDO) low-power
linear voltage regulators features high power-supply
rejection ratio (PSRR), ultralow-noise, fast start-up,
and excellent line and load transient responses in
NanoStar™ wafer chip scale and SOT23 packages.
NanoStar packaging gives an ultrasmall footprint as
well as an ultralow profile and package weight,
making these devices ideal for portable applications
such as handsets and PDAs. Each device in the
family is stable, with a small, 2.2-μF ceramic
capacitor on the output. The TPS793 family uses an
advanced, proprietary BiCMOS fabrication process to
yield extremely low dropout voltages (for example,
112 mV at 200 mA, TPS79330). Each device
achieves fast start-up times (approximately 50 μs with
a 0.001-μF bypass capacitor) while consuming very
low quiescent current (170 μA typical). Moreover,
when the device is placed in standby mode, the
supply current is reduced to less than 1 μA. The
TPS79328 exhibits approximately 32 μVRMS of output
voltage noise at 2.8-V output with a 0.1-μF bypass
capacitor. Applications with analog components that
are noise-sensitive, such as portable RF electronics,
benefit from the high PSRR and low-noise features
as well as the fast response time.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS793
SOT-23 (6)
2.90 mm × 1.60 mm
SOT-23 (5)
2.90 mm × 1.60 mm
DSBGA (5)
1.35 mm × 1.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Circuit
Ripple Rejection vs Frequency


Similar Part No. - TPS79333DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79333DBVRG4 TI-TPS79333DBVRG4 Datasheet
442Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS IN NANOSTAR WAFER CHIP SCALE AND SOT23
TPS79333DBVRG4 TI1-TPS79333DBVRG4 Datasheet
934Kb / 20P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 200mA LOW-DROPOUT LINEAR
TPS79333DBVRG4 TI-TPS79333DBVRG4 Datasheet
891Kb / 20P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 200mA LOW-DROPOUT LINEAR REGULATORS IN NanoStar WAFER CHIP SCALE AND SOT23
TPS79333DBVRG4 TI1-TPS79333DBVRG4 Datasheet
1Mb / 33P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar Wafer Chip Scale and SOT-23
TPS79333DBVRG4 TI1-TPS79333DBVRG4 Datasheet
1Mb / 34P
[Old version datasheet]   TPS793 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar??Wafer Chip Scale and SOT-23
More results

Similar Description - TPS79333DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS793 TI1-TPS793_17 Datasheet
1Mb / 33P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar Wafer Chip Scale and SOT-23
TPS793 TI1-TPS793_V01 Datasheet
1Mb / 34P
[Old version datasheet]   TPS793 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar??Wafer Chip Scale and SOT-23
TPS79333 TI-TPS79333_15 Datasheet
918Kb / 28P
[Old version datasheet]   TPS793 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar??Wafer Chip Scale and SOT-23
TPS793 TI-TPS793_15 Datasheet
918Kb / 28P
[Old version datasheet]   TPS793 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar??Wafer Chip Scale and SOT-23
TPS79301 TI-TPS79301 Datasheet
442Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS IN NANOSTAR WAFER CHIP SCALE AND SOT23
TPS79328YZQR TI-TPS79328YZQR Datasheet
891Kb / 20P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 200mA LOW-DROPOUT LINEAR REGULATORS IN NanoStar WAFER CHIP SCALE AND SOT23
TPS730 TI1-TPS730_16 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators
TPS730XX TI-TPS730XX Datasheet
385Kb / 15P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS73047 TI-TPS73047 Datasheet
318Kb / 16P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS73033 TI-TPS73033 Datasheet
271Kb / 13P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com