Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA14680 Datasheet(PDF) 2 Page - Dialog Semiconductor

Part # DA14680
Description  The most integrated and flexible Bluetooth짰 low energy SoC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14680 Datasheet(HTML) 2 Page - Dialog Semiconductor

  DA14680 Datasheet HTML 1Page - Dialog Semiconductor DA14680 Datasheet HTML 2Page - Dialog Semiconductor DA14680 Datasheet HTML 3Page - Dialog Semiconductor DA14680 Datasheet HTML 4Page - Dialog Semiconductor DA14680 Datasheet HTML 5Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.dialog-semiconductor.com/bluetoothlowenergy
SoC Features
• Complies to Bluetooth 4.2, ETSI EN 300 328 and EN 300 440 Class 2 (Europe), FCC CFR47
Part 15 (US) and ARIB STD-T66 (Japan)
• Flexible processing power
- 32 kHz up to 96 MHz 32-bit ARM Cortex-M0 with 16 kBytes, 4-way associative cache
- Three optimised power modes (Extended sleep, Deep sleep and Hibernation) reducing
current down to 840 nA
• Memories
-
8 Mb FLASH
-
64 kB One-Time-Programmable (OTP) memory
-
128 kB Data SRAM with retention capabilities
-
16 kB Cache SRAM with retention capabilities
-
128 kB ROM (including boot ROM and Bluetooth low energy stack)
• Power management
-
Integrated Buck DC-DC converter (1.7 V - 4.75 V)
-
Three power supply pins for external devices
-
Supports Li-Polymer, Li-Ion, coin cells, NiMH and alkaline batteries
-
Charger (up to 5.0 V) with programmable curves
-
High accuracy state-of-charge fuel gauge
-
Programmable threshold for brownout detection
• Clocks
-
16 MHz crystal and RC oscillators
-
32 kHz crystal and RC oscillators
-
10.5 kHz RCX oscillator as a 32 kHz crystal replacement
-
Low power PLL up to 96 MHz
• Three general purpose timer/counters with PWM, one of them 16-bit up/down timer/counter with
PWM available in extended sleep mode
• Application cryptographic engine with ECC, AES-256, SHA-1, SHA-256, SHA-512 and a FIPS
140-2-compliant True Random Number Generator
• Digital interfaces
-
31 general purpose I/Os with programmable voltage levels
-
Two UARTs, one with hardware flow control
-
Two SPI+™ interfaces
-
Two I²C bus interfaces at 100 kHz, 400 kHz
-
Three-axis capable Quadrature Decoder
-
PDM interface with HW sample rate converter (2 mics or 2 speakers)
-
I²S/PCM master/slave interface up to 8 channels
-
Keyboard scanner with de-bouncing
-
Infrared (IR) interface (PWM)
-
USB Full Speed (FS) device interface


Similar Part No. - DA14680

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DA14680 RENESAS-DA14680 Datasheet
5Mb / 440P
   Bluetooth Low Energy 4.2 SoC with FLASH
14-Jan-2022
More results

Similar Description - DA14680

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
IS1870 MICROCHIP-IS1870 Datasheet
2Mb / 44P
   Bluetooth짰 Low Energy (BLE) SoC
07/14/15
logo
STMicroelectronics
BLUENRG-LP STMICROELECTRONICS-BLUENRG-LP Datasheet
4Mb / 72P
   Programmable Bluetooth짰 Low Energy wireless SoC
Rev 2 - September 2020
logo
Silicon Laboratories
EFR32BG13 SILABS-EFR32BG13 Datasheet
2Mb / 176P
   EFR32BG13 Blue Gecko Bluetooth짰 Low Energy SoC Family Data Sheet
logo
List of Unclassifed Man...
BR-LE4.0-S2 ETC-BR-LE4.0-S2 Datasheet
274Kb / 7P
   Bluetooth짰 4.0 Low Energy Single Mode Class 1 SoC Module
logo
Texas Instruments
SWRU311 TI1-SWRU311 Datasheet
1Mb / 8P
[Old version datasheet]   Opening the Box and Running the Bluetooth짰 Low Energy SimpleBLE Demo Application
logo
Pepperl+Fuchs Inc.
LOC01SC PF-LOC01SC Datasheet
1Mb / 2P
   Bluetooth짰 Low Energy Beacon
2021-12-07
LOC-EX01 PF-LOC-EX01 Datasheet
959Kb / 2P
   Bluetooth짰 Low Energy Beacon
2021-06-28
logo
STMicroelectronics
STM32WB5MMG STMICROELECTRONICS-STM32WB5MMG Datasheet
3Mb / 31P
   Bluetooth짰 Low Energy 5.0 and 802.15.4 module
Rev 1 - November 2020
logo
Mitsumi Electronics, Co...
WML-C75 MITSUMI-WML-C75 Datasheet
86Kb / 2P
   Bluetooth짰 Low Energy Module
logo
Pepperl+Fuchs Inc.
LOC01HC PF-LOC01HC Datasheet
1Mb / 2P
   Bluetooth짰 Low Energy Beacon
2021-12-07
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com