Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-1422801VXC Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-1422801VXC
Description  Sink and Source Radiation-Hardened 3-A DDR Termination Regulator With Built-In VTTREF Buffer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-1422801VXC Datasheet(HTML) 8 Page - Texas Instruments

Back Button 5962-1422801VXC Datasheet HTML 4Page - Texas Instruments 5962-1422801VXC Datasheet HTML 5Page - Texas Instruments 5962-1422801VXC Datasheet HTML 6Page - Texas Instruments 5962-1422801VXC Datasheet HTML 7Page - Texas Instruments 5962-1422801VXC Datasheet HTML 8Page - Texas Instruments 5962-1422801VXC Datasheet HTML 9Page - Texas Instruments 5962-1422801VXC Datasheet HTML 10Page - Texas Instruments 5962-1422801VXC Datasheet HTML 11Page - Texas Instruments 5962-1422801VXC Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Output Current (A)
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
0
0.025
0.05
0.075
0.1
0.125
0.15
0.175
0.2
0.225
0.25
0.275
D016
0.6 V
0.675 V
0.75 V
0.9 V
1.25 V
Output Current (A)
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
7
8
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
D018
25qC
125qC
±
qC
VTTREF Output Current (mA)
-15
-10
-5
0
5
10
15
0.676
0.677
0.678
0.679
0.68
0.681
0.682
0.683
0.684
0.685
0.686
D014
25°C
125°C
±
ƒ&
VTTREF Output Current (mA)
-15
-10
-5
0
5
10
15
0.6
0.601
0.602
0.603
0.604
0.605
0.606
0.607
0.608
0.609
0.61
D015
25°C
125°C
±
ƒ&
VTTREF Current (mA)
-15
-10
-5
0
5
10
15
0.9
0.901
0.902
0.903
0.904
0.905
0.906
0.907
0.908
0.909
0.91
D012
25°C
125°C
±
ƒ&
VTTREF Output Current (mA)
-15
-10
-5
0
5
10
15
0.75
0.751
0.752
0.753
0.754
0.755
0.756
0.757
0.758
0.759
0.76
D013
25°C
125°C
±
ƒ&
8
TPS7H3301-SP
SLVSCJ5A – DECEMBER 2015 – REVISED JUNE 2016
www.ti.com
Product Folder Links: TPS7H3301-SP
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
For Figure 1 through Figure 10, (3 × 150-µF T530D157M010ATE005 tantalum + 4 × 4.7-µF MLCC) or equivalent
capacitance/ESR are used on the output.
VDDQSNS = 1.8 V
Figure 7. RF Voltage vs REFOUT Current
VDDQSNS = 1.5 V
Figure 8. RF Voltage vs REFOUT Current
VDDQSNS = 1.35
V
Figure 9. RF Voltage vs REFOUT Current
VDDQSNS = 1.2 V
Figure 10. RF Voltage vs REFOUT Current
VIN = 3.6 V
Figure 11. Dropout Voltage vs Output Current
VIN = 3.5 V
VDDQSNS = 1.5 V
Figure 12. Output Voltage vs Output Current, DDR3


Similar Part No. - 5962-1422801VXC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-1422801VXC TI1-5962-1422801VXC Datasheet
1Mb / 30P
[Old version datasheet]   Sink/Source TID and SEE Hardened 3-A DDR Termination Regulator
More results

Similar Description - 5962-1422801VXC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7H3301-SP TI1-TPS7H3301-SP Datasheet
1Mb / 30P
[Old version datasheet]   Sink/Source TID and SEE Hardened 3-A DDR Termination Regulator
TPS51206 TI1-TPS51206 Datasheet
609Kb / 23P
[Old version datasheet]   2-A Peak Sink/Source DDR Termination Regulator with VTTREF Buffered Reference
TPS51100 TI-TPS51100_07 Datasheet
704Kb / 20P
[Old version datasheet]   3-A SINK/SOURCE DDR TERMINATION REGULATOR
TPS5110 TI-TPS5110 Datasheet
552Kb / 18P
[Old version datasheet]   3-A SINK/ SOURCE DDR TERMINATION REGULATOR
TPS51200-EP TI1-TPS51200-EP_17 Datasheet
582Kb / 35P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TPS51200A-Q1_1812 TI1-TPS51200A-Q1_1812 Datasheet
1Mb / 32P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TPS51200A-Q1 TI1-TPS51200A-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Sink and Source DDR Termination Regulator
logo
SG Micro Corp
SGM2054 SGMICRO-SGM2054 Datasheet
737Kb / 14P
   Sink and Source DDR Termination Regulator
JANUARY2022 - REV.A
logo
Texas Instruments
TPS51200-EP TI1-TPS51200-EP Datasheet
395Kb / 32P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TPS51200-Q1 TI1-TPS51200-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   Sink and Source DDR Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com