Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS7B6850-Q1 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS7B6850-Q1
Description  500-mA 40-V High-Voltage Ultralow Quiescent-Current Watchdog LDO
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7B6850-Q1 Datasheet(HTML) 2 Page - Texas Instruments

  TPS7B6850-Q1 Datasheet HTML 1Page - Texas Instruments TPS7B6850-Q1 Datasheet HTML 2Page - Texas Instruments TPS7B6850-Q1 Datasheet HTML 3Page - Texas Instruments TPS7B6850-Q1 Datasheet HTML 4Page - Texas Instruments TPS7B6850-Q1 Datasheet HTML 5Page - Texas Instruments TPS7B6850-Q1 Datasheet HTML 6Page - Texas Instruments TPS7B6850-Q1 Datasheet HTML 7Page - Texas Instruments TPS7B6850-Q1 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Not to scale
Thermal
Pad
1
IN
28
OUT
2
NC
27
NC
3
NC
26
NC
4
EN
25
PGADJ
5
FSEL
24
PG
6
WTS
23
NC
7
NC
22
NC
8
GND
21
GND
9
NC
20
NC
10
NC
19
NC
11
ROSC
18
WRS
12
DELAY
17
NC
13
WD
16
WD_EN
14
NC
15
WDO
2
TPS7B6833-Q1, TPS7B6850-Q1
SLVSD43 – MAY 2015
www.ti.com
Product Folder Links: TPS7B6833-Q1 TPS7B6850-Q1
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
(1)
I = input, O = output, G = ground
4 Pin Configuration and Functions
PWP PowerPAD™ Package
28-Pin HTSSOP With Exposed Thermal Pad
Top View
NC - No internal connection
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
DELAY
12
O
Power-good delay pin. Connect this pin via a capacitor to ground to adjust the power-good
delay time.
EN
4
I
Device enable pin. Pull this pin down to low-level voltage to disable the device. Pull this pin
up to high-level voltage to enable the device.
FSEL
5
I
Internal oscillator-frequency selection pin. Pull this pin down to low-level voltage to select the
high-frequency oscillator. Pull this pin up to high-level voltage to select the low-frequency
oscillator.
GND
8, 21
G
Ground reference
IN
1
I
Device input power supply pin
NC
2, 3, 7, 9, 10,
14, 17, 19,
20, 22, 23,
26, 27
Not connected
OUT
28
O
Device 3.3-V or 5-V regulated output-voltage pin
PG
24
O
Power-good pin. Open-drain output pin. Pull this pin up to OUT or to a reference through a
resistor. When the output voltage is not ready, this pin is pulled down to ground.
PGADJ
25
O
Power-good threshold-adjustment pin. Connect a resistor divider between the PGADJ and
OUT pins to set the power-good threshold. Short this pin to ground to set the default 91.6%
OUT threshold.


Similar Part No. - TPS7B6850-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7B6850-Q1 TI1-TPS7B6850-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   500-mA 40-V High-Voltage Ultralow Quiescent-Current Watchdog LDO
More results

Similar Description - TPS7B6850-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7B6833-Q1 TI1-TPS7B6833-Q1_17 Datasheet
1Mb / 32P
[Old version datasheet]   500-mA 40-V High-Voltage Ultralow Quiescent-Current Watchdog LDO
TPS7B6333-Q1 TI1-TPS7B6333-Q1_17 Datasheet
1Mb / 33P
[Old version datasheet]   300-mA 40-V High-Voltage, Ultralow-Quiescent-Current Watchdog LDO
TPS7B6333-Q1 TI1-TPS7B6333-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   300-mA 40-V High-Voltage Ultralow Quiescent-Current Watchdog LDO
TPS7B6933 TI1-TPS7B6933 Datasheet
1Mb / 21P
[Old version datasheet]   150-mA, 40-V Ultralow-Quiescent-Current LDO
LM2936Q TI1-LM2936Q_16 Datasheet
1Mb / 30P
[Old version datasheet]   Ultralow Quiescent Current LDO Voltage Regulator
logo
Microchip Technology
MCP1725 MICROCHIP-MCP1725_08 Datasheet
581Kb / 32P
   500 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
MCP1825 MICROCHIP-MCP1825 Datasheet
655Kb / 38P
   500 mA, Low Voltage, Low Quiescent Current LDO Regulator
2008
MCP1725 MICROCHIP-MCP1725 Datasheet
1Mb / 32P
   500 mA, Low Voltage, Low Quiescent Current LDO Regulator
2006
logo
Texas Instruments
TPS76601 TI1-TPS76601_13 Datasheet
1Mb / 24P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 250-mA LOW DROPOUT VOLTAGE REGULATORS
TPS76615 TI1-TPS76615_16 Datasheet
1Mb / 24P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 250-mA LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com