Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS7B4254QDDARQ1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7B4254QDDARQ1
Description  150-mA 40-V Voltage-Tracking LDO With 4-mV Tracking Tolerance
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7B4254QDDARQ1 Datasheet(HTML) 4 Page - Texas Instruments

  TPS7B4254QDDARQ1 Datasheet HTML 1Page - Texas Instruments TPS7B4254QDDARQ1 Datasheet HTML 2Page - Texas Instruments TPS7B4254QDDARQ1 Datasheet HTML 3Page - Texas Instruments TPS7B4254QDDARQ1 Datasheet HTML 4Page - Texas Instruments TPS7B4254QDDARQ1 Datasheet HTML 5Page - Texas Instruments TPS7B4254QDDARQ1 Datasheet HTML 6Page - Texas Instruments TPS7B4254QDDARQ1 Datasheet HTML 7Page - Texas Instruments TPS7B4254QDDARQ1 Datasheet HTML 8Page - Texas Instruments TPS7B4254QDDARQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
4
TPS7B4254-Q1
SLVSDI1B – APRIL 2016 – REVISED JUNE 2016
www.ti.com
Product Folder Links: TPS7B4254-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to the GND pin.
(3)
An internal diode is connected between the OUT and GND pins with 600-mA dc current capability for inductive clamp protection.
(4)
When the (ADJ – IN) voltage is higher than 18 V, the (ADJ – OUT) voltage should be maintained lower than 18 V, otherwise the device
can be damaged.
6 Specifications
6.1 Absolute Maximum Ratings
over operating ambient temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Unregulated input voltage
IN(2)
–40
45
V
Regulated output voltage
OUT(2)(3)
–1
45
V
Voltage difference between the input
and output
IN – OUT
–40
45
V
Reference voltage
ADJ(2)
–0.3
45
V
Feedback input voltage for the tracker
FB(2)
–1
45
V
Reference voltage minus the input
voltage
ADJ – IN(4)
18
V
Operating junction temperature, TJ
–40
150
ºC
Storage temperature, Tstg
–65
150
°C
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per AEC
Q100-002(1)
All pins except NC
±4000
V
NC pins
±2000
Charged-device model (CDM), per AEC Q100-011
±1000
(1)
Within the functional range the device operates as described in the circuit description. The electrical characteristics are specified within
the conditions given in the related Electrical Characteristics table.
(2)
VIN > VADJ + VDROPOUT
(3)
The minimum output capacitance requirement is applicable for a worst-case capacitance tolerance of 30%. When a resistor divider is
connected between the OUT and FB pins (the output voltage is higher than reference voltage), a 47-nF feedforward capacitor is
required to be connected between the OUT and FB pins for loop stability, and the ESR range of the output capacitor is required to be
from 0.001 to 10 Ω.
(4)
Relevant ESR value at f = 10 kHz
6.3 Recommended Operating Conditions
over operating ambient temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VIN
Unregulated input voltage(2)
4
40
V
VADJ
Reference input voltage
2
18
V
VFB
Feedback input voltage for the tracker
2
18
V
VOUT
Regulated output voltage
2
40
V
COUT
Output capacitor requirements(3)
10
500
µF
Output ESR requirements(4)
0.001
20
Ω
TJ
Operating junction temperature
–40
150
ºC


Similar Part No. - TPS7B4254QDDARQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7B4250-Q1 TI1-TPS7B4250-Q1 Datasheet
316Kb / 17P
[Old version datasheet]   Low-Dropout Voltage-Tracking LDO
TPS7B4250-Q1 TI-TPS7B4250-Q1_15 Datasheet
915Kb / 23P
[Old version datasheet]   TPS7B4250-Q1 Low-Dropout Voltage-Tracking LDO
TPS7B4250QDBVQ1 TI1-TPS7B4250QDBVQ1 Datasheet
316Kb / 17P
[Old version datasheet]   Low-Dropout Voltage-Tracking LDO
TPS7B4250QDBVRQ1 TI1-TPS7B4250QDBVRQ1 Datasheet
316Kb / 17P
[Old version datasheet]   Low-Dropout Voltage-Tracking LDO
TPS7B4253-Q1 TI1-TPS7B4253-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Dropout Voltage-Tracking LDO With 4-mV Tracking Tolerance
More results

Similar Description - TPS7B4254QDDARQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7B4253-Q1 TI-TPS7B4253-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS7B4253-Q1 300-mA 40-V Low-Dropout Voltage-Tracking LDO With 4-mV Tracking Tolerance
TPS7B4255-Q1 TI1-TPS7B4255-Q1_V01 Datasheet
1Mb / 34P
[Old version datasheet]   TPS7B4255-Q1 Automotive, 70-mA, 40-V, Voltage-Tracking LDO With 5-mV Tracking Tolerance
REVISED AUGUST 2023
TPS7B4256-Q1 TI1-TPS7B4256-Q1_V01 Datasheet
1Mb / 34P
[Old version datasheet]   TPS7B4256-Q1 Automotive, 70-mA, 40-V, Voltage-Tracking LDO With 6-mV Tracking Tolerance
REVISED NOVEMBER 2023
TPS7B4253-Q1 TI1-TPS7B4253-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Dropout Voltage-Tracking LDO With 4-mV Tracking Tolerance
TPS7B4255-Q1 TI-TPS7B4255-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   TPS7B4255-Q1 Automotive, 70-mA, 40-V, Voltage-Tracking LDO With 5-mV Tracking Tolerance
JUNE 2022
TPS7B4256-Q1 TI-TPS7B4256-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   TPS7B4256-Q1 Automotive, 70-mA, 40-V, Voltage-Tracking LDO With 6-mV Tracking Tolerance
SEPTEMBER 2023
TPS7B4255 TI-TPS7B4255 Datasheet
1Mb / 26P
[Old version datasheet]   TPS7B4255 70-mA, 40-V, Voltage-Tracking LDO With Voltage-Buffering Capability
DECEMBER 2022
TPS7B4250-Q1 TI1-TPS7B4250-Q1 Datasheet
316Kb / 17P
[Old version datasheet]   Low-Dropout Voltage-Tracking LDO
TPS7B4250-Q1 TI-TPS7B4250-Q1_15 Datasheet
915Kb / 23P
[Old version datasheet]   TPS7B4250-Q1 Low-Dropout Voltage-Tracking LDO
logo
Delta Electronics, Inc.
DNK12 DELTA-DNK12 Datasheet
1,008Kb / 15P
   Output voltage tracking
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com