Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA120 Datasheet(PDF) 10 Page - Texas Instruments

Part # INA120
Description  INSTRUMENTATION AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA120 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA120 Datasheet HTML 4Page - Texas Instruments INA120 Datasheet HTML 5Page - Texas Instruments INA120 Datasheet HTML 6Page - Texas Instruments INA120 Datasheet HTML 7Page - Texas Instruments INA120 Datasheet HTML 8Page - Texas Instruments INA120 Datasheet HTML 9Page - Texas Instruments INA120 Datasheet HTML 10Page - Texas Instruments INA120 Datasheet HTML 11Page - Texas Instruments INA120 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
®
INA120
10
INA120
REF102
R
80.6k
4
R
1M
7
R
5.23k
2
R
27k
1
R
100
3
1N4148
Cu
Cu
R
50
5
R
100
Zero Adj
6
V+
V
O
K
6
10.0V
4
(1)
(2)
(2)
FIGURE 7. Thermocouple Amplifier With Cold Junction Compensation.
Shielded Cable
FIGURE 8. Guard Drive Circuit.
A
3
A
1
A
2
1
18
2
12
7
6
3
4
5
8
9
10
11
17
13
16
15
14
V
IN
V+
INA105
V
O
G = 1000
1
3
6
5
2
V–
220
SEEBECK
ISA
COEFFICIENT
R
2
R
4
TYPE MATERIAL
(
µV/°C)
(R
3 = 100)(R5 + R6
=100
)
E
Chromel
58.5
3.48k
56.2k
Constantan
J
Iron
50.2
4.12k
64.9k
Constantan
K
Chromel
39.4
5.23k
80.6k
Alumel
T
Copper
38.0
5.49k
84.5k
Constantan
NOTES: (1) –2.1mV/
°C at 200µA.
(2) R
7 provides down-scale burn-out
indication.


Similar Part No. - INA120

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA121 BURR-BROWN-INA121 Datasheet
220Kb / 12P
   FET-Input, Low Power INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA121 TI1-INA121 Datasheet
884Kb / 20P
[Old version datasheet]   FET-Input, Low Power INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA121P BURR-BROWN-INA121P Datasheet
220Kb / 12P
   FET-Input, Low Power INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA121P TI1-INA121P Datasheet
884Kb / 20P
[Old version datasheet]   FET-Input, Low Power INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA121PA BURR-BROWN-INA121PA Datasheet
220Kb / 12P
   FET-Input, Low Power INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA120

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA202 TI1-PGA202_00 Datasheet
106Kb / 11P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
logo
Exar Corporation
XR620A EXAR-XR620A Datasheet
1Mb / 15P
   Instrumentation Amplifier
logo
Cadeka Microcircuits LL...
CLC1200 CADEKA-CLC1200 Datasheet
1Mb / 15P
   Instrumentation Amplifier
logo
Texas Instruments
INA322 TI1-INA322_16 Datasheet
815Kb / 22P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
INA337 TI1-INA337_14 Datasheet
830Kb / 19P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
PGA206 TI1-PGA206_16 Datasheet
213Kb / 13P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
ISO165 BURR-BROWN-ISO165 Datasheet
164Kb / 8P
   INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA2141 TI1-INA2141 Datasheet
751Kb / 15P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
PGA204 TI1-PGA204_16 Datasheet
794Kb / 20P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
logo
Exar Corporation
CLC1200 EXAR-CLC1200 Datasheet
1Mb / 15P
   Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com