Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBA0204IZ1ZRP00 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # MBA0204IZ1ZRP00
Description  Professional Thin Film Leaded Resistors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBA0204IZ1ZRP00 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button MBA0204IZ1ZRP00 Datasheet HTML 7Page - Vishay Siliconix MBA0204IZ1ZRP00 Datasheet HTML 8Page - Vishay Siliconix MBA0204IZ1ZRP00 Datasheet HTML 9Page - Vishay Siliconix MBA0204IZ1ZRP00 Datasheet HTML 10Page - Vishay Siliconix MBA0204IZ1ZRP00 Datasheet HTML 11Page - Vishay Siliconix MBA0204IZ1ZRP00 Datasheet HTML 12Page - Vishay Siliconix MBA0204IZ1ZRP00 Datasheet HTML 13Page - Vishay Siliconix MBA0204IZ1ZRP00 Datasheet HTML 14Page - Vishay Siliconix MBA0204IZ1ZRP00 Datasheet HTML 15Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
MBA/SMA 0204, MBB/SMA 0207, MBE/SMA 0414 - Professional
www.vishay.com
Vishay Beyschlag
Revision: 02-Nov-15
11
Document Number: 28766
For technical questions, contact: filmresistorsleaded@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TESTS PROCEDURES AND REQUIREMENTS
All tests are carried out in accordance with the following
specifications:
• EN 60115-1, generic specification (includes tests)
• EN 140100, sectional specification (includes schedule for
qualification approval)
• EN 140101-806 (successor of CECC 40101-806), detail
specification
(includes
schedule
for
conformance
inspection)
The test and requirements table contains only the most
important tests. For the full test schedule refer to the
documents listed above.
The tests are carried out in accordance with IEC 60068-2-xx
test method and under standard atmospheric conditions in
accordance with IEC 60068-1, 5.3.
Climatic category LCT / UCT / 56 (rated temperature range:
lower category temperature, upper category temperature;
damp heat, steady state, test duration: 56 days) is valid.
Unless otherwise specified the following values apply:
• Temperature: 15 °C to 35 °C
• Relative humidity: 45 % to 75 %
• Air pressure: 86 kPa to 106 kPa (860 mbar to 1060 mbar).
For performing some of the tests, the components are
mounted on a test board in accordance with IEC 60115-1,
4.31.
In Test Procedures and Requirements table, only the tests
and requirements are listed with reference to the relevant
clauses of IEC 60115-1 and IEC 60068-2-xx test methods.
A short description of the test procedure is also given.
TEST PROCEDURES AND REQUIREMENTS
IEC
60115-1
CLAUSE
IEC
60068-2
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS PERMISSIBLE CHANGE
(
ΔR max.)
Stability for product types:
STABILITY
CLASS 0.5
STABILITY
CLASS 1
STABILITY
CLASS 2
MBA/SMA 0204
1
Ω to 332 kΩ
0.22
Ω to < 1 Ω
> 332 k
Ω
MBB/SMA 0207
1
Ω to 1 MΩ
0.22
Ω to < 1 Ω
> 1 M
Ω
MBE/SMA 0414
1
Ω to 2.4 MΩ
0.22
Ω to < 1 Ω
> 2.4 M
Ω
4.5
-
Resistance
-
± 5 %
R; ± 1 % R; ± 0.5 % R
4.7
-
Voltage proof
URMS = Uins; 60 s
No flashover or breakdown
4.8
-
Temperature
coefficient
At (20 / -55 / 20) °C
and (20 / 155 / 20) °C
± 50 ppm/K; ± 25 ppm/K
4.13
-
Short time
overload
Room temperature;
U = 2.5 x
or
U = 2 x Umax.; 5 s
± (0.1 % 
R + 0.01 Ω)
no visible damage
± (0.25 % 
R + 0.05 Ω)
no visible damage
± 0.5 % 
R
no visible damage
4.16
21 (Ua1)
21 (Ub)
21 (Uc)
Robustness
of terminations
Tensile, bending,
and torsion
± (0.1 % 
R + 0.01 Ω)± (0.25 % R + 0.05 Ω)± 0.5 % R
4.17
20 (Ta)
Solderability
+235 °C; 2 s; solder bath
method; SnPb40
Good tinning
(> 95 % covered, no visible damage)
+245 °C; 3 s; solder bath
method; SnAg3Cu0.5
4.18.2
20 (Tb)
Resistance to
soldering heat
Unmounted components;
(260 ± 5) °C; (10 ± 1) s
± (0.1 % 
R + 0.01 Ω)
no visible damage
± (0.25 % 
R + 0.05 Ω)
no visible damage
± 0.5 % 
R
no visible damage
4.19
14 (Na)
Rapid change
of temperature
30 min at -55 °C
30 min at 155 °C
5 cycles
± (0.1 % 
R + 0.01 Ω)± (0.25 % R + 0.05 Ω)± 0.5 % R
MBA/SMA 0204: 500 cycles
MBB/SMA 0207: 200 cycles
MBE/SMA 0414: 100 cycles
± (0.5 % 
R + 0.05 Ω) ± (0.5 % R + 0.05 Ω) ± (0.5 % R + 0.05 Ω)
4.22
6
Vibration
10 sweep cycles per
direction; 10 Hz to 2000 Hz
1.5 mm or 200 m/s2
± (0.1 % 
R + 0.01 Ω)± (0.25 % R + 0.05 Ω)± 0.5 % R
4.23
Climatic
sequence:
4.23.2
2 (Ba)
Dry heat
155 °C; 16 h
4.23.3
30 (Db)
Damp heat,
cyclic
55 °C; 24 h;
≥ 90 % to 100 % RH; 1 cycle
4.23.4
1 (Aa)
Cold
-55 °C; 2 h
4.23.5
13 (M)
Low air
pressure
8.5 kPa; 2 h;
15 °C to 35 °C
4.23.6
30 (Db)
Damp heat,
cyclic
55 °C; 5 days;
≥ 95 % to 100 % RH; 5 cycles
± (0.5 % 
R + 0.05 Ω)
no visible damage
± (1 % 
R + 0.05 Ω)
no visible damage
± 2 % 
R
no visible damage
4.23.7
DC load
apply rated power for 1 min
P
70 x R


Similar Part No. - MBA0204IZ1ZRP00

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBA0204 VISHAY-MBA0204 Datasheet
294Kb / 9P
   Lead (Pb)-Free Precision Leaded Resistors
Revision: 20-Sep-05
logo
List of Unclassifed Man...
MBA0204 ETC2-MBA0204 Datasheet
904Kb / 16P
   Professional leaded resistors
logo
Vishay Siliconix
MBA0204 VISHAY-MBA0204 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBA0204 VISHAY-MBA0204 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
logo
List of Unclassifed Man...
MBA0204 ETC2-MBA0204 Datasheet
948Kb / 16P
   MBA 0204; MBB 0207; MBE 0414 Professional leaded resistors
More results

Similar Description - MBA0204IZ1ZRP00

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MRS16 VISHAY-MRS16_15 Datasheet
81Kb / 4P
   Professional Thin Film Leaded Resistors
Revision: 30-Apr-15
MRS25000C9533FRP00 VISHAY-MRS25000C9533FRP00 Datasheet
81Kb / 3P
   Professional Thin Film Leaded Resistors
Revision: 17-Aug-11
MBE04140C1009FC100 VISHAY-MBE04140C1009FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBA02040C5601FC100 VISHAY-MBA02040C5601FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBB02070C3301FC100 VISHAY-MBB02070C3301FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MRS16000C1003FCT00 VISHAY-MRS16000C1003FCT00 Datasheet
81Kb / 3P
   Professional Thin Film Leaded Resistors
Revision: 17-Aug-11
MRS25000C1000FC100 VISHAY-MRS25000C1000FC100 Datasheet
81Kb / 3P
   Professional Thin Film Leaded Resistors
Revision: 17-Aug-11
MBB02070C1002FC100 VISHAY-MBB02070C1002FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBA02040C1009FCT00 VISHAY-MBA02040C1009FCT00 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MCS04020C3309FE000 VISHAY-MCS04020C3309FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com