Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS7A3725DRVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A3725DRVT
Description  High-Accuracy, 1-A, Low-Dropout Regulator With Reverse Current Protection
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A3725DRVT Datasheet(HTML) 1 Page - Texas Instruments

  TPS7A3725DRVT Datasheet HTML 1Page - Texas Instruments TPS7A3725DRVT Datasheet HTML 2Page - Texas Instruments TPS7A3725DRVT Datasheet HTML 3Page - Texas Instruments TPS7A3725DRVT Datasheet HTML 4Page - Texas Instruments TPS7A3725DRVT Datasheet HTML 5Page - Texas Instruments TPS7A3725DRVT Datasheet HTML 6Page - Texas Instruments TPS7A3725DRVT Datasheet HTML 7Page - Texas Instruments TPS7A3725DRVT Datasheet HTML 8Page - Texas Instruments TPS7A3725DRVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
TPS7A3701
GND
EN
FB
IN
OUT
V
IN
V
OUT
Optional
1.0 F
m
OFF
ON
TPS7A37xx
GND
EN
IN
OUT
V
IN
V
OUT
ON
OFF
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS7A37
SBVS220B – MARCH 2013 – REVISED AUGUST 2015
TPS7A37 1% High-Accuracy, 1-A, Low-Dropout Regulator With Reverse Current
Protection
1 Features
3 Description
The TPS7A37 family of linear low-dropout (LDO)
1
Stable with 1-
μF or Larger Ceramic Output
voltage regulators uses an NMOS pass element in a
Capacitor
voltage-follower
configuration.
This
topology
is
Input Voltage Range: 2.2 V to 5.5 V
relatively insensitive to output capacitor value and
Ultralow Dropout Voltage:
ESR, allowing a wide variety of load configurations.
Load transient response is excellent, even with a
200-mV Maximum at 1 A
small 1-
μF ceramic output capacitor. The NMOS
Excellent Load Transient Response—Even With
topology also allows very low dropout.
Only 1-
μF Output Capacitor
The TPS7A37 family uses an advanced BiCMOS
NMOS Topology Delivers Low Reverse Leakage
process to yield high precision while delivering very
Current
low dropout voltages and low ground pin current.
Excellent Accuracy:
Current consumption, when not enabled, is under 20
nA and ideal for portable applications. These devices
0.23% Nominal Accuracy
are protected by thermal shutdown and foldback
1% Overall Accuracy Over Line, Over Load,
current limit.
and Over Temperature
Less Than 20-nA typical IQ in Shutdown Mode
Device Information(1)
Thermal Shutdown and Current Limit for Fault
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Protection
TPS7A37
WSON (6)
2.00 mm × 2.00 mm
(1) For all available packages, see the orderable addendum at
2 Applications
the end of the data sheet.
Point of Load Regulation for DSPs, FPGAs,
ASICs, and Microprocessors
Post-Regulation for Switching Supplies
Portable and Battery-Powered Equipment
SPACE
Typical Application Circuit (Adjustable Version)
Typical Application Circuit (Fixed Version)
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS7A3725DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A37 TI1-TPS7A37 Datasheet
1Mb / 24P
[Old version datasheet]   1% High-Accuracy, 1-A, Low-Dropout Regulator with Reverse Current Protection
TPS7A37 TI-TPS7A37 Datasheet
2Mb / 40P
[Old version datasheet]   TPS737 1-A Low-Dropout Regulator With Reverse Current Protection
REVISED NOVEMBER 2023
TPS7A37 TI-TPS7A37_15 Datasheet
1,023Kb / 26P
[Old version datasheet]    1% High-Accuracy, 1-A, Low-Dropout Regulator with Reverse Current Protection
More results

Similar Description - TPS7A3725DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A37 TI-TPS7A37_15 Datasheet
1,023Kb / 26P
[Old version datasheet]    1% High-Accuracy, 1-A, Low-Dropout Regulator with Reverse Current Protection
TPS7A37 TI1-TPS7A37 Datasheet
1Mb / 24P
[Old version datasheet]   1% High-Accuracy, 1-A, Low-Dropout Regulator with Reverse Current Protection
TPS73719-Q1 TI1-TPS73719-Q1 Datasheet
536Kb / 19P
[Old version datasheet]   1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73719-Q1 TI-TPS73719-Q1_15 Datasheet
991Kb / 22P
[Old version datasheet]   1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS737 TI1-TPS737_16 Datasheet
1Mb / 38P
[Old version datasheet]   1-A Low-Dropout Regulator With Reverse Current Protection
TPS73719-Q1 TI1-TPS73719-Q1_16 Datasheet
1Mb / 26P
[Old version datasheet]   1-A Low-Dropout Regulator With Reverse Current Protection
TPS737 TI-TPS737_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS737xx 1-A Low-Dropout Regulator With Reverse Current Protection
TPS737 TI-TPS737 Datasheet
2Mb / 40P
[Old version datasheet]   TPS737 1-A Low-Dropout Regulator With Reverse Current Protection
REVISED NOVEMBER 2023
TPS73718 TI-TPS73718 Datasheet
972Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73701 TI1-TPS73701_13 Datasheet
1Mb / 31P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com