Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS7A3725DRVR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A3725DRVR
Description  High-Accuracy, 1-A, Low-Dropout Regulator With Reverse Current Protection
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A3725DRVR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS7A3725DRVR Datasheet HTML 7Page - Texas Instruments TPS7A3725DRVR Datasheet HTML 8Page - Texas Instruments TPS7A3725DRVR Datasheet HTML 9Page - Texas Instruments TPS7A3725DRVR Datasheet HTML 10Page - Texas Instruments TPS7A3725DRVR Datasheet HTML 11Page - Texas Instruments TPS7A3725DRVR Datasheet HTML 12Page - Texas Instruments TPS7A3725DRVR Datasheet HTML 13Page - Texas Instruments TPS7A3725DRVR Datasheet HTML 14Page - Texas Instruments TPS7A3725DRVR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Servo
Error
Amp
Ref
27 kW
8 kW
Current
Limit
Thermal
Protection
Bandgap
NR
OUT
R
1
R
2
EN
GND
IN
R
1 + R2 = 80 kW
4-MHZ
Charge Pump
TPS7A37
www.ti.com
SBVS220B – MARCH 2013 – REVISED AUGUST 2015
7 Detailed Description
7.1 Overview
The TPS7A37 belongs to a family of LDO regulators that use an NMOS pass transistor to achieve ultra-low-
dropout performance and reverse current protection. These features combined with an enable input make the
TPS7A37 ideal for portable applications. This regulator family offers a wide selection of fixed output voltage
versions and an adjustable output version. All versions have thermal and over-current protection, including
foldback current limit.
7.2 Functional Block Diagrams
Figure 29. Fixed Voltage Version
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS7A37


Similar Part No. - TPS7A3725DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A37 TI1-TPS7A37 Datasheet
1Mb / 24P
[Old version datasheet]   1% High-Accuracy, 1-A, Low-Dropout Regulator with Reverse Current Protection
TPS7A37 TI-TPS7A37 Datasheet
2Mb / 40P
[Old version datasheet]   TPS737 1-A Low-Dropout Regulator With Reverse Current Protection
REVISED NOVEMBER 2023
TPS7A37 TI-TPS7A37_15 Datasheet
1,023Kb / 26P
[Old version datasheet]    1% High-Accuracy, 1-A, Low-Dropout Regulator with Reverse Current Protection
More results

Similar Description - TPS7A3725DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A37 TI-TPS7A37_15 Datasheet
1,023Kb / 26P
[Old version datasheet]    1% High-Accuracy, 1-A, Low-Dropout Regulator with Reverse Current Protection
TPS7A37 TI1-TPS7A37 Datasheet
1Mb / 24P
[Old version datasheet]   1% High-Accuracy, 1-A, Low-Dropout Regulator with Reverse Current Protection
TPS73719-Q1 TI1-TPS73719-Q1 Datasheet
536Kb / 19P
[Old version datasheet]   1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73719-Q1 TI-TPS73719-Q1_15 Datasheet
991Kb / 22P
[Old version datasheet]   1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS737 TI1-TPS737_16 Datasheet
1Mb / 38P
[Old version datasheet]   1-A Low-Dropout Regulator With Reverse Current Protection
TPS73719-Q1 TI1-TPS73719-Q1_16 Datasheet
1Mb / 26P
[Old version datasheet]   1-A Low-Dropout Regulator With Reverse Current Protection
TPS737 TI-TPS737_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS737xx 1-A Low-Dropout Regulator With Reverse Current Protection
TPS737 TI-TPS737 Datasheet
2Mb / 40P
[Old version datasheet]   TPS737 1-A Low-Dropout Regulator With Reverse Current Protection
REVISED NOVEMBER 2023
TPS73718 TI-TPS73718 Datasheet
972Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73701 TI1-TPS73701_13 Datasheet
1Mb / 31P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com