Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3448 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IR3448
Description  16A Highly Integrated SupIRBuck짰 Single-Input Voltage, Synchronous Buck Regulator
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IR3448 Datasheet(HTML) 3 Page - Infineon Technologies AG

  IR3448 Datasheet HTML 1Page - Infineon Technologies AG IR3448 Datasheet HTML 2Page - Infineon Technologies AG IR3448 Datasheet HTML 3Page - Infineon Technologies AG IR3448 Datasheet HTML 4Page - Infineon Technologies AG IR3448 Datasheet HTML 5Page - Infineon Technologies AG IR3448 Datasheet HTML 6Page - Infineon Technologies AG IR3448 Datasheet HTML 7Page - Infineon Technologies AG IR3448 Datasheet HTML 8Page - Infineon Technologies AG IR3448 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
IR3448
3
Rev 3.6
May 17, 2016
FUNCTIONAL BLOCK DIAGRAM
Comp
CByp
FB
Smart
LDO
Vin
LGnd
DCM
VCC
UVcc
Enable
UVEN
CONTROL
LOGIC
Rt/Sync
PGD
OVER CURRENT
DRIVER
+
BODY
BRAKING
CONTROL
HDin
LDin
HDrv
LDrv
DIGITAL
SOFT
START
SSOK
UVEN
Vsns
OC
FAULT
Intl_SS
FAULT
Boot
PVin
SW
PGnd
OV
THERMAL
SHUTDOWN
FAULT
CONTROL
TSD
UVcc
OC
+
+
-
E/A
OVER
VOLTAGE
POR
POR
UVcc
ZERO CROSSING
COMPARATOR
ZC
POR
UVcc
VREF
PVin
POR
OCset
RSo
RS+
RS-
VCC
-
+
0.6V
POR
CLK
VREF
FB
FB
DCM
VREF
Figure 3: IR3448 Simplified Block Diagram


Similar Part No. - IR3448

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3448 IRF-IR3448 Datasheet
2Mb / 49P
   16A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3448M IRF-IR3448M Datasheet
3Mb / 50P
   Single 5V to 21V application
IR3448MPBF IRF-IR3448MPBF Datasheet
2Mb / 49P
   16A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3448MTR1PBF IRF-IR3448MTR1PBF Datasheet
2Mb / 49P
   16A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3448MTRPBF IRF-IR3448MTRPBF Datasheet
2Mb / 49P
   16A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
More results

Similar Description - IR3448

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IR3829MTRPBF INFINEON-IR3829MTRPBF Datasheet
1Mb / 50P
   16A Highly Integrated Single-Input Synchronous SupIRBuck짰 Regulator
Rev 3.7, 03/24/2016
IR3847 INFINEON-IR3847_16 Datasheet
2Mb / 57P
   25A Highly Integrated SupIRBuck짰 Single-Input Voltage, Synchronous Buck Regulator
Rev 3.7 May 17, 2016
IR3447 INFINEON-IR3447_16 Datasheet
2Mb / 52P
   25A Highly Integrated SupIRBuck짰 Single-Input Voltage, Synchronous Buck Regulator
Rev 3.7 May 17, 2016
logo
International Rectifier
IR3448 IRF-IR3448 Datasheet
2Mb / 49P
   16A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
logo
Infineon Technologies A...
IR3828MTRPBF INFINEON-IR3828MTRPBF Datasheet
1Mb / 50P
   10A Highly Integrated Single-Input Synchronous SupIRBuck짰 Regulator
Rev 3.7, 03/24/2016
IR3825MTRPBF INFINEON-IR3825MTRPBF Datasheet
1Mb / 49P
   20A Highly Integrated Single-Input Synchronous SupIRBuck짰 Regulator
Rev 3.7, 03/24/2016
logo
International Rectifier
IR3838MPBF IRF-IR3838MPBF_15 Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3838MTR1PBF IRF-IR3838MTR1PBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3837MPBF IRF-IR3837MPBF Datasheet
1Mb / 36P
   HIGHLY INTEGRATED 14A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3839MPBF IRF-IR3839MPBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 6A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com