Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3847MTRPBF Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # IR3847MTRPBF
Description  25A Highly Integrated SupIRBuck짰 Single-Input Voltage, Synchronous Buck Regulator
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IR3847MTRPBF Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button IR3847MTRPBF Datasheet HTML 6Page - Infineon Technologies AG IR3847MTRPBF Datasheet HTML 7Page - Infineon Technologies AG IR3847MTRPBF Datasheet HTML 8Page - Infineon Technologies AG IR3847MTRPBF Datasheet HTML 9Page - Infineon Technologies AG IR3847MTRPBF Datasheet HTML 10Page - Infineon Technologies AG IR3847MTRPBF Datasheet HTML 11Page - Infineon Technologies AG IR3847MTRPBF Datasheet HTML 12Page - Infineon Technologies AG IR3847MTRPBF Datasheet HTML 13Page - Infineon Technologies AG IR3847MTRPBF Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 57 page
background image
IR3847
10
Rev 3.7
May 17, 2016
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Vsns Rising,
Vref < 0.1V
115
120
125
% Vp
OVP Fault Prop Delay
OVP (delay)
Vsns rising
1.5
2.5
3.5
µs
Over-Current Protection
OC Trip Current
ITRIP
OCSet=VCC, VCC =
6.8V, TJ = 25°C
29.25
32.5
35.75
A
OCSet=floating, VCC =
6.8V, TJ = 25°C
23.4
26
28.6
A
OCSet=PGnd, VCC
=6.8V, TJ = 25°C
17.55
19.5
21.85
A
Hiccup blanking time
Tblk_Hiccup
Note 4
20.48
ms
Thermal Shutdown
Thermal Shutdown
Note 4
145
°C
Hysteresis
Note 4
20
°C
Notes:
4. Guaranteed by design but not tested in production.


Similar Part No. - IR3847MTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3847MTRPBF IRF-IR3847MTRPBF Datasheet
1Mb / 53P
   Single-Input Voltage, Synchronous Buck Regulator 25A Highly Integrated SupIRBuck
More results

Similar Description - IR3847MTRPBF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IR3447 INFINEON-IR3447_16 Datasheet
2Mb / 52P
   25A Highly Integrated SupIRBuck짰 Single-Input Voltage, Synchronous Buck Regulator
Rev 3.7 May 17, 2016
IR3448 INFINEON-IR3448_16 Datasheet
2Mb / 51P
   16A Highly Integrated SupIRBuck짰 Single-Input Voltage, Synchronous Buck Regulator
Rev 3.6 May 17, 2016
logo
International Rectifier
IR3847 IRF-IR3847 Datasheet
1Mb / 53P
   Single-Input Voltage, Synchronous Buck Regulator 25A Highly Integrated SupIRBuck
IR3447 IRF-IR3447 Datasheet
1Mb / 51P
   25A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
logo
Infineon Technologies A...
IR3828MTRPBF INFINEON-IR3828MTRPBF Datasheet
1Mb / 50P
   10A Highly Integrated Single-Input Synchronous SupIRBuck짰 Regulator
Rev 3.7, 03/24/2016
IR3829MTRPBF INFINEON-IR3829MTRPBF Datasheet
1Mb / 50P
   16A Highly Integrated Single-Input Synchronous SupIRBuck짰 Regulator
Rev 3.7, 03/24/2016
IR3825MTRPBF INFINEON-IR3825MTRPBF Datasheet
1Mb / 49P
   20A Highly Integrated Single-Input Synchronous SupIRBuck짰 Regulator
Rev 3.7, 03/24/2016
logo
International Rectifier
IR38063M IRF-IR38063M_15 Datasheet
558Kb / 2P
   Highly Integrated 25A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
IP1827 IRF-IP1827 Datasheet
2Mb / 39P
   Highly Integrated 25A Single.input Voltage, Synchronous Buck Regulator
IR3838MPBF IRF-IR3838MPBF_15 Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com