Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDTQS3257SO Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDTQS3257SO
Description  QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH QUAD 2:1 MUX/DEMUX
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTQS3257SO Datasheet(HTML) 1 Page - Integrated Device Technology

  IDTQS3257SO Datasheet HTML 1Page - Integrated Device Technology IDTQS3257SO Datasheet HTML 2Page - Integrated Device Technology IDTQS3257SO Datasheet HTML 3Page - Integrated Device Technology IDTQS3257SO Datasheet HTML 4Page - Integrated Device Technology IDTQS3257SO Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
IDTQS3257
HIGH-SPEED CMOS QUICKSWITCH QUAD 2:1 MUX/DEMUX
INDUSTRIALTEMPERATURERANGE
FEBRUARY 2001
2001 Integrated Device Technology, Inc.
DSC-5756/6
c
IDTQS3257
INDUSTRIAL TEMPERATURE RANGE
QUICKSWITCH® PRODUCTS
HIGH-SPEED CMOS
QUICKSWITCH
QUAD 2:1 MUX/DEMUX
FUNCTIONAL BLOCK DIAGRAM
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
FEATURES:
• Enhanced N channel FET with no inherent diode to Vcc
•5
Ω bidirectional switches connect inputs to outputs
• Pin compatible with the 74F257, 74FCT257, and 74FCT257T
• Zero propagation delay, zero ground bounce
• Undershoot clamp diodes on all switch and control inputs
• TTL-compatible control inputs
• Available in SOIC, QSOP, and S1 packages
APPLICATIONS:
• Logic replacement
• Video, audio, graphics switching, muxing
• Hot-swapping, hot-docking
• Voltage translation (5V to 3.3V)
• Bus funneling
DESCRIPTION:
The QS3257 is a high-speed CMOS LVTTL-compatible Quad 2:1
multiplexer/demultiplexer. The QS3257 is a function and pinout compatible
QuickSwitch version of the 74F257, 74FCT257, and the 74ALS/AS/LS257
Quad 2:1 multiplexers. The low ON resistance of the QS3257 allows inputs
to be connected to outputs without adding propagation delay and without
generating additional ground bounce noise.
Mux/Demux devices provide an order of magnitude faster speed than
equivalent logic devices.
The QS3257 is characterized for operation at -40°C to +85°C.
S
E
Y A
I0A
I1A
Y B
Y C
Y D
I0B
I1B
I0C
I1C
I0D
I1D


Similar Part No. - IDTQS3257SO

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDTQS3257 RENESAS-IDTQS3257 Datasheet
387Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUICKSWITCH QUAD 2:1 MUX/DEMUX
FEBRUARY 2011
logo
Integrated Device Techn...
IDTQS3257QG IDT-IDTQS3257QG Datasheet
219Kb / 5P
   QUICKSWITCH짰 PRODUCTS HIGH-SPEED CMOS QUICKSWITCH QUAD 2:1 MUX/DEMUX
More results

Similar Description - IDTQS3257SO

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS32257 IDT-IDTQS32257 Datasheet
42Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH QUAD 2:MUX/DEMUX
logo
Renesas Technology Corp
IDTQS3257 RENESAS-IDTQS3257 Datasheet
387Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUICKSWITCH QUAD 2:1 MUX/DEMUX
FEBRUARY 2011
logo
Integrated Device Techn...
IDTQS3251 IDT-IDTQS3251 Datasheet
46Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8:1 MUX/DEMUX
IDTQS3257QG IDT-IDTQS3257QG Datasheet
219Kb / 5P
   QUICKSWITCH짰 PRODUCTS HIGH-SPEED CMOS QUICKSWITCH QUAD 2:1 MUX/DEMUX
logo
Renesas Technology Corp
IDTQS3251 RENESAS-IDTQS3251 Datasheet
387Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8:1 MUX/DEMUX
FEBRUARY 2011
logo
Integrated Device Techn...
IDTQS3253 IDT-IDTQS3253 Datasheet
47Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH DUAL 4:1 MUX/DEMUX
IDTQS32253 IDT-IDTQS32253 Datasheet
76Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH DUAL 4:1 MUX/DEMUX
IDTQS3253 IDT-IDTQS3253_06 Datasheet
223Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH DUAL 4:1 MUX/DEMUX
IDTQS33X257 IDT-IDTQS33X257 Datasheet
51Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 24:12 MUX/DEMUX
QS33X257Q1G IDT-QS33X257Q1G Datasheet
225Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 24:12 MUX/DEMUX
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com