Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX11905ETP Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX11905ETP
Description  20-Bit, 1.6Msps, Low-Power, Fully Differential
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11905ETP Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX11905ETP Datasheet HTML 3Page - Maxim Integrated Products MAX11905ETP Datasheet HTML 4Page - Maxim Integrated Products MAX11905ETP Datasheet HTML 5Page - Maxim Integrated Products MAX11905ETP Datasheet HTML 6Page - Maxim Integrated Products MAX11905ETP Datasheet HTML 7Page - Maxim Integrated Products MAX11905ETP Datasheet HTML 8Page - Maxim Integrated Products MAX11905ETP Datasheet HTML 9Page - Maxim Integrated Products MAX11905ETP Datasheet HTML 10Page - Maxim Integrated Products MAX11905ETP Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
(fSAMPLE = 1.6Msps, VAVDD = 1.8V, VDVDD = 1.8V, VOVDD = 1.5V to 3.6V, VREFVDD = 3.6V, VREF = 3.3V, Internal Ref Buffers On,
TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
Note 2: Limits are 100% production tested at TA = +25°C. Limits over the operating temperature range are guaranteed by design
and device characterization.
Note 3: See the Analog Inputs section.
Note 4: See the Definitions section at the end of the data sheet.
Note 5: See the Definitions section at the end of the data sheet. Error contribution from the external reference not included.
Note 6: Parameter is guaranteed by design.
Note 7: Defined as the change in positive full-scale code transition caused by a ±5% variation in the supply voltage.
Note 8: Sine wave input, fIN = 10kHz, AIN = -0.5dB below full scale.
Note 9: CLOAD = 10pF on DOUT. fCONV = 1.6Msps. All data is read out.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TIMING
DIN to SCLK Rising Edge
Setup
t1
4
ns
DIN to SCLK Rising Edge Hold
t2
1
ns
DOUT End-Of-Conversion
Low Time
t3
10
ns
DOUT to SCLK Rising
Edge Hold
t4
2.5
ns
DOUT to SCLK Rising
Edge Setup
t5
100MHz SCLK
1.5
ns
SCLK High
t6
4.5
ns
SCLK Period
t7
10
ns
SCLK Low
t8
4.5
ns
CNVST Rising Edge To SCLK
Rising Edge
t9
0
ns
SCLK Rising Edge to CNVST
Rising Edge
t10
25
ns
CNVST High
t11
20
ns
CNVST High to EOC
t12
525
ns
Conversion Period
t13
625
ns
MAX11905
20-Bit, 1.6Msps, Low-Power, Fully Differential
SAR ADC
www.maximintegrated.com
Maxim Integrated │ 7
Electrical Characteristics (continued)


Similar Part No. - MAX11905ETP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11905EVKIT MAXIM-MAX11905EVKIT Datasheet
4Mb / 29P
   Peripheral Module and FMC Connector for Interface
Rev 2; 8/17
More results

Similar Description - MAX11905ETP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11901 MAXIM-MAX11901 Datasheet
1Mb / 29P
   16-Bit, 1.6Msps, Low-Power, Fully Differential SAR ADC
2018
MAX11903 MAXIM-MAX11903 Datasheet
939Kb / 29P
   18-Bit, 1.6Msps, Low-Power, Fully Differential SAR ADC
2015
MAX11904 MAXIM-MAX11904 Datasheet
825Kb / 29P
   20-Bit, 1Msps, Low-Power, Fully Differential SAR ADC
2018
logo
Linear Technology
LTC2369-18 LINER-LTC2369-18 Datasheet
893Kb / 24P
   18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
logo
Maxim Integrated Produc...
MAX11902 MAXIM-MAX11902_V01 Datasheet
956Kb / 29P
   18-Bit, 1Msps, Low-Power, Fully Differential SAR ADC
2018
MAX11900 MAXIM-MAX11900 Datasheet
969Kb / 29P
   16-Bit, 1Msps, Low-Power, Fully Differential SAR ADC
2018
logo
Linear Technology
LTC2379-18 LINER-LTC2379-18_11 Datasheet
3Mb / 24P
   18-Bit, 1.6Msps, Low Power SAR ADC with 101.2dB SNR
LTC2379-18 LINER-LTC2379-18 Datasheet
415Kb / 24P
   18-Bit, 1.6Msps, Low Power SAR ADC with 101dB SNR
LTC2379-18 LINER-LTC2379-18_15 Datasheet
511Kb / 26P
   18-Bit, 1.6Msps, Low Power SAR ADC with 101.2dB SNR
logo
Linear Integrated Syste...
LTC2379-18 LINEAR-LTC2379-18 Datasheet
511Kb / 26P
   LTC2379-1818-Bit, 1.6Msps, Low Power SAR ADC with 101.2dB SNR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com