Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX11902 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX11902
Description  20-Bit, 1.6Msps, Low-Power, Fully Differential
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11902 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX11902 Datasheet HTML 2Page - Maxim Integrated Products MAX11902 Datasheet HTML 3Page - Maxim Integrated Products MAX11902 Datasheet HTML 4Page - Maxim Integrated Products MAX11902 Datasheet HTML 5Page - Maxim Integrated Products MAX11902 Datasheet HTML 6Page - Maxim Integrated Products MAX11902 Datasheet HTML 7Page - Maxim Integrated Products MAX11902 Datasheet HTML 8Page - Maxim Integrated Products MAX11902 Datasheet HTML 9Page - Maxim Integrated Products MAX11902 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
(fSAMPLE = 1.6Msps, VAVDD = 1.8V, VDVDD = 1.8V, VOVDD = 1.5V to 3.6V, VREFVDD = 3.6V, VREF = 3.3V, Internal Ref Buffers On,
TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLIES
Analog Supply Voltage
AVDD
1.7
1.8
1.9
V
Digital Supply Voltage
DVDD
1.7
1.8
1.9
V
Reference Buffer Supply
Voltage
REFVDD
2.7
3.3
3.6
V
Interface Supply Voltage
OVDD
1.5
3.6
V
Analog Supply Current
IAVDD
VAVDD = 1.8V
2
2.5
mA
Digital Supply Current
IDVDD
VDVDD = 1.8V
2.2
2.7
mA
Reference Buffer Supply
Current
IREFVDD
VREFVDD = 3.6V, internal buffers
enabled
3.3
3.55
mA
Reference Buffer Supply
Current
IREFVDD
VREFVDD = 3.6V, internal buffers
powered down
0.26
mA
Interface Supply Current
(Note 9)
IOVDD
VOVDD = 1.5V
0.35
mA
VOVDD = 3.6V
1
Shutdown Current
For AVDD, DVDD, REFVDD
1
µA
Shutdown Current
For DVDD
1
µA
Power Dissipation
VAVDD = 1.8V, VDVDD = 1.8V,
VREFVDD = 3.3V, internal reference
buffers disabled
8.4
10.2
mW
DIGITAL INPUTS (DIN, SCLK, CNVST)
Input Voltage High
VIH
VOVDD = 1.5V to 3.6V
0.7 x
VOVDD
V
Input Voltage Low
VIL
VOVDD = 1.5V to 3.6V
0.3 x
VOVDD
V
Input Capacitance
CIN
10
pF
Input Current
IIN
VIN = 0V or VOVDD
1
µA
DIGITAL OUTPUTS (DOUT)
Output Voltage High
VOH
ISOURCE = 2mA
VOVDD -
0.4
V
Output Voltage Low
VOL
ISINK = 2mA
0.4
V
MAX11905
20-Bit, 1.6Msps, Low-Power, Fully Differential
SAR ADC
www.maximintegrated.com
Maxim Integrated │ 6
Electrical Characteristics (continued)


Similar Part No. - MAX11902

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11902 MAXIM-MAX11902 Datasheet
914Kb / 29P
   Fully Differential SAR ADC
Rev 0; 9/14
MAX11902 MAXIM-MAX11902 Datasheet
4Mb / 29P
   Peripheral Module and FMC Connector for Interface
Rev 2; 8/17
MAX11902ETP++ MAXIM-MAX11902ETP+ Datasheet
956Kb / 29P
   18-Bit, 1Msps, Low-Power, Fully Differential SAR ADC
2018
MAX11902 MAXIM-MAX11902_V01 Datasheet
956Kb / 29P
   18-Bit, 1Msps, Low-Power, Fully Differential SAR ADC
2018
More results

Similar Description - MAX11902

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11901 MAXIM-MAX11901 Datasheet
1Mb / 29P
   16-Bit, 1.6Msps, Low-Power, Fully Differential SAR ADC
2018
MAX11903 MAXIM-MAX11903 Datasheet
939Kb / 29P
   18-Bit, 1.6Msps, Low-Power, Fully Differential SAR ADC
2015
MAX11904 MAXIM-MAX11904 Datasheet
825Kb / 29P
   20-Bit, 1Msps, Low-Power, Fully Differential SAR ADC
2018
logo
Linear Technology
LTC2369-18 LINER-LTC2369-18 Datasheet
893Kb / 24P
   18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
logo
Maxim Integrated Produc...
MAX11902 MAXIM-MAX11902_V01 Datasheet
956Kb / 29P
   18-Bit, 1Msps, Low-Power, Fully Differential SAR ADC
2018
MAX11900 MAXIM-MAX11900 Datasheet
969Kb / 29P
   16-Bit, 1Msps, Low-Power, Fully Differential SAR ADC
2018
logo
Linear Technology
LTC2379-18 LINER-LTC2379-18_11 Datasheet
3Mb / 24P
   18-Bit, 1.6Msps, Low Power SAR ADC with 101.2dB SNR
LTC2379-18 LINER-LTC2379-18 Datasheet
415Kb / 24P
   18-Bit, 1.6Msps, Low Power SAR ADC with 101dB SNR
LTC2379-18 LINER-LTC2379-18_15 Datasheet
511Kb / 26P
   18-Bit, 1.6Msps, Low Power SAR ADC with 101.2dB SNR
logo
Linear Integrated Syste...
LTC2379-18 LINEAR-LTC2379-18 Datasheet
511Kb / 26P
   LTC2379-1818-Bit, 1.6Msps, Low Power SAR ADC with 101.2dB SNR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com