Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70V26L55J Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT70V26L55J
Description  HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V26L55J Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT70V26L55J Datasheet HTML 7Page - Integrated Device Technology IDT70V26L55J Datasheet HTML 8Page - Integrated Device Technology IDT70V26L55J Datasheet HTML 9Page - Integrated Device Technology IDT70V26L55J Datasheet HTML 10Page - Integrated Device Technology IDT70V26L55J Datasheet HTML 11Page - Integrated Device Technology IDT70V26L55J Datasheet HTML 12Page - Integrated Device Technology IDT70V26L55J Datasheet HTML 13Page - Integrated Device Technology IDT70V26L55J Datasheet HTML 14Page - Integrated Device Technology IDT70V26L55J Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
6.42
IDT70V26S/L
High-Speed 16K x 16 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
11
2945 drw 12
tDW
tAPS
ADDR"A"
tWC
DATAOUT "B"
MATCH
tWP
R/W"A"
DATAIN "A"
ADDR"B"
tDH
VALID
(1)
MATCH
BUSY"B"
tBDA
VALID
tBDD
tDDD
(3)
tWDD
tBAA
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage Range(6,7)
NOTES:
1. Port-to-port delay through RAM cells from writing port to reading port, refer to "Timing Waveform of Write with Port-to-Port Read and
BUSY (M/S = VIH)".
2. To ensure that the earlier of the two ports wins.
3. tBDD is a calculated parameter and is the greater of 0, tWDD – tWP (actual) or tDDD – tDW (actual).
4. To ensure that the write cycle is inhibited on port "B" during contention on port "A".
5. To ensure that a write cycle is completed on port "B" after contention on port "A".
6. 'X' in part number indicates power rating (S or L).
7. Industrial temperature: for specific speeds, packages and powers contact your sales office.
Timing Waveform of Write with Port-to-Port Read and BUSY(2,4,5)
NOTES:
1. To ensure that the earlier of the two ports wins. tAPS is ignored for M/
S = VIL (SLAVE).
2.
CEL = CER = VIL
3.
OE = VIL for the reading port.
4. If M/
S = VIL (SLAVE), then BUSY is an input (BUSY"A" = VIH and BUSY"B" = "don't care", for this example).
5. All timing is the same for left and right ports. Port "A" may be either the left or right port. Port "B" is the port opposite from port "A".
70V26X25
Com'l Only
70V26X35
Com'l Only
70V26X55
Com'l Only
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
BUSY TIMING (M/S = VIH)
tBAA
BUSY Access Time from Address Match
____
25
____
35
____
45
ns
tBDA
BUSY Disable Time from Address Not Match
____
25
____
35
____
45
ns
tBAC
BUSY Acce ss Time from Chip Enable Low
____
25
____
35
____
45
ns
tBDC
BUSY Disab le Time from Chip Enable High
____
25
____
35
____
45
ns
tAPS
Arbitration Priority Set-up Time(2)
5
____
5
____
5
____
ns
tBDD
BUSY Disable to Valid Data(3)
____
35
____
40
____
50
ns
tWH
Write Hold After
BUSY(5)
20
____
25
____
25
____
ns
BUSY INPUT TIMING (M/S = VIL)
tWB
BUSY Input to Write(4)
0
____
0
____
0
____
ns
tWH
Write Hold After
BUSY(5)
20
____
25
____
25
____
ns
PORT-TO-PORT DELAY TIMING
tWDD
Write Pulse to Data Delay
(1)
____
55
____
65
____
85
ns
tDDD
Write Data Valid to Read Data Delay
(1)
____
50
____
60
____
80
ns
2945 tbl 13


Similar Part No. - IDT70V26L55J

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V26L IDT-IDT70V26L Datasheet
175Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
More results

Similar Description - IDT70V26L55J

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70V261 RENESAS-70V261 Datasheet
264Kb / 19P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
Jun.04.21
logo
Integrated Device Techn...
IDT70V261S IDT-IDT70V261S Datasheet
153Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V261S IDT-IDT70V261S_12 Datasheet
338Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V26S IDT-IDT70V26S_17 Datasheet
175Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V261S IDT-IDT70V261S_17 Datasheet
190Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V26 RENESAS-70V26 Datasheet
517Kb / 19P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
JULY 2019
logo
Integrated Device Techn...
IDT7026S IDT-IDT7026S Datasheet
239Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S_15 Datasheet
685Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT70261S IDT-IDT70261S_18 Datasheet
203Kb / 20P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V9279 RENESAS-70V9279 Datasheet
473Kb / 20P
   HIGH-SPEED 3.3V 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
AUGUST 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com