Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70V26L25J Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT70V26L25J
Description  HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V26L25J Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT70V26L25J Datasheet HTML 1Page - Integrated Device Technology IDT70V26L25J Datasheet HTML 2Page - Integrated Device Technology IDT70V26L25J Datasheet HTML 3Page - Integrated Device Technology IDT70V26L25J Datasheet HTML 4Page - Integrated Device Technology IDT70V26L25J Datasheet HTML 5Page - Integrated Device Technology IDT70V26L25J Datasheet HTML 6Page - Integrated Device Technology IDT70V26L25J Datasheet HTML 7Page - Integrated Device Technology IDT70V26L25J Datasheet HTML 8Page - Integrated Device Technology IDT70V26L25J Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
6.42
IDT70V26S/L
High-Speed 16K x 16 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
2
Description
The IDT70V26 is a high-speed 16K x 16 Dual-Port Static RAM.
The IDT70V26 is designed to be used as a stand-alone 256K-bit Dual-
Port RAM or as a combination MASTER/SLAVE Dual-Port RAM for 32-
bit-or-more word systems. Using the IDT MASTER/SLAVE Dual-Port
RAM approach in 32-bit or wider memory system applications results
in full-speed, error-free operation without the need for additional
discrete logic.
This device provides two independent ports with separate control,
address, and I/O pins that permit independent, asynchronous access
for reads or writes to any location in memory. An automatic power
down feature controlled by
CE permits the on-chip circuitry of each
port to enter a very low standby power mode.
Fabricated using IDT’s CMOS high-performance technology, these
devices typically operate on only 300mW of power.
The IDT70V26 is packaged in a ceramic 84-pin PGA and
84-Pin PLCC.
Pin Configurations(1,2,3)
NOTES:
1. All VCC pins must be connected to power supply.
2. All GND pins must be connected to ground supply.
3. Package body is approximately 1.15 in x 1.15 in x .17 in.
4. This package code is used to reference the package diagram.
5. This text does not indicate orientation of the actual part-marking.
2945 drw 02
14
15
16
17
18
19
20
INDEX
21
22
23
24
11 10 9876
543
2
1 84 83
33 34 35 36 37 38 39 40 41 42 43 44 45
VCC
GND
I/O8L
A8L
13
12
25
26
27
28
29
30
31
32
46 47 48 49 50 51 52 53
72
71
70
69
68
67
66
65
64
63
62
73
74
61
60
59
58
57
56
55
54
82 81 80 79 78 77 76 75
GND
BUSYL
GND
IDT70V26J
J84-1(4)
84-Pin PLCC
Top View(5)
A0L
M/
S
A0R
I/O9L
I/O10L
I/O11L
I/O12L
I/O13L
I/O14L
I/O15L
I/O0R
I/O1R
I/O2R
VCC
I/O3R
I/O4R
I/O5R
I/O6R
I/O7R
I/O8R
A7L
A6L
A5L
A4L
A3L
A2L
A1L
BUSYR
A1R
A3R
A4R
A5R
A6R
A7R
A2R


Similar Part No. - IDT70V26L25J

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V26L IDT-IDT70V26L Datasheet
175Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
More results

Similar Description - IDT70V26L25J

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70V261 RENESAS-70V261 Datasheet
264Kb / 19P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
Jun.04.21
logo
Integrated Device Techn...
IDT70V261S IDT-IDT70V261S Datasheet
153Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V261S IDT-IDT70V261S_12 Datasheet
338Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V26S IDT-IDT70V26S_17 Datasheet
175Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V261S IDT-IDT70V261S_17 Datasheet
190Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V26 RENESAS-70V26 Datasheet
517Kb / 19P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
JULY 2019
logo
Integrated Device Techn...
IDT7026S IDT-IDT7026S Datasheet
239Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S_15 Datasheet
685Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT70261S IDT-IDT70261S_18 Datasheet
203Kb / 20P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V9279 RENESAS-70V9279 Datasheet
473Kb / 20P
   HIGH-SPEED 3.3V 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
AUGUST 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com