Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP3 Datasheet(PDF) 5 Page - Copal Electronics

Part # DP3
Description  Directing Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP3 Datasheet(HTML) 5 Page - Copal Electronics

  DP3 Datasheet HTML 1Page - Copal Electronics DP3 Datasheet HTML 2Page - Copal Electronics DP3 Datasheet HTML 3Page - Copal Electronics DP3 Datasheet HTML 4Page - Copal Electronics DP3 Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
■Table of Part Numbers
Series
DP1
−100
DP1
−120
DP2
−100−□−Z
DP2
−110−□−Z
Contact plating
Silver
Gold
Silver
Gold
Silver
Gold
Silver
Non-illuminated
DP1
−100−Z
☆DP1−100B−Z
DP1
−120−Z
★DP1−120B−Z
★ DP2−100−B−Z
★ DP2−110−B−Z
−−
−−
★ DP2−100−G−Z
★ DP2−110−G−Z
−−
−−
★ DP2−100−K−Z
★ DP2−110−K−Z
−−
−−
★ DP2−100−M−Z
★ DP2−110−R−Z
−−
−−
★ DP2−100−O−Z
★ DP2−110−W−Z
−−
−−
☆ DP2−100−R−Z
★ DP2−110−O−Z
−−
−−
☆ DP2−100−W−Z
−−
−−
−−
★ DP2−100−Y−Z
−−
−−
−−
−−
■Soldering(DP1 ∼ 3)
⒈ Manual soldering
 Device: Soldering iron
 380°
C, Max. 3 seconds, Max.
⒉ Auto soldering
 Device: Jet wave or dip type
 275±10°
C 6 sec, Max.
 Preheat time shall be 120 seconds max. at 80∼120℃ max.
■Flux Cleaning(DP1 ∼ 3)
⑴ Solvents : Fluorine or Alcohl type
⑵ DP1∼3 series are not washable. To wash the PC board,
clean the soldering surface of the PC board with a brush
so that the switch is not exposed to the cleaning solution.
⑶After soldering, wait until the temperature of the terminals
cool down to 90
℃ or below or until the parts are exposed
to room temperature for more than 5 min. before washing.
DP1
∼3
Packaging SpeciÄcations
DP1
・DP2−100・DP3
DP2
−110/111
Series
DP2
−101−□L■−Z
DP2
−111−□L■−ZDP2−102−□L■■−Z
DP3
−101−L■−Z
Contact plating
Silver
Gold
Silver
Silver
Silver
Gold
illuminated
★ DP2−101−BL2−Z ★ DP2−101B−BL2−Z ★ DP2−111−BL2−Z
DP2−102−BL22−Z ★ DP3−101−L2−Z
★ DP3−101B−L5−Z
★ DP2−101−BL5−Z ★ DP2−101B−GL2−Z
DP2−111−BL5−Z
★ DP2−102−BL25−Z ★ DP3−101−L5−Z
★ DP2−101−BL8−Z
★ DP2−111−GL2−Z
DP2−102−GL22−Z ★ DP3−101−L8−Z
★ DP2−101−GL2−Z
★ DP2−111−GL5−Z
★ DP2−102−GL25−Z
−−
☆ DP2−101−GL5−Z
★ DP2−111−GL8−Z
★ DP2−102−KL25−Z
★ DP2−101−GL8−Z
★ DP2−111−OL2−Z
DP2−102−ML25−Z
★ DP2−101−KL2−Z
★ DP2−111−OL5−Z
★ DP2−102−OL25−Z
★ DP2−101−KL5−Z
★ DP2−111−OL8−Z
★ DP2−102−RL25−Z
★ DP2−101−KL8−Z
★ DP2−111−KL2−Z
★ DP2−102−GL55−Z
★ DP2−101−OL2−Z
★ DP2−111−KL5−Z
DP2−102−GL88−Z
★ DP2−101−OL5−Z
−−
DP2−102−WL25−Z
★ DP2−101−OL8−Z
DP2−111−ML5−Z
★ DP2−101−RL2−Z
★ DP2−111−RL2−Z
★ DP2−101−RL5−Z
DP2−111−RL5−Z
★ DP2−101−RL8−Z
−−
★ DP2−101−WL2−Z
★ DP2−111−YL2−Z
★ DP2−101−WL5−Z
★ DP2−111−WL2−Z
★ DP2−101−WL8−Z
★ DP2−111−KL8−Z
★ DP2−101−YL2−Z
−−
−−
−−
★ DP2−101−ML2−Z
−−
−−
□:Cap color code
W
:White
R
:Red
K
:Black
G
:Gray
B
:Blue
O
:Orange
Y
:Yellow
:Inquiry products.
●Please contact us for conÄgurations which are not shown in the above Table.
★:Made to order products.
☆:Semi-standard products.


Similar Part No. - DP3

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
DP3 JAE-DP3 Datasheet
650Kb / 7P
   Thunderbolt Compatible Connector
logo
Grayhill, Inc
DP3 GRAYHILL-DP3 Datasheet
871Kb / 6P
   Miniature Toggle Switches
logo
List of Unclassifed Man...
DP30 ETC1-DP30 Datasheet
42Kb / 2P
   STUD-BASE SILICON RECTIFIER DIODES TYPE PCN/PCRO30 30AMPERES AVERAGE : UP TO 1600 VOLTS V-RRM
logo
Power-One
DP3020-7R POWER-ONE-DP3020-7R Datasheet
72Kb / 5P
   120...195 Watt DC-DC Converters
DP3020-9R POWER-ONE-DP3020-9R Datasheet
980Kb / 24P
   90 - 195 Watt DC-DC Converters
More results

Similar Description - DP3

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
BZ-2RQ-A2 HONEYWELL-ACC-BZ-2RQ-A2 Datasheet
515Kb / 9P
   Manual Switches Sealed Toggle Switches
logo
Elektron Components Ltd...
MP0025 BULGIN-MP0025 Datasheet
1Mb / 24P
   Switches
logo
Honeywell Accelerometer...
CSNX25 HONEYWELL-ACC-CSNX25 Datasheet
515Kb / 9P
   Manual Switches Sealed Toggle Switches
HIH-4010-001 HONEYWELL-ACC-HIH-4010-001 Datasheet
515Kb / 9P
   Manual Switches Sealed Toggle Switches
BZ-2RW822244-A2 HONEYWELL-ACC-BZ-2RW822244-A2 Datasheet
520Kb / 9P
   Manual Switches Sealed Toggle Switches
HPX030GD HONEYWELL-ACC-HPX030GD Datasheet
515Kb / 9P
   Manual Switches Sealed Toggle Switches
logo
Honeywell Solid State E...
AML53-T20BB HONEYWELL-AML53-T20BB Datasheet
553Kb / 4P
   Manual Switches Covers for Paddle Switches
logo
List of Unclassifed Man...
KM211 ETC-KM211 Datasheet
48Kb / 2P
   Threshold switches
logo
E-SWITCH
R6ABLKBLKAF E-SWITCH-R6ABLKBLKAF Datasheet
106Kb / 2P
   ROCKER SWITCHES
EG1201 E-SWITCH-EG1201 Datasheet
412Kb / 5P
   SLIDE SWITCHES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com