Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS72616KTTRG3 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS72616KTTRG3
Description  LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS72616KTTRG3 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS72616KTTRG3 Datasheet HTML 6Page - Texas Instruments TPS72616KTTRG3 Datasheet HTML 7Page - Texas Instruments TPS72616KTTRG3 Datasheet HTML 8Page - Texas Instruments TPS72616KTTRG3 Datasheet HTML 9Page - Texas Instruments TPS72616KTTRG3 Datasheet HTML 10Page - Texas Instruments TPS72616KTTRG3 Datasheet HTML 11Page - Texas Instruments TPS72616KTTRG3 Datasheet HTML 12Page - Texas Instruments TPS72616KTTRG3 Datasheet HTML 13Page - Texas Instruments TPS72616KTTRG3 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
T
J +
T
A )
P
Dmax x R
θJA
RθJA +
T
J–TA
P
Dmax
P
Dmax +
(5 * 2.5) V x 1 A + 2.5 W
RθJAmax + (125 * 55)°C 2.5 W + 28°C W
15
20
25
30
35
40
0.1
1
10
100
Copper Heatsink Area − cm2
No Air Flow
150 LFM
250 LFM
TPS726126
TPS72615, TPS72616
TPS72618, TPS72625
SLVS403H – MAY 2002 – REVISED JUNE 2010
www.ti.com
Equation 2 simplifies into Equation 3:
(3)
Rearranging Equation 3 gives Equation 4:
(4)
Using Equation 3 and the computer model generated curves shown in Figure 20 and Figure 23, a designer can
quickly compute the required heatsink thermal resistance/board area for a given ambient temperature, power
dissipation, and operating environment.
DDPAK Power Dissipation
The DDPAK package provides an effective means of managing power dissipation in surface mount applications.
The DDPAK package dimensions are provided in the Mechanical Data section at the end of the data sheet. The
addition of a copper plane directly underneath the DDPAK package enhances the thermal performance of the
package.
To illustrate, the TPS72625 in a DDPAK package was chosen. For this example, the average input voltage is 5
V, the output voltage is 2.5 V, the average output current is 1 A, the ambient temperature 55°C, the air flow is
150 LFM, and the operating environment is the same as documented below. Neglecting the quiescent current,
the maximum average power is:
(5)
Substituting TJmax for TJ into Equation 4 gives Equation 6:
(6)
From Figure 20, DDPAK Thermal Resistance vs Copper Heatsink Area, the ground plane needs to be 1 cm2 for
the part to dissipate 2.5 W. The operating environment used in the computer model to construct Figure 20
consisted of a standard JEDEC High-K board (2S2P) with a 1 oz. internal copper plane and ground plane. The
package is soldered to a 2 oz. copper pad. The pad is tied through thermal vias to the 1 oz. ground plane.
Figure 21 shows the side view of the operating environment used in the computer model.
Figure 20. DDPAK Thermal Resistance vs Copper Heatsink Area
10
Submit Documentation Feedback
Copyright © 2002–2010, Texas Instruments Incorporated
Product Folder Link(s): TPS726126 TPS72615 TPS72616 TPS72618 TPS72625


Similar Part No. - TPS72616KTTRG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72616KTTRG3 TI-TPS72616KTTRG3 Datasheet
740Kb / 23P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
More results

Similar Description - TPS72616KTTRG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS726126 TI-TPS726126 Datasheet
445Kb / 16P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72501 TI-TPS72501_07 Datasheet
716Kb / 22P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72501 TI1-TPS72501_16 Datasheet
1Mb / 29P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72615 TI-TPS72615 Datasheet
441Kb / 15P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72501 TI-TPS72501_15 Datasheet
1,010Kb / 29P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72616DCQRG4 TI-TPS72616DCQRG4 Datasheet
740Kb / 23P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72501 TI-TPS72501 Datasheet
535Kb / 18P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
logo
ams AG
AS1353 AMSCO-AS1353_04 Datasheet
726Kb / 14P
   Linear Low-Dropout 150mA Voltage Regulators
AS1353 AMSCO-AS1353 Datasheet
80Kb / 2P
   Linear Low-Dropout 150mA Voltage Regulators
logo
Unisonic Technologies
LD3117 UTC-LD3117 Datasheet
219Kb / 4P
   500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com