Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM1203 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1203
Description  RGB Video Amplifier System
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1203 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM1203 Datasheet HTML 3Page - National Semiconductor (TI) LM1203 Datasheet HTML 4Page - National Semiconductor (TI) LM1203 Datasheet HTML 5Page - National Semiconductor (TI) LM1203 Datasheet HTML 6Page - National Semiconductor (TI) LM1203 Datasheet HTML 7Page - National Semiconductor (TI) LM1203 Datasheet HTML 8Page - National Semiconductor (TI) LM1203 Datasheet HTML 9Page - National Semiconductor (TI) LM1203 Datasheet HTML 10Page - National Semiconductor (TI) LM1203 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Circuit Description
Figure 5 is a block diagram of one of the video amplifiers
along with the contrast and brightness controls The con-
trast control is a dc-operated attenuator which varies the ac
gain of all three amplifiers simultaneously while not introduc-
ing any signal distortions or tracking errors The brightness
control function requires a ‘‘sample and hold’’ circuit (black
level clamp) which holds the dc bias of the video amplifiers
and CRT cathodes constant during the black level reference
portion of the video waveform The clamp comparator
when gated on during this reference period will charge or
discharge the clamp capacitor until the plus input of the
clamp comparator matches that of the minus input voltage
which was set by the brightness control
Figure 6 is a simplified schematic of one of the three video
amplifiers along with the recommended external compo-
nents The IC pin numbers are circled with all external com-
ponents shown outside of the dashed line The video input
is applied to pin 6 via the 10 mF coupling capacitor DC bias
to the video input is through the 10 kX resistor which is
connected to the 24V reference at pin 11 The low frequen-
cy roll-off of the amplifier is set by these two components
Transistor Q1 buffers the video signal to the base of Q2
The Q2 collector current is then directed to the VCC 1 sup-
ply directly or through the 1k load resistor depending upon
the differential DC voltage at the bases of Q3 and Q4 The
Q3 and Q4 differential base voltage is determined by the
contrast control circuit which is described below RF decou-
pling capacitors are required at pins 2 and 3 to insure high
frequency isolation between the three video amplifiers
which share these common connections The black level dc
voltage at the collector of Q4 is maintained by Q5 and Q6
which are part of the black level clamp circuit also described
below The video signal appearing at the collector of Q4 is
then buffered by Q7 and level shifted down by Z1 and Q8 to
the base of Q9 which will then provide additional system
gain
TLH9178 – 5
FIGURE 5 Block Diagram of LM1203 Video Amplifier with Contrast and Black Level Control
http
www nationalcom
7


Similar Part No. - LM1203

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM1203-N TI1-LM1203-N Datasheet
810Kb / 18P
[Old version datasheet]   LM1203 RGB Video Amplifier System
logo
National Semiconductor ...
LM1203A NSC-LM1203A Datasheet
305Kb / 18P
   150 MHz RGB Video Amplifier System
logo
Texas Instruments
LM1203A-N TI1-LM1203A-N Datasheet
555Kb / 20P
[Old version datasheet]   LM1203A 150 MHz RGB Video Amplifier System
logo
National Semiconductor ...
LM1203B NSC-LM1203B Datasheet
291Kb / 16P
   100 MHz RGB Video Amplifier System
logo
Texas Instruments
LM1203C TI1-LM1203C Datasheet
509Kb / 7P
[Old version datasheet]   RGB VIDEO-AMPLIFIER SYSTEM
More results

Similar Description - LM1203

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM1203C TI1-LM1203C Datasheet
509Kb / 7P
[Old version datasheet]   RGB VIDEO-AMPLIFIER SYSTEM
LM1203-N TI1-LM1203-N Datasheet
810Kb / 18P
[Old version datasheet]   LM1203 RGB Video Amplifier System
logo
National Semiconductor ...
LM1204 NSC-LM1204 Datasheet
399Kb / 20P
   150 MHz RGB Video Amplifier System
LM1203A NSC-LM1203A Datasheet
305Kb / 18P
   150 MHz RGB Video Amplifier System
logo
NTE Electronics
NTE7081 NTE-NTE7081 Datasheet
25Kb / 3P
   Integrated Circuit RGB Video Amplifier System
logo
TEMIC Semiconductors
U2203B TEMIC-U2203B Datasheet
106Kb / 7P
   RGB Video Amplifier System for Monitors
logo
National Semiconductor ...
LM1203B NSC-LM1203B Datasheet
291Kb / 16P
   100 MHz RGB Video Amplifier System
logo
ADDtek Corp
AMC8213 ADDTEK-AMC8213 Datasheet
206Kb / 9P
   200MHz RGB VIDEO AMPLIFIER SYSTEM WITH OSD
JUNE 2006
logo
Texas Instruments
LM1203A-N TI1-LM1203A-N Datasheet
555Kb / 20P
[Old version datasheet]   LM1203A 150 MHz RGB Video Amplifier System
logo
Mitsumi Electronics, Co...
MM1207 MITSUMI-MM1207 Datasheet
129Kb / 5P
   85MHz RGB Video Amplifier/130MHz RGB Video Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com