Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS77633-EP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS77633-EP
Description  FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS77633-EP Datasheet(HTML) 2 Page - Texas Instruments

  TPS77633-EP Datasheet HTML 1Page - Texas Instruments TPS77633-EP Datasheet HTML 2Page - Texas Instruments TPS77633-EP Datasheet HTML 3Page - Texas Instruments TPS77633-EP Datasheet HTML 4Page - Texas Instruments TPS77633-EP Datasheet HTML 5Page - Texas Instruments TPS77633-EP Datasheet HTML 6Page - Texas Instruments TPS77633-EP Datasheet HTML 7Page - Texas Instruments TPS77633-EP Datasheet HTML 8Page - Texas Instruments TPS77633-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
TPS77601EP, TPS77615EP, TPS77618EP, TPS77625EP
TPS77628EP, TPS77633EP WITH PG OUTPUT
FAST TRANSIENT RESPONSE 500mA LOW DROPOUT VOLTAGE REGULATORS
SGLS176A − AUGUST 2003 − REVISED MARCH 2007
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
t − Time −
µs
TPS77x33
LOAD TRANSIENT RESPONSE
500
0
0
50
−50
Co = 2x47 µF
ESR = 1/2x100 m
VO = 3.3 V
VI = 4.3 V
060
40
20
80 100
140
120
160 180 200
TA − Free-Air Temperature − °C
−40
0
20
120
103
−60
40
60
80 100
TPS77x33
DROPOUT VOLTAGE
vs
FREE-AIR TEMPERATURE
102
101
100
10−1
10−2
−20
140
IO = 10 mA
IO = 0 mA
Co = 10 µF
IO = 500 mA
ORDERING INFORMATION
TA
OUTPUT
VOLTAGE
(V TYP)
PACKAGE
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
3.3
TSSOP − PW
Tape and reel
TPS77633QPWPREP
77633QE
2.8
TSSOP − PW
Tape and reel
TPS77628QPWPREP§
77628QE
2.5
TSSOP − PW
Tape and reel
TPS77625QPWPREP
77625QE
−40
°C to 125°C
1.8
TSSOP − PW
Tape and reel
TPS77618QPWPREP
77618QE
−40 C to 125 C
1.5
TSSOP − PW
Tape and reel
TPS77615QPWPREP
77615QE
Adjustable‡
1.2 V to 5.5 V
TSSOP − PW
Tape and reel
TPS77601QPWPREP
77601QE
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
‡ The TPS77601 is programmable using an external resistor divider (see application information).
§ TPS77628 is Product Preview.
† See application information section for capacitor selection details.
PG
OUT
OUT
7
6
5
IN
IN
EN
GND
3
16
14
13
VI
0.1
µF
PG
VO
10
µF
+
Co†


Similar Part No. - TPS77633-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77633-EP TI1-TPS77633-EP Datasheet
1Mb / 31P
[Old version datasheet]   TPS775xx with RESET Output, TPS776xx with PG Output FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77633-EP TI1-TPS77633-EP Datasheet
602Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS77633-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77501-Q1 TI1-TPS77501-Q1_16 Datasheet
602Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-EP TI1-TPS77501-EP Datasheet
790Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77601-EP TI1-TPS77601-EP Datasheet
839Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-EP TI1-TPS77501-EP_16 Datasheet
773Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501 TI-TPS77501 Datasheet
316Kb / 22P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-Q1 TI1-TPS77501-Q1 Datasheet
584Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77701 TI-TPS77701 Datasheet
304Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77701 TI1-TPS77701_16 Datasheet
857Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77818DR TI-TPS77818DR Datasheet
830Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT LINEAT REGULATORS
TPS775XX TI-TPS775XX Datasheet
807Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com