Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS77316 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS77316
Description  250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS77316 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS77316 Datasheet HTML 4Page - Texas Instruments TPS77316 Datasheet HTML 5Page - Texas Instruments TPS77316 Datasheet HTML 6Page - Texas Instruments TPS77316 Datasheet HTML 7Page - Texas Instruments TPS77316 Datasheet HTML 8Page - Texas Instruments TPS77316 Datasheet HTML 9Page - Texas Instruments TPS77316 Datasheet HTML 10Page - Texas Instruments TPS77316 Datasheet HTML 11Page - Texas Instruments TPS77316 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
TPS77301/315/316/318/327/328/333/350 WITH RESET OUTPUT
TPS77401/415/418/427/428/433/450 WITH POWER GOOD OUTPUT
250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
SLVS281E – FEBRUARY 2000 – REVISED JULY 2001
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating junction temperature range (TJ = –40°C to
125
°C), VI = VO(typ) + 1 V, IO = 1 mA, EN = 0 V, CO = 10 µF (unless otherwise noted) (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Minimum input voltage for valid PG
I(PG) = 300 µA,
V(PG) ≤ 0.8 V
1.1
V
PG
Trip threshold voltage
VO decreasing
79
85
%VO
PG
(TPS774xx)
Hysteresis voltage
Measured at VO
0.5
%VO
(TPS774xx)
Output low voltage
VI = 2.7 V,
I(PG) = 1 mA
0.15
0.4
V
Leakage current
V(PG) = 5 V
1
µA
Minimum input voltage for valid RESET
I(RESET) = 300 µA
1.1
V
Trip threshold voltage
VO decreasing
92
98
%VO
Reset
Hysteresis voltage
Measured at VO
0.5
%VO
Reset
(TPS773xx)
Output low voltage
VI = 2.7 V,
I(RESET) = 1 mA
0.15
0.4
V
Leakage current
V(RESET) = 5 V
1
µA
RESET time-out delay
220
ms
2 8 V Output
IO = 250 mA,
TJ = 25°C
270
V
Dropout voltage (see Note 5)
2.8-V Output
IO = 250 mA
475
VDO
Dropout voltage (see Note 5)
3 3 V Output
IO = 250 mA,
TJ = 25°C
200
mV
3.3-V Output
IO = 250 mA
330
mV
V
Dropout voltage (see Note 5)
5 0 V Output
IO = 250 mA,
TJ = 25°C
125
VDO
Dropout voltage (see Note 5)
5.0-V Output
IO = 250 mA
190
NOTE 5: IN voltage equals VO(typ) – 100 mV; 1.5 V, 1.6 V, 1.8-V, and 2.7-V dropout voltage limited by input voltage range limitations (i.e., 3.3
V input voltage needs to drop to 3.2 V for purpose of this test).
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
V
Output voltage
vs Output current
2, 3
VO
Output voltage
vs Junction temperature
4, 5
Ground current
vs Junction temperature
6
Power supply rejection ratio
vs Frequency
7
Output spectral noise density
vs Frequency
8
Zo
Output impedance
vs Frequency
9
V
Dropout voltage
vs Input voltage
10
VDO
Dropout voltage
vs Junction temperature
11
Line transient response
12, 14
Load transient response
13, 15
Output voltage and enable pulse
vs Time
16
Equivalent series resistance (ESR)
vs Output current
18 – 21


Similar Part No. - TPS77316

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77316 TI-TPS77316 Datasheet
518Kb / 26P
[Old version datasheet]   250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77316DGK TI-TPS77316DGK Datasheet
347Kb / 24P
[Old version datasheet]   250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77316DGK TI-TPS77316DGK Datasheet
518Kb / 26P
[Old version datasheet]   250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77316DGKR TI-TPS77316DGKR Datasheet
347Kb / 24P
[Old version datasheet]   250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77316DGKRG4 TI-TPS77316DGKRG4 Datasheet
347Kb / 24P
[Old version datasheet]   250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
More results

Similar Description - TPS77316

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77301 TI-TPS77301_08 Datasheet
518Kb / 26P
[Old version datasheet]   250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77350 TI-TPS77350 Datasheet
347Kb / 24P
[Old version datasheet]   250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77101 TI-TPS77101_07 Datasheet
406Kb / 28P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77250 TI-TPS77250 Datasheet
354Kb / 25P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77101 TI1-TPS77101_16 Datasheet
1Mb / 26P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77115 TI-TPS77115 Datasheet
351Kb / 10P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77101-Q1 TI1-TPS77101-Q1 Datasheet
431Kb / 25P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS771 TI-TPS771_15 Datasheet
716Kb / 26P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77301 TI-TPS77301 Datasheet
355Kb / 23P
[Old version datasheet]   250-mA LDO REGULATORS WITH INTEGRATED RESET OR PG
logo
Fairchild Semiconductor
FAN2504 FAIRCHILD-FAN2504 Datasheet
252Kb / 10P
   200 mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com