Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS76630D Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS76630D
Description  ULTRALOW QUIESCENT CURRENT 250-mA LOW DROPOUT VOLTAGE REGULATORS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS76630D Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS76630D Datasheet HTML 2Page - Texas Instruments TPS76630D Datasheet HTML 3Page - Texas Instruments TPS76630D Datasheet HTML 4Page - Texas Instruments TPS76630D Datasheet HTML 5Page - Texas Instruments TPS76630D Datasheet HTML 6Page - Texas Instruments TPS76630D Datasheet HTML 7Page - Texas Instruments TPS76630D Datasheet HTML 8Page - Texas Instruments TPS76630D Datasheet HTML 9Page - Texas Instruments TPS76630D Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
NC/FB
PG
GND
EN
1
2
3
4
8
7
6
5
OUT
OUT
IN
IN
TPS76615
,, TPS76618,, TPS76625
TPS76627, TPS76628, TPS76630
TPS76633, TPS76650, TPS76601
SLVS237C – AUGUST 1999 – REVISED JANUARY 2009................................................................................................................................................. www.ti.com
D PACKAGE
SOIC-8
(TOP VIEW)
PIN DESCRIPTIONS
TPS766xx
NAME
NO.
I/O
DESCRIPTION
EN
4
I
Enable input.
FB/NC
1
I
Feedback input voltage for adjustable device (not connected for fixed options).
GND
3
Regulator ground.
IN
5, 6
I
Input voltage.
OUT
7, 8
O
Regulated output voltage.
PG
2
O
Power good output.
Table 1. Table of Graphs
FIGURE
vs Load current
Figure 2, Figure 3
Output voltage
vs Free-air temperature
Figure 4, Figure 5
vs Load current
Figure 6, Figure 7
Ground current
vs Free-air temperature
Figure 8, Figure 9
Power-supply ripple rejection
vs Frequency
Figure 10
Output spectral noise density
vs Frequency
Figure 11
Output impedance
vs Frequency
Figure 12
Dropout voltage
vs Free-air temperature
Figure 13, Figure 14
Line transient response
Figure 15, Figure 17
Load transient response
Figure 16, Figure 18
Output voltage
vs Time
Figure 19
Dropout voltage
vs Input voltage
Figure 20
Equivalent series resistance (ESR)
vs Output current
Figure 21 to Figure 24
Equivalent series resistance (ESR)
vs Added ceramic capacitance
Figure 25, Figure 26
6
Submit Documentation Feedback
Copyright © 1999–2009, Texas Instruments Incorporated
Product Folder Link(s): TPS76615 TPS76618 TPS76625 TPS76627 TPS76628 TPS76630 TPS76633 TPS76650
TPS76601


Similar Part No. - TPS76630D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76630D TI-TPS76630D Datasheet
266Kb / 18P
[Old version datasheet]   ULTRA LOW QUIESCENT CURRENT 250-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS76630D TI1-TPS76630D Datasheet
1Mb / 24P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 250-mA LOW DROPOUT VOLTAGE REGULATORS
TPS76630D TI1-TPS76630D Datasheet
2Mb / 44P
[Old version datasheet]   TPS766 250-mA, 16-V Low-Dropout Voltage Regulator
REVISED DECEMBER 2023
TPS76630DG4 TI1-TPS76630DG4 Datasheet
1Mb / 24P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 250-mA LOW DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS76630D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76601 TI1-TPS76601_13 Datasheet
1Mb / 24P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 250-mA LOW DROPOUT VOLTAGE REGULATORS
TPS76615 TI-TPS76615_15 Datasheet
1Mb / 24P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 250-mA LOW DROPOUT VOLTAGE REGULATORS
TPS76615 TI-TPS76615 Datasheet
266Kb / 18P
[Old version datasheet]   ULTRA LOW QUIESCENT CURRENT 250-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS76501-Q1 TI1-TPS76501-Q1 Datasheet
314Kb / 21P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATOR
TPS799-Q1 TI1-TPS799-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   200 mA, Low Quiescent Current, Ultralow Noise, High PSRR, Low Dropout, Linear Regulators
logo
Analog Devices
ADP160 AD-ADP160_12 Datasheet
528Kb / 24P
   Ultralow Quiescent Current, 150 mA, CMOS Linear Regulators
Rev. G
logo
Microchip Technology
MCP1703T-3002E MICROCHIP-MCP1703T-3002E Datasheet
303Kb / 25P
   250 mA, 16V, Low Quiescent Current
12/08/06
MCP1703 MICROCHIP-MCP1703 Datasheet
396Kb / 24P
   250 mA, 16V, Low Quiescent Current
2007
logo
Texas Instruments
TPS79401 TI-TPS79401 Datasheet
487Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS794XX TI1-TPS794XX_16 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com