Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS77128DGK Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS77128DGK
Description  150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS77128DGK Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS77128DGK Datasheet HTML 2Page - Texas Instruments TPS77128DGK Datasheet HTML 3Page - Texas Instruments TPS77128DGK Datasheet HTML 4Page - Texas Instruments TPS77128DGK Datasheet HTML 5Page - Texas Instruments TPS77128DGK Datasheet HTML 6Page - Texas Instruments TPS77128DGK Datasheet HTML 7Page - Texas Instruments TPS77128DGK Datasheet HTML 8Page - Texas Instruments TPS77128DGK Datasheet HTML 9Page - Texas Instruments TPS77128DGK Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
TPS77101/115/118/127/128/133/150 WITH RESET OUTPUT
TPS77201/215/218/227/228/233/250 WITH POWER GOOD OUTPUT
150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
SLVS225D – FEBRUARY 2000 – REVISED OCTOBER 2000
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DISSIPATION RATING TABLE – FREE-AIR TEMPERATURES
PACKAGE
AIR FLOW
(CFM)
θJA
(
°C/W)
θJC
(
°C/W)
TA < 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
0
266.2
3.84
376 mW
3.76 mW/
°C
207 mW
150 mW
DGK
150
255.2
3.92
392 mW
3.92 mW/
°C
216 mW
157 mW
DGK
250
242.8
4.21
412 mW
4.12 mW/
°C
227 mW
165 mW
recommended operating conditions
MIN
MAX
UNIT
Input voltage, VI†
2.7
10
V
Output voltage range, VO
1.5
5.5
V
Output current, IO (see Note 2)
0
150
mA
Operating virtual junction temperature, TJ (see Note 2)
– 40
125
°C
† To calculate the minimum input voltage for your maximum output current, use the following equation: VI(min) = VO(max) + VDO(max load).
NOTE 2: Continuous current and operating junction temperature are limited by internal protection circuitry, but it is not recommended that the
device operate under conditions beyond those specified in this table for extended periods of time.
Obsolete Devices: TPS77127, TPS77201, TPS77215, TPS77218


Similar Part No. - TPS77128DGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77128DGK TI-TPS77128DGK Datasheet
357Kb / 23P
[Old version datasheet]   150-mA LDO REGULATORS WITH INTEGRATED RESET OR PG
TPS77128DGK TI-TPS77128DGK Datasheet
354Kb / 25P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77128DGK TI-TPS77128DGK Datasheet
406Kb / 28P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77128DGKG4 TI-TPS77128DGKG4 Datasheet
354Kb / 25P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77128DGKG4 TI-TPS77128DGKG4 Datasheet
406Kb / 28P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
More results

Similar Description - TPS77128DGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77101 TI-TPS77101_07 Datasheet
406Kb / 28P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77250 TI-TPS77250 Datasheet
354Kb / 25P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77115 TI-TPS77115 Datasheet
351Kb / 10P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77101-Q1 TI1-TPS77101-Q1 Datasheet
431Kb / 25P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS771 TI-TPS771_15 Datasheet
716Kb / 26P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77301 TI1-TPS77301_16 Datasheet
883Kb / 25P
[Old version datasheet]   250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77301 TI-TPS77301_08 Datasheet
518Kb / 26P
[Old version datasheet]   250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77350 TI-TPS77350 Datasheet
347Kb / 24P
[Old version datasheet]   250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
logo
Fairchild Semiconductor
FAN2502 FAIRCHILD-FAN2502_10 Datasheet
264Kb / 10P
   150 mA CMOS LDO Regulators
FAN2502 FAIRCHILD-FAN2502 Datasheet
255Kb / 10P
   150 mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com