Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS76550DG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS76550DG4
Description  ULTRA-LOW QUIESCIENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATORS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS76550DG4 Datasheet(HTML) 4 Page - Texas Instruments

  TPS76550DG4 Datasheet HTML 1Page - Texas Instruments TPS76550DG4 Datasheet HTML 2Page - Texas Instruments TPS76550DG4 Datasheet HTML 3Page - Texas Instruments TPS76550DG4 Datasheet HTML 4Page - Texas Instruments TPS76550DG4 Datasheet HTML 5Page - Texas Instruments TPS76550DG4 Datasheet HTML 6Page - Texas Instruments TPS76550DG4 Datasheet HTML 7Page - Texas Instruments TPS76550DG4 Datasheet HTML 8Page - Texas Instruments TPS76550DG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
TPS76515, TPS76518, TPS76525, TPS76527
TPS76528, TPS76530, TPS76533, TPS76550, TPS76501
ULTRA-LOW QUIESCIENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATORS
SLVS236 – AUGUST 1999
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions – SOIC Package
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
EN
4
I
Enable input
FB/NC
1
I
Feedback input voltage for adjustable device (no connect for fixed options)
GND
3
Regulator ground
IN
5
I
Input voltage
IN
6
I
Input voltage
OUT
7
O
Regulated output voltage
OUT
8
O
Regulated output voltage
PG
2
O
PG output
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Input voltage range, VI
– 0.3 V to 13.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range at EN
–0.3 V to 16.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum PG voltage
16.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak output current
Internally limited
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See dissipation rating tables
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage, VO (OUT, FB)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature range, TJ
–40
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ESD rating, HBM
2 kV
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
‡ All voltage values are with respect to network terminal ground.
DISSIPATION RATING TABLE 1 – FREE-AIR TEMPERATURES
PACKAGE
AIR FLOW
(CFM)
TA < 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
D
0
568 mW
5.68 mW/
°C
312 mW
227 mW
D
250
904 mW
9.04 mW/
°C
497 mW
361 mW
recommended operating conditions
MIN
MAX
UNIT
Input voltage, VIk
2.7
10
V
Output voltage range, VO
1.2
5.5
V
Output current, IO (Note 1)
0
150
mA
Operating virtual junction temperature, TJ (Note 1)
–40
125
°C
k To calculate the minimum input voltage for your maximum output current, use the following equation: VI(min) = VO(max) + VDO(max load).
NOTE 1: Continuous current and operating junction temperature are limited by internal protection circuitry, but it is not recommended that the
device operate under conditions beyond those specified in this table for extended periods of time.
Obsolete Devices: TPS76501, TPS76525, TPS76528


Similar Part No. - TPS76550DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76550D TI-TPS76550D Datasheet
266Kb / 18P
[Old version datasheet]   ULTRA-LOW QUIESCIENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS76550DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76515 TI-TPS76515 Datasheet
266Kb / 18P
[Old version datasheet]   ULTRA-LOW QUIESCIENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS76615 TI-TPS76615 Datasheet
266Kb / 18P
[Old version datasheet]   ULTRA LOW QUIESCENT CURRENT 250-mA LOW-DROPOUT VOLTAGE REGULATORS
LP3986 TI1-LP3986 Datasheet
1Mb / 18P
[Old version datasheet]   Dual Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulators
logo
ON Semiconductor
NCP4682 ONSEMI-NCP4682_12 Datasheet
380Kb / 22P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
October, 2012 ??Rev. 3
NVTFS5826NL ONSEMI-NVTFS5826NL Datasheet
445Kb / 6P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
January, 2011 ??Rev. 0
NVTFS5820NL ONSEMI-NVTFS5820NL Datasheet
445Kb / 6P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
July, 2011 ??Rev. 1
NCP4682 ONSEMI-NCP4682 Datasheet
445Kb / 22P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
January, 2011 ??Rev. 0
logo
Texas Instruments
TPS76301 TI-TPS76301 Datasheet
305Kb / 20P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
logo
ON Semiconductor
NCP623 ONSEMI-NCP623_15 Datasheet
133Kb / 15P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator
October, 2015 ??Rev. 11
logo
Texas Instruments
TPS76301 TI1-TPS76301_16 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com