Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS76730-EP Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS76730-EP
Description  FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS76730-EP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS76730-EP Datasheet HTML 3Page - Texas Instruments TPS76730-EP Datasheet HTML 4Page - Texas Instruments TPS76730-EP Datasheet HTML 5Page - Texas Instruments TPS76730-EP Datasheet HTML 6Page - Texas Instruments TPS76730-EP Datasheet HTML 7Page - Texas Instruments TPS76730-EP Datasheet HTML 8Page - Texas Instruments TPS76730-EP Datasheet HTML 9Page - Texas Instruments TPS76730-EP Datasheet HTML 10Page - Texas Instruments TPS76730-EP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
TPS76715-EP, TPS76718-EP, TPS76725-EP, TPS76727-EP
TPS76728-EP, TPS76730-EP, TPS76733-EP, TPS76750-EP, TPS76701-EP
FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
SGLS157 – MARCH 2003
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range,
VI = VO(typ) + 1 V, IO = 1 mA, EN = 0 V, Co = 10 µF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TPS76701
1.5 V
≤ VO ≤ 5.5 V,
TJ = 25°C
VO
TPS76701
1.5 V
≤ VO ≤ 5.5 V,
TJ = –40°C to 125°C
0.98VO
1.02VO
TPS76715
TJ = 25°C,
2.7 V < VIN < 10 V
1.5
TPS76715
TJ = –40°C to 125°C, 2.7 V < VIN < 10 V
1.470
1.530
TPS76718
TJ = 25°C,
2.8 V < VIN < 10 V
1.8
TPS76718
TJ = –40°C to 125°C, 2.8 V < VIN < 10 V
1.764
1.836
TPS76725
TJ = 25°C,
3.5 V < VIN < 10 V
2.5
TPS76725
TJ = –40°C to 125°C, 3.5 V < VIN < 10 V
2.450
2.550
Output voltage (10
µA to 1 A load)
TPS76727
TJ = 25°C,
3.7 V < VIN < 10 V
2.7
V
Out ut voltage (10
µA to 1 A load)
(see Note 2)
TPS76727
TJ = –40°C to 125°C, 3.7 V < VIN < 10 V
2.646
2.754
V
TPS76728
TJ = 25°C,
3.8 V < VIN < 10 V
2.8
TPS76728
TJ = –40°C to 125°C, 3.8 V < VIN < 10 V
2.744
2.856
TPS76730
TJ = 25°C,
4.0 V < VIN < 10 V
3.0
TPS76730
TJ = –40°C to 125°C, 4.0 V < VIN < 10 V
2.940
3.060
TPS76733
TJ = 25°C,
4.3 V < VIN < 10 V
3.3
TPS76733
TJ = –40°C to 125°C, 4.3 V < VIN < 10 V
3.234
3.366
TPS76750
TJ = 25°C,
6.0 V < VIN < 10 V
5.0
TPS76750
TJ = –40°C to 125°C, 6.0 V < VIN < 10 V
4.900
5.100
Quiescent current (GND current)
10
µA < IO < 1 A,
TJ = 25°C
85
A
Quiescent current (GND current)
EN = 0V, (see Note 2)
IO = 1 A,
TJ = –40°C to 125°C
125
µA
Output voltage line regulation (
∆VO/VO)
(see Notes 2 and 3)
VO + 1 V < VI ≤ 10 V, TJ = 25°C
0.01
%/V
Load regulation
3
mV
Output noise voltage (TPS76718)
BW = 200 Hz to 100 kHz, IC = 1 A,
Co = 10 µF,
TJ = 25°C
55
µVrms
Output current limit
VO = 0 V
1.7
2
A
Thermal shutdown junction temperature
150
°C
Standby current
EN = VI,
TJ = 25°C,
2.7 V < VI < 10 V
1
µA
Standby current
EN = VI,
TJ = –40°C to 125°C
2.7 V < VI < 10 V
10
µA
FB input current
TPS76701
FB = 1.5 V
2
nA
High level enable input voltage
1.7
V
Low level enable input voltage
0.9
V
Power supply ripple rejection (see Note 2)
f = 1 KHz,
Co = 10 µF,
TJ = 25°C
60
dB
NOTES:
2. Minimum IN operating voltage is 2.7 V or VO(typ) + 1 V, whichever is greater. Maximum IN voltage 10V.
3. If VO ≤ 1.8 V then VImax = 10 V, VImin = 2.7 V:
Line Reg. (mV)
+ % V
V
O
V
Imax *
2.7 V
100
1000
If VO ≥ 2.5 V then VImax = 10 V, VImin = VO + 1 V:
Line Reg. (mV)
+ % V
V
O
V
Imax *
V
O )
1V
100
1000


Similar Part No. - TPS76730-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76730 TI1-TPS76730 Datasheet
1Mb / 33P
[Old version datasheet]   Fast-Transient-Response 1-A Low-Dropout Linear Regulators
TPS76730Q TI-TPS76730Q Datasheet
292Kb / 20P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76730Q TI-TPS76730Q Datasheet
403Kb / 22P
[Old version datasheet]   FAST TRANSIENT RESPONSE 1-A LOW DROPOUT LINEAR REGULATORS
TPS76730Q TI-TPS76730Q Datasheet
487Kb / 24P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT LINEAR REGULATORS
TPS76730Q TI1-TPS76730Q Datasheet
1Mb / 33P
[Old version datasheet]   Fast-Transient-Response 1-A Low-Dropout Linear Regulators
More results

Similar Description - TPS76730-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815Q TI-TPS76815Q Datasheet
279Kb / 22P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76818 TI-TPS76818_15 Datasheet
1Mb / 27P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-Q1 TI1-TPS76815-Q1_16 Datasheet
577Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76825Q TI-TPS76825Q Datasheet
430Kb / 23P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76701-EP TI1-TPS76701-EP Datasheet
855Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76801-Q1 TI1-TPS76801-Q1 Datasheet
561Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76701-Q1 TI1-TPS76701-Q1 Datasheet
469Kb / 24P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76818-EP TI-TPS76818-EP Datasheet
758Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815 TI-TPS76815_15 Datasheet
1Mb / 27P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com