Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS76728-EP Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS76728-EP
Description  FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS76728-EP Datasheet(HTML) 4 Page - Texas Instruments

  TPS76728-EP Datasheet HTML 1Page - Texas Instruments TPS76728-EP Datasheet HTML 2Page - Texas Instruments TPS76728-EP Datasheet HTML 3Page - Texas Instruments TPS76728-EP Datasheet HTML 4Page - Texas Instruments TPS76728-EP Datasheet HTML 5Page - Texas Instruments TPS76728-EP Datasheet HTML 6Page - Texas Instruments TPS76728-EP Datasheet HTML 7Page - Texas Instruments TPS76728-EP Datasheet HTML 8Page - Texas Instruments TPS76728-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
TPS76715-EP, TPS76718-EP, TPS76725-EP, TPS76727-EP
TPS76728-EP, TPS76730-EP, TPS76733-EP, TPS76750-EP, TPS76701-EP
FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
SGLS157 – MARCH 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
functional block diagram—fixed-voltage version
_
+
Vref = 1.1834 V
OUT
EN
GND
R1
R2
RESET
_
+
IN
200 ms Delay
Terminal Functions
PWP Package
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
EN
5
I
Enable input
FB/NC
15
I
Feedback input voltage for adjustable device (no connect for fixed options)
GND
3
Regulator ground
GND/HSINK
1, 2, 9, 10, 11,
12, 19, 20
Ground/heatsink
IN
6, 7
I
Input voltage
NC
4, 8, 17, 18
No connect
OUT
13, 14
O
Regulated output voltage
RESET
16
O
RESET output


Similar Part No. - TPS76728-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76728 TI-TPS76728 Datasheet
292Kb / 20P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76728 TI1-TPS76728 Datasheet
1Mb / 33P
[Old version datasheet]   Fast-Transient-Response 1-A Low-Dropout Linear Regulators
TPS76728Q TI-TPS76728Q Datasheet
292Kb / 20P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76728Q TI-TPS76728Q Datasheet
403Kb / 22P
[Old version datasheet]   FAST TRANSIENT RESPONSE 1-A LOW DROPOUT LINEAR REGULATORS
TPS76728Q TI-TPS76728Q Datasheet
487Kb / 24P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS76728-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815Q TI-TPS76815Q Datasheet
279Kb / 22P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76818 TI-TPS76818_15 Datasheet
1Mb / 27P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-Q1 TI1-TPS76815-Q1_16 Datasheet
577Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76825Q TI-TPS76825Q Datasheet
430Kb / 23P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76701-EP TI1-TPS76701-EP Datasheet
855Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76801-Q1 TI1-TPS76801-Q1 Datasheet
561Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76701-Q1 TI1-TPS76701-Q1 Datasheet
469Kb / 24P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76818-EP TI-TPS76818-EP Datasheet
758Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815 TI-TPS76815_15 Datasheet
1Mb / 27P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com