Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS75618KTTR Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS75618KTTR
Description  FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS75618KTTR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS75618KTTR Datasheet HTML 3Page - Texas Instruments TPS75618KTTR Datasheet HTML 4Page - Texas Instruments TPS75618KTTR Datasheet HTML 5Page - Texas Instruments TPS75618KTTR Datasheet HTML 6Page - Texas Instruments TPS75618KTTR Datasheet HTML 7Page - Texas Instruments TPS75618KTTR Datasheet HTML 8Page - Texas Instruments TPS75618KTTR Datasheet HTML 9Page - Texas Instruments TPS75618KTTR Datasheet HTML 10Page - Texas Instruments TPS75618KTTR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
www.ti.com
IO − Output Current − A
1.530
1.485
1.515
1.5
1.470
1.545
0
1.455
1
5
2
VI = 2.8 V
TJ = 25°C
3
4
IO − Output Current − A
3.330
3.270
3.315
3.285
3.255
1
5
3.345
0
3
VI = 4.3 V
TJ = 25°C
2
4
3.3
TJ − Junction Temperature − °C
3.315
5
125
3.33
3.3
20
80
3.270
3.285
3.255
3.345
VI = 4.3 V
−40 −25
10
35
50
65
110
95
TJ − Junction Temperature − °C
1.470
1.485
1.455
1.530
VI = 2.8 V
1.5
1.515
1.545
−40
20
110
35
95
−25 −10
5
50
65
80
125
TPS75601, TPS75615
TPS75618, TPS75625
TPS75633
SLVS329C – JUNE 2001 – REVISED MARCH 2004
TPS75633
TPS75615
OUTPUT VOLTAGE
OUTPUT VOLTAGE
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 2.
Figure 3.
TPS75633
TPS75615
OUTPUT VOLTAGE
OUTPUT VOLTAGE
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 4.
Figure 5.
7


Similar Part No. - TPS75618KTTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75618KTTR TI-TPS75618KTTR Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75618KTTR TI1-TPS75618KTTR Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75618KTTRG3 TI1-TPS75618KTTRG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS75618KTTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75601KTTTG3 TI-TPS75601KTTTG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75515 TI-TPS75515 Datasheet
373Kb / 23P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75525 TI-TPS75525 Datasheet
370Kb / 27P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75618KTTTG3 TI1-TPS75618KTTTG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75515 TI1-TPS75515_16 Datasheet
1Mb / 29P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75515KTTT TI1-TPS75515KTTT Datasheet
1Mb / 29P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75625 TI-TPS75625 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI-TPS75801 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com