Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OH300 Datasheet(PDF) 2 Page - Connor-Winfield Corporation

Part # OH300
Description  Oven Stabilized Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

OH300 Datasheet(HTML) 2 Page - Connor-Winfield Corporation

  OH300 Datasheet HTML 1Page - Connor-Winfield Corporation OH300 Datasheet HTML 2Page - Connor-Winfield Corporation OH300 Datasheet HTML 3Page - Connor-Winfield Corporation OH300 Datasheet HTML 4Page - Connor-Winfield Corporation OH300 Datasheet HTML 5Page - Connor-Winfield Corporation OH300 Datasheet HTML 6Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Specifications subject to change without notification. See Connor-Winfield's website for latest revision. All dimensions in inches.
© Copyright 2015 The Connor-Winfield Corporation Not intended for life support applications.
2111 Comprehensive Drive
Aurora, Illinois 60505
Phone: 630- 851- 4722
Fax: 630- 851- 5040
www.conwin.com
Absolute Maximum Ratings
Parameter
Minimum
Nominal
Maximum
Units
Notes
Storage Temperature
-55
-
125
°C
Supply Voltage
-0.5
-
7.0
Vdc
Control Voltage (Vc)
-0.5
-
7.0
Vdc
Operating Supply Voltage 3.3 Vdc (Vcc)
3.13
3.30
3.47
Vdc
Operating Supply Voltage 5.0 Vdc (Vcc)
4.75
5.00
5.25
Vdc
Operating Specifications
Parameter
Minimum
Nominal
Maximum
Units
Notes
Center Frequency: (Fo)
5
-
40
MHz
Operating Temperature Range:
Temperature Code 5
0
-
70
°C
Temperature Code 6
-40
-
85
°C
Temperature Code 7
-20
-
70
°C
Temperature Code 8
-40
-
70
°C
Temperature Code 9
-20
-
75
°C
Frequency Calibration:
-0.1
-
0.1
ppm
@ 25°C
Frequency Stability vs. Change in Temperature:
Stability Code 05
-5.0
-
5.0
ppb
1, 2
Stability Code 10
-10.0
-
10.0
ppb
2
Stability Code 20
-20.0
-
20.0
ppb
2
Stability Code 50
-50.0
-
50.0
ppb
2
Frequency Stability vs. Load
-2.0
-
2.0
ppb
±5%
Frequency Stability vs. Voltage
-2.0
-
2.0
ppb
±5%
Aging: Daily:
5 MHz to 20 MHz
-1.0
-
1.0
ppb/day
3
>20 MHz to 40 MHz
-2.0
-
2.0
ppb/day
3
Aging: First Year:
5 MHz to 20 MHz
-50
-
50
ppb
>20 MHz to 40 MHz
-100
-
100
ppb
Lifetime Tolerance: (20 Years)
5 MHz to 20 MHz
-300
-
300
ppb
4
>20 MHz to 40 MHz
-500
-
500
ppb
4
Supply Voltage: (Vcc)
Voltage Code 03
3.13
3.30
3.47
Vdc
5
Voltage Code 05
4.75
5.00
5.25
Vd
5
Power Consumption: Turn-On
0 to 70°C Models
-
-
3.00
W
6
-20 to 70°C Models
-
-
3.20
W
6
-20 to 75°C Models
-
-
3.30
W
6
-40 to 85°C Models
-
-
3.80
W
6
Power Consumption: Steady State @ 25°C
0 to 70°C Models
-
-
1.10
W
6
-20 to 70°C Models
-
-
1.15
W
6
-20 to 75°C Models
-
-
1.20
W
6
-40 to 85°C Models
-
-
1.50
W
6
Phase Jitter: (BW: 10 Hz to Fo/2)
-
-
1.0
ps rms
Short Term Allan Deviation (1s)
-
1.0E-11
-
rms
Start-Up Time:
-
-
500
ms
Warm Up Time @ 25°C:
-
-
5
minutes
7
Bulletin
Cx210
Page
2 of 6
Revision
15
Date
06 March 2015
Absolute Ratings: Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress
ratings only. The functional operation of the device at those or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to conditions outside the "recommended operating conditions" for any extended period of time may adversely
impact device reliability and result in failures not covered by warranty.
Attention: System Designers please review Application Note AN2093:
System Design Information and Printed Circuit Board Layout Guidelines for OCXO Oscillators.
@ www.conwin.com/support.html


Similar Part No. - OH300

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OH3000 OPTEK-OH3000 Datasheet
620Kb / 9P
   Hallogic Hall-effect Sensors
More results

Similar Description - OH300

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
OH100 CONNOR-WINFIELD-OH100 Datasheet
507Kb / 4P
   Oven Stabilized Oscillator
DOC CONNOR-WINFIELD-DOC Datasheet
718Kb / 4P
   Surface Mount Oven Stabilized Oscillator DOC Series
DOC100V-020M CONNOR-WINFIELD-DOC100V-020M Datasheet
648Kb / 4P
   Surface Mount Oven Stabilized Oscillator DOC Series
logo
MMD Components
MOBH5 MMD-MOBH5 Datasheet
126Kb / 2P
   Oven Controlled Oscillator
MOAH MMD-MOAH Datasheet
120Kb / 1P
   Oven Controlled Oscillator
MOCH15 MMD-MOCH15 Datasheet
111Kb / 2P
   Oven Controlled Oscillator
MOBH MMD-MOBH Datasheet
118Kb / 1P
   Oven Controlled Oscillator
MOAH3 MMD-MOAH3 Datasheet
108Kb / 2P
   Oven Controlled Oscillator
MODZ12 MMD-MODZ12 Datasheet
126Kb / 2P
   Oven Controlled Oscillator
MOFH12 MMD-MOFH12 Datasheet
122Kb / 2P
   Oven Controlled Oscillator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com