Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS72518KTTTG3 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS72518KTTTG3
Description  LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS72518KTTTG3 Datasheet(HTML) 4 Page - Texas Instruments

  TPS72518KTTTG3 Datasheet HTML 1Page - Texas Instruments TPS72518KTTTG3 Datasheet HTML 2Page - Texas Instruments TPS72518KTTTG3 Datasheet HTML 3Page - Texas Instruments TPS72518KTTTG3 Datasheet HTML 4Page - Texas Instruments TPS72518KTTTG3 Datasheet HTML 5Page - Texas Instruments TPS72518KTTTG3 Datasheet HTML 6Page - Texas Instruments TPS72518KTTTG3 Datasheet HTML 7Page - Texas Instruments TPS72518KTTTG3 Datasheet HTML 8Page - Texas Instruments TPS72518KTTTG3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
TPS72501
TPS72515, TPS72516
TPS72518, TPS72525
SLVS341E – MAY 2002 – REVISED JUNE 2010
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
over recommended operating free-air temperature range VI = VO(typ) + 1 V, IO= 1 mA, EN = IN, Co = 1 µF, Ci = 1 µF (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IO = 1 A
TJ = 25°C
170
TPS72525 (4)
IO = 1 A
280
VDO
Dropout voltage
mV
IO = 1 A
TJ = 25°C
210
TPS72518 (5)
IO = 1 A
320
Minimum input voltage for valid
1.3
V
RESET
Trip threshold voltage
90
93
96
%VO
Hysteresis voltage
10
mV
RESET
t(RESET) delay time
25
50
75
ms
Rising edge deglitch
10
µs
Output low voltage (at 700 µA)
-0.3
0.4
V
Leakage current
100
nA
(4)
Dropout voltage is defined as the differential voltage between VO and VI when VO drops 100 mV below the value measured with
VI = VO + 1 V.
(5)
Dropout voltage is defined as the differential voltage between VO and VI when VO drops 100 mV below the value measured with
VI = VO + 1 V.
4
Submit Documentation Feedback
Copyright © 2002–2010, Texas Instruments Incorporated
Product Folder Link(s): TPS72501 TPS72515 TPS72516 TPS72518 TPS72525


Similar Part No. - TPS72518KTTTG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72518KTTTG3 TI-TPS72518KTTTG3 Datasheet
716Kb / 22P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
More results

Similar Description - TPS72518KTTTG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS726126 TI-TPS726126 Datasheet
445Kb / 16P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72501 TI-TPS72501_07 Datasheet
716Kb / 22P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72615 TI-TPS72615 Datasheet
441Kb / 15P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS726126 TI1-TPS726126_16 Datasheet
992Kb / 23P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72501 TI-TPS72501_15 Datasheet
1,010Kb / 29P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72616DCQRG4 TI-TPS72616DCQRG4 Datasheet
740Kb / 23P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72501 TI-TPS72501 Datasheet
535Kb / 18P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
logo
ams AG
AS1353 AMSCO-AS1353_04 Datasheet
726Kb / 14P
   Linear Low-Dropout 150mA Voltage Regulators
AS1353 AMSCO-AS1353 Datasheet
80Kb / 2P
   Linear Low-Dropout 150mA Voltage Regulators
logo
Unisonic Technologies
LD3117 UTC-LD3117 Datasheet
219Kb / 4P
   500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com