Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC277 Datasheet(PDF) 1 Page - Connor-Winfield Corporation

Part # EC277
Description  Tape and Reel Packaging
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

EC277 Datasheet(HTML) 1 Page - Connor-Winfield Corporation

  EC277 Datasheet HTML 1Page - Connor-Winfield Corporation EC277 Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2111 Comprehensive Drive
Aurora, Illinois 60505
Phone: 630- 851- 4722
Fax: 630- 851- 5040
www.conwin.com
Low Jitter
LVPECL
Clock Oscillator
Description:
The Connor-Winfield PBxxx series are
5.0x7.0mm Surface Mount, LVPECL output
logic, Fixed Frequency Crystal Controlled
Oscillator (XO) designed for applications
requiring tight frequency stability, wide
temperature range with very low jitter. Operating at
3.3V supply voltage, the PBxxx series provides LVPECL
Differential Outputs with enable / disable function. The
surface mount package is designed for high-density
mounting and is optimum for mass production.
Operating Specifications
Parameter
Minimum
Nominal
Maximum
Units
Notes
Output Frequency; (Fo)
125
-
170
MHz
Total Frequency Tolerance
(See Ordering Information for full part number)
Model PBx43
-20
-
20
ppm
1
Model PBx13
-25
-
25
ppm
1
Model PBx23
-50
-
50
ppm
1
Model PBx33
-100
-
100
ppm
1
Operating Temperature Range (See Ordering Information for full part number)
Model PB1x3
0
-
70
°C
Model PB2x3
-40
-
85
°C
Model PB3x3
0
-
85
°C
Model PB4x3
-20
-
70
°C
Freq. Stability vs. Supply Voltage Change: -
±0.5
-
ppm
2
Supply Voltage: (Vcc)
3.135
3.3
3.465
Vdc
Supply Current: (Icc)
-
40
50
mA
Jitter:
Period Jitter
-
3.0
5.0
ps RMS
Integrated Phase Jitter (BW = 12 KHz to 20 MHz)
-
0.060
0.100
ps RMS
SSB Phase Noise: Fo = 156.25 MHz
@ 10 Hz offset
-
-64
-
dBc/Hz
@ 100 Hz offset
-
-95
-
dBc/Hz
@ 1 KHz offset
-
-126
-
dBc/Hz
@ 10 KHz offset
-
-149
-
dBc/Hz
@ 100 KHz offset
-
-159
-
dBc/Hz
@ 1 MHz offset
-
-161
-
dBc/Hz
Start-Up Time:
-
-
2
ms
Absolute Maximum Ratings
Parameter
Minimum
Nominal
Maximum
Units
Notes
Storage Temperature
-55
-
125
°C
Supply Voltage (Vcc)
-0.5
-
4.6
Vdc
Input Voltage
-0.5
-
Vcc + 0.5
Vdc
Features:
Model PBxxx - Series
5 x 7mm Surface Mount Package
3.3 Vdc Operation
LVPECL Differential Outputs
Frequency Stabilities Available:
+/-20 ppm,+/-25 ppm, +/-50 ppm or +/-100 ppm
Temperature Ranges Available:
0 to 70°C, -40 to 85°C, 0 to 85°C or -20 to 70°C
Low Jitter <0.1ps RMS
Tri-State Enable/Disable on Pad 1
Tape and Reel Packaging
RoHS Compliant / Lead Free
Bulletin
Ec277
Page
1 of 2
Revision
06
Date
09 Aug 2016
LVPECL Output Characteristics
Parameter
Minimum
Nominal
Maximum
Units
Notes
Load:
-
50
-
Ohm
4
Output Voltage:
(High) (Vcc = 3.3 V) (Voh)
2.275
-
-
V
(Low) (Vcc = 3.3 V) (Vol)
-
-
1.680
V
Duty Cycle: at 50% Level
45
50
55
%
5
Rise / Fall Time: 20% to 80%
-
0.3
1.0
ns
Ordering Information
Type
PB Series
LVPECL
Low Jitter
Clock Series
5x7 mm
Temperature
Range
1 = 0 to 70°C
2 = -40 to 85°C
3 = 0 to 85°C
4 = -20 to 70°C
Frequency
Stability
4 = ±20 ppm
1 = ±25 ppm
2 = ±50 ppm
3 = ±100 ppm
Output Frequency
Frequency Format
-xxx.xM Min*
-xxx.xxxxxxM Max*
*Amount of numbers
after the decimal
point. M = MHz
PB
2
2
- 156.25M
Supply Voltage
3 = 3.3 Vdc, OE Pad 1
3
Example: Part Number
PB223-156.25M = LVPECL Output,-40 to 85, ±50ppm, 3.3Vdc, OE Pad 1, Output Frequency 156.25 MHz
Applications:
40GB Ethernet and 100GB Ethernet reference clocks.
High speed Data conversion, ADC, DAC
Fiber channel
Storage Area Networks, SANs


Similar Part No. - EC277

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC27 ECLIPTEK-EC27 Datasheet
202Kb / 3P
   OSCILLATOR
EC2700ETTS-30.000M ECLIPTEK-EC2700ETTS-30.000M Datasheet
202Kb / 3P
   OSCILLATOR
EC2700ETTS-30.000MTR ECLIPTEK-EC2700ETTS-30.000MTR Datasheet
202Kb / 3P
   OSCILLATOR
EC2700ETTS-30000M ECLIPTEK-EC2700ETTS-30000M Datasheet
202Kb / 3P
   OSCILLATOR
EC2700ETTS-30000MTR ECLIPTEK-EC2700ETTS-30000MTR Datasheet
202Kb / 3P
   OSCILLATOR
More results

Similar Description - EC277

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR3430ARJZ AD-ADR3430ARJZ Datasheet
395Kb / 6P
   Tape and Reel Packaging
ADR3450ARJZ AD-ADR3450ARJZ Datasheet
395Kb / 6P
   Tape and Reel Packaging
logo
Connor-Winfield Corpora...
DV75D CONNOR-WINFIELD-DV75D Datasheet
426Kb / 2P
   Tape and Reel Packaging
logo
STMicroelectronics
STR2550 STMICROELECTRONICS-STR2550 Datasheet
535Kb / 10P
   Tape and reel packaging
May 2014 Rev 5
logo
Coto Technology
CT10-1532-G2 COTO-CT10-1532-G2 Datasheet
1Mb / 2P
   Tape and reel packaging
logo
Analog Devices
ADR3440ARJZ AD-ADR3440ARJZ Datasheet
395Kb / 6P
   Tape and Reel Packaging
logo
M/A-COM Technology Solu...
MAADCC0006 MA-COM-MAADCC0006_15 Datasheet
799Kb / 6P
   Tape and Reel Packaging Available
MABA-011037 MA-COM-MABA-011037 Datasheet
554Kb / 4P
   Tape and reel packaging available
MAAD-007082 MA-COM-MAAD-007082 Datasheet
825Kb / 8P
   Tape and Reel Packaging Available
MAAD-007083 MA-COM-MAAD-007083 Datasheet
787Kb / 5P
   Tape and Reel Packaging Available
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com