Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS73601-Q1 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS73601-Q1
Description  CAP-FREE NMOS 400 mA LOW-DROPOUT REGULATORS WITH REVERSE CURRENT PROTECTION
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS73601-Q1 Datasheet(HTML) 2 Page - Texas Instruments

  TPS73601-Q1 Datasheet HTML 1Page - Texas Instruments TPS73601-Q1 Datasheet HTML 2Page - Texas Instruments TPS73601-Q1 Datasheet HTML 3Page - Texas Instruments TPS73601-Q1 Datasheet HTML 4Page - Texas Instruments TPS73601-Q1 Datasheet HTML 5Page - Texas Instruments TPS73601-Q1 Datasheet HTML 6Page - Texas Instruments TPS73601-Q1 Datasheet HTML 7Page - Texas Instruments TPS73601-Q1 Datasheet HTML 8Page - Texas Instruments TPS73601-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
DESCRIPTION
TPS73601-EP, TPS73615-EP, TPS73618-EP
TPS73625-EP, TPS73630-EP, TPS73632-EP, TPS73633-EP
SGLS326C – APRIL 2006 – REVISED FEBRUARY 2009 .................................................................................................................................................. www.ti.com
The TPS736xx family of low-dropout (LDO) linear voltage regulators uses a new topology—an NMOS pass
element in a voltage-follower configuration. This topology is stable using output capacitors with low ESR and
allows operation without a capacitor. It also provides high reverse blockage (low reverse current) and ground-pin
current that is nearly constant over all values of output current.
The TPS736xx uses an advanced BiCMOS process to yield high precision while delivering low dropout voltages
and low ground-pin current. Current consumption, when not enabled, is under 1
µA and ideal for portable
applications. The low output noise (30
µV
RMS with 0.1-µF CNR) is ideal for powering VCOs. These devices are
protected by thermal shutdown and foldback current limit.
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PRODUCT INFORMATION
PRODUCT
VOUT
(1)
xx is normal output voltage (for example, 25 = 2.5 V, 01 = Adjustable(2)).
TPS736xxMyyyREP
yyy is package designator.
z is package quantity.
(1)
Additional output voltages from 1.25 V to 4.3 V in 100 mV increments are available on a quick-turn basis using innovative factory
EEPROM programming. Minimum order quantities apply; contact TI for details and availability.
(2)
For fixed 1.2-V operation, tie FB to OUT.
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
TPS73601MDBVREP
PJRM
TPS73615MDBVREP
T59
TPS73618MDBVREP
T60
SOT23 - DBV
TPS73625MDBVREP
T61
–55°C to 125°C
TPS73630MDBVREP
T62
TPS73632MDBVREP
T63
TPS73633MDBVREP
T64
SOT223 - DCQ
TPS73601MDCQREP
PWZM
SON - DRB
TPS73601MDRBREP
PMNM
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
TERMINAL FUNCTIONS
SOT23
SOT223
3x3 SON
NAME
(DBV)
(DCQ)
(DRB)
DESCRIPTION
PIN NO.
PIN NO.
PIN NO.
IN
1
1
8
Unregulated input supply
GND
2
3, 6
4, Pad
Ground
EN
3
5
5
Enable. Driving EN high turns on the regulator. Driving this pin low puts the regulator into
shutdown mode. See the Shutdown section under Applications Information for more details.
EN can be connected to IN if not used.
NR
4
4
3
Fixed-voltage versions only. Connecting an external capacitor to this pin bypasses noise
generated by the internal bandgap, reducing output noise to low levels.
FB
4
4
3
Feedback. Adjustable-voltage version only. This is the input to the control loop error
amplifier and is used to set the output voltage of the device.
OUT
5
2
1
Output of the regulator. There are no output capacitor requirements for stability.
2
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Link(s): TPS73601-EP TPS73615-EP TPS73618-EP TPS73625-EP TPS73630-EP TPS73632-EP
TPS73633-EP


Similar Part No. - TPS73601-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73601-Q1 TI1-TPS73601-Q1 Datasheet
576Kb / 22P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73601-Q1 TI1-TPS73601-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   TPS736xx-Q1, Cap-Free, NMOS, 400-mA Low-Dropout Regulator With Reverse Current Protection
TPS73601-Q1 TI1-TPS73601-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   TPS736xx-Q1, Cap-Free, NMOS, 400-mA Low-Dropout Regulator With Reverse Current Protection
More results

Similar Description - TPS73601-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73601-EP TI1-TPS73601-EP Datasheet
1Mb / 27P
[Old version datasheet]   CAP-FREE NMOS 400 mA LOW-DROPOUT REGULATORS WITH REVERSE CURRENT PROTECTION
TPS736 TI-TPS736_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS736xx Cap-Free, NMOS, 400-mA Low-Dropout Regulator with Reverse Current Protection
TPS73601-Q1 TI1-TPS73601-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   TPS736xx-Q1, Cap-Free, NMOS, 400-mA Low-Dropout Regulator With Reverse Current Protection
TPS73250-Q1 TI1-TPS73250-Q1 Datasheet
732Kb / 20P
[Old version datasheet]   Cap-Free, NMOS, 250-mA Low-Dropout Regulator with Reverse Current Protection
TPS732-Q1 TI1-TPS732-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   Cap-Free NMOS 250-mA Low-Dropout Regulator With Reverse-Current Protection
TPS73101-EP TI1-TPS73101-EP Datasheet
623Kb / 22P
[Old version datasheet]   CAP-FREE NMOS 150 mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73115-EP TI-TPS73115-EP_15 Datasheet
503Kb / 23P
[Old version datasheet]   CAP-FREE NMOS 150 mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73201-EP TI1-TPS73201-EP_15 Datasheet
918Kb / 22P
[Old version datasheet]   CAP-FREE NMOS 250-mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73101-EP TI1-TPS73101-EP_15 Datasheet
605Kb / 23P
[Old version datasheet]   CAP-FREE NMOS 150 mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73201-EP TI1-TPS73201-EP Datasheet
567Kb / 21P
[Old version datasheet]   CAP-FREE NMOS 250-mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com