Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G768B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # G768B
Description  Remote/Local Temperature Sensor, 2 Fan Controllers with SMBus Serial Interface and System Reset Circuit
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

G768B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  G768B Datasheet HTML 1Page - List of Unclassifed Manufacturers G768B Datasheet HTML 2Page - List of Unclassifed Manufacturers G768B Datasheet HTML 3Page - List of Unclassifed Manufacturers G768B Datasheet HTML 4Page - List of Unclassifed Manufacturers G768B Datasheet HTML 5Page - List of Unclassifed Manufacturers G768B Datasheet HTML 6Page - List of Unclassifed Manufacturers G768B Datasheet HTML 7Page - List of Unclassifed Manufacturers G768B Datasheet HTML 8Page - List of Unclassifed Manufacturers G768B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Ver 1.3
Oct 28, 2002
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G768B
Global Mixed-mode Technology Inc.
Remote/Local Temperature Sensor, 2 Fan Controllers
with SMBus Serial Interface and System Reset Circuit
Features
Measures Two Remote and One Local
Temperatures
No Calibration Required
SMBus 2-Wire Serial Interface
Programmable Under/Over-temperature
Alarms
Supports SMBus Alert Response
Accuracy: ±5°C (-40°C to + 125°C, remote)
±3°C (+60°C to + 100°C, remote)
+4.5V to +5.5V Supply Range
Constant Fan Speed Control
Built-in MOSFET switch
Internal short-circuit protection
PWM control for stable operation
Watchdog for fan control
Precision Monitoring of 5V Power-Supply
Voltage
140ms Min Power-On Reset Pulse Width
RESET Output
Guaranteed RESET Valid to VCC=1V
Power Supply Transient Immunity
No External Components needed for reset
function
Small, 16-Pin SSOP Package
Applications
Desktop and Notebook
Central Office Computers
Telecom Equipment
Smart Battery Packs
Test and Measurement
LAN Servers
Multi-Chip Modules
Industrial Controls
Pin Configuration
General Description
The G768B contains a precise digital thermometer, 2
fan controllers, and a system-reset circuit.
The G768B is backward compatible with G768, Except
that there is an additional watchdog function. This
function prevents fan from being out of control when
system fails.
The thermometer reports the temperature of 2 remote
sensors and its own package. The remote sensors are
diode-connected transistors typically a low-cost, easily
mounted 2N3904 NPN type that replace conventional
thermistors or thermocouples. Remote accuracy is ±5°C
for multiple transistor manufacturers, with no calibration
needed. The remote channel can also measure the die
temperature of other ICs, such as microprocessors, that
contain an on-chip, diode-connected transistor.
The 2-wire serial interface accepts standard System
Management Bus (SMBus
TM) Write Byte, Read Byte,
Send Byte, and Receive Byte commands to program
the alarm thresholds and to read temperature data.
The data format is 7 bits plus sign, with each bit cor-
responding to 1°C, in two’s-complement format.
Measurements can be done automatically and
autonomously, with the conversion rate programmed
by the user or programmed to operate in a single-shot
mode. The adjustable rate allows the user to control
the supply-current drain.
G768B also contains a 2-channel fan speed controller.
It connects directly to the fans and performs
closed-loop control of the fan speed independently.
The only external component required is a 10µF ca-
pacitor per channel. It determines the current fan
speed based on the fan rotation pulses and an exter-
nally supplied clock. (To be continued)
Ordering Information
PART*
TEMP. RANGE
PIN-PACKAGE
G768B
-10°C to +85°C
16SSOP
RESET
SMBDATA
1
2
3
4
5
6
7
8
OUT1
Vcc
DXP1
DXN
DXP2
GND
GND
16
15
14
13
12
11
10
9
OUT2
SMBCLK
FG2
ALERT
FG1
CLK
16Pin SSOP
Vcc
G768B


Similar Part No. - G768B

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G768D GMT-G768D Datasheet
343Kb / 16P
   Two Remote Temperature Sensors and One Fan Controller with SMBus Serial Interface and System Reset Circuit
More results

Similar Description - G768B

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G7921 GMT-G7921 Datasheet
157Kb / 1P
   Three Remote Temperature Sensors and One Fan Controllers with SMBus Serial Interface and System Reset Circuit
G7923 GMT-G7923 Datasheet
34Kb / 2P
   Three Remote Temperature Sensors and One Fan Controllers with SMBus Serial Interface and System Reset Circuit
G788 GMT-G788 Datasheet
45Kb / 1P
   Remote and Local Temperature Sensor with SMBus Serial Interface
Ver: 0.4 Oct 16, 2013
logo
Maxim Integrated Produc...
MAX1617A MAXIM-MAX1617A_12 Datasheet
343Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 1; 10/12
logo
Global Mixed-mode Techn...
G767 GMT-G767 Datasheet
393Kb / 14P
   Remote/Local Temperature Sensor with SMBus Serial Interface
logo
Maxim Integrated Produc...
MAX1617 MAXIM-MAX1617 Datasheet
226Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
19-1265; Rev 1; 3/98
MAX1617A MAXIM-MAX1617A_V01 Datasheet
1Mb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
2016
MAX1617 MAXIM-MAX1617_V01 Datasheet
1Mb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
2016
MAX1617 MAXIM-MAX1617_12 Datasheet
301Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 2; 11/12
MAX1617A MAXIM-MAX1617A Datasheet
234Kb / 18P
   Remote/Local Temperature Sensor with SMBus Serial Interface
19-4508; Rev 0; 1/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com